Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

74LV74 Datasheet(PDF) 5 Page - NXP Semiconductors

Part No. 74LV74
Description  Dual D-type flip-flop with set and reset; positive-edge trigger
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LV74 Datasheet(HTML) 5 Page - NXP Semiconductors

  74LV74 Datasheet HTML 1Page - NXP Semiconductors 74LV74 Datasheet HTML 2Page - NXP Semiconductors 74LV74 Datasheet HTML 3Page - NXP Semiconductors 74LV74 Datasheet HTML 4Page - NXP Semiconductors 74LV74 Datasheet HTML 5Page - NXP Semiconductors 74LV74 Datasheet HTML 6Page - NXP Semiconductors 74LV74 Datasheet HTML 7Page - NXP Semiconductors 74LV74 Datasheet HTML 8Page - NXP Semiconductors 74LV74 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Philips Semiconductors
Product specification
74LV74
Dual D-type flip-flop with set and reset;
positive edge-trigger
1998 Apr 20
5
DC CHARACTERISTICS
Over recommended operating conditions voltages are referenced to GND (ground = 0V)
LIMITS
SYMBOL
PARAMETER
TEST CONDITIONS
-40
°C to +85°C
-40
°C to +125°C
UNIT
MIN
TYP1
MAX
MIN
MAX
VCC = 1.2V
0.9
0.9
VIH
HIGH level Input
VCC = 2.0V
1.4
1.4
V
VIH
voltage
VCC = 2.7 to 3.6V
2.0
2.0
V
VCC = 4.5 to 5.5V
0.7*VCC
0.7*VCC
VCC = 1.2V
0.3
0.3
VIL
LOW level Input
VCC = 2.0V
0.6
0.6
V
VIL
voltage
VCC = 2.7 to 3.6V
0.8
0.8
V
VCC = 4.5 to 5.5
0.3*VCC
0.3*VCC
VCC = 1.2V; VI = VIH or VIL; –IO = 100µA
1.2
HIGH level output
VCC = 2.0V; VI = VIH or VIL; –IO = 100µA
1.8
2.0
1.8
VOH
HIGH level output
voltage; all outputs
VCC = 2.7V; VI = VIH or VIL; –IO = 100µA
2.5
2.7
2.5
V
voltage all out uts
VCC = 3.0V; VI = VIH or VIL; –IO = 100µA
2.8
3.0
2.8
VCC = 4.5V;VI = VIH or VIL; –IO = 100µA
4.3
4.5
4.3
VOH
HIGH level output
voltage;
VCC = 3.0V;VI = VIH or VIL; –IO = 6mA
2.40
2.82
2.20
V
VOH
g
STANDARD
outputs
VCC = 4.5V;VI = VIH or VIL; –IO = 12mA
3.60
4.20
3.50
V
VCC = 1.2V; VI = VIH or VIL; IO = 100µA
0
LOW level output
VCC = 2.0V; VI = VIH or VIL; IO = 100µA
0
0.2
0.2
VOL
LOW level output
voltage; all outputs
VCC = 2.7V; VI = VIH or VIL; IO = 100µA
0
0.2
0.2
V
voltage all out uts
VCC = 3.0V;VI = VIH or VIL; IO = 100µA
0
0.2
0.2
VCC = 4.5V;VI = VIH or VIL; IO = 100µA
0
0.2
0.2
VOL
LOW level output
voltage;
VCC = 3.0V;VI = VIH or VIL; IO = 6mA
0.25
0.40
0.50
V
VOL
g
STANDARD
outputs
VCC = 4.5V;VI = VIH or VIL; IO = 12mA
0.35
0.55
0.65
V
II
Input leakage
current
VCC = 5.5V; VI = VCC or GND
1.0
1.0
µA
ICC
Quiescent supply
current; flip-flops
VCC = 5.5V; VI = VCC or GND; IO = 0
20.0
80
µA
∆ICC
Additional
quiescent supply
current per input
VCC = 2.7V to 3.6V; VI = VCC –0.6V
500
850
µA
NOTE:
1. All typical values are measured at Tamb = 25°C.


Similar Part No. - 74LV74

ManufacturerPart No.DatasheetDescription
Nexperia B.V. All rights reserved
Nexperia B.V. All right...
74LV74-Q100 NEXPERIA-74LV74-Q100 Datasheet
1Mb / 17P
   Dual D-type flip-flop with set and reset; positive-edge trigger
Texas Instruments
Texas Instruments
74LV74A TI-74LV74A Datasheet
444Kb / 16P
[Old version datasheet]   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOPS
Nexperia B.V. All rights reserved
Nexperia B.V. All right...
74LV74D-Q100 NEXPERIA-74LV74D-Q100 Datasheet
1Mb / 17P
   Dual D-type flip-flop with set and reset; positive-edge trigger
74LV74PW-Q100 NEXPERIA-74LV74PW-Q100 Datasheet
1Mb / 17P
   Dual D-type flip-flop with set and reset; positive-edge trigger
More results

Similar Description - 74LV74

ManufacturerPart No.DatasheetDescription
NXP Semiconductors
NXP Semiconductors
74LVC74A PHILIPS-74LVC74A Datasheet
99Kb / 10P
   Dual D-type flip-flop with set and reset; positive-edge trigger
1998 Jun 17
Integral Corp.
Integral Corp.
IN74LV74 INTEGRAL-IN74LV74 Datasheet
161Kb / 7P
   Dual D-type flip-flop with set and reset; positive-edge trigger
Nexperia B.V. All rights reserved
Nexperia B.V. All right...
74LVC74A-Q100 NEXPERIA-74LVC74A-Q100 Datasheet
722Kb / 18P
   Dual D-type flip-flop with set and reset; positive-edge trigger
74HC74-Q100 NEXPERIA-74HC74-Q100 Datasheet
798Kb / 19P
   Dual D-type flip-flop with set and reset; positive edge-trigger
NXP Semiconductors
NXP Semiconductors
74HC74D-T NXP-74HC74D-T Datasheet
125Kb / 22P
   Dual D-type flip-flop with set and reset; positive-edge trigger
2003 Jul 10
74HC74DB118 PHILIPS-74HC74DB118 Datasheet
175Kb / 21P
   Dual D-type flip-flop with set and reset; positive edge-trigger
Rev. 4-27 August 2012
74HC74N652 PHILIPS-74HC74N652 Datasheet
193Kb / 22P
   Dual D-type flip-flop with set and reset; positive edge-trigger
Rev. 4-27 August 2012
74HCT74D-T NXP-74HCT74D-T Datasheet
175Kb / 21P
   Dual D-type flip-flop with set and reset; positive edge-trigger
Rev. 4-27 August 2012
74HC74 NXP-74HC74 Datasheet
175Kb / 21P
   Dual D-type flip-flop with set and reset; positive edge-trigger
Rev. 4-27 August 2012
Nexperia B.V. All rights reserved
Nexperia B.V. All right...
74AHC74-Q100 NEXPERIA-74AHC74-Q100 Datasheet
752Kb / 19P
   Dual D-type flip-flop with set and reset positive-edge trigger
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz