Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74LV4799PWDH Datasheet(PDF) 8 Page - NXP Semiconductors

Part # 74LV4799PWDH
Description  Timer for NiCd and NiMH chargers
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LV4799PWDH Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button 74LV4799PWDH Datasheet HTML 4Page - NXP Semiconductors 74LV4799PWDH Datasheet HTML 5Page - NXP Semiconductors 74LV4799PWDH Datasheet HTML 6Page - NXP Semiconductors 74LV4799PWDH Datasheet HTML 7Page - NXP Semiconductors 74LV4799PWDH Datasheet HTML 8Page - NXP Semiconductors 74LV4799PWDH Datasheet HTML 9Page - NXP Semiconductors 74LV4799PWDH Datasheet HTML 10Page - NXP Semiconductors 74LV4799PWDH Datasheet HTML 11Page - NXP Semiconductors 74LV4799PWDH Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
Philips Semiconductors
Product specification
74LV4799
Timer for NiCd and NiMH chargers
1998 Apr 20
8
DC ELECTRICAL CHARACTERISTICS
Over recommended operating conditions.
Voltages are referenced to GND (ground = 0 V).
LIMITS
SYMBOL
PARAMETER
TEST CONDITIONS
+25
°C
0
°C to +70°C
UNIT
MIN
TYP
MAX
MIN
MAX
VCC = 1.0 V
0.8
0.5
0.8
VIH
HIGH level Input voltage
VCC = 4.5 V
3.6
2.4
3.6
V
VCC = 6.0 V
4.8
3.2
4.8
VCC = 1.0 V
0.5
0.2
0.2
VIL
LOW level Input voltage
VCC = 4.5 V
2.1
0.9
0.9
V
VCC = 6.0 V
2.8
1.2
1.2
HIGH level output voltage;
VCC = 1.0 V; VI = VIH or VIL; IO = –190µA
0.90
0.96
0.89
VOH
g
RC, RD outputs
VCC = 6.0 V; VI = VIH or VIL; IO = –6.1mA
5.73
5.84
5.66
V
VOH
HIGH level output voltage;
VCC = 1.0 V; VI = VIH or VIL; IO =–24µA
0.90
0.96
0.89
V
g
RS output
VCC = 6.0 V; VI = VIH or VIL; IO =–760µA
5.73
5.84
5.66
LOW level output voltage;
VCC = 1.0 V; VI = VIH or VIL; IO = 190µA
0.04
0.10
0.11
g
RC, RD outputs
VCC = 6.0 V; VI = VIH or VIL; IO = 6.1mA
0.16
0.26
0.33
LOW level output voltage;
VCC = 1.0 V; VI = VIH or VIL; IO =24µA
0.04
0.10
0.11
g
RS output
VCC = 6.0 V; VI = VIH or VIL; IO =760µA
0.16
0.26
0.33
LOW level output voltage;
VCC = 1.0 V; VI = VIH or VIL; IO = 220µA
0.04
0.10
0.11
g
MOLLI, LED outputs
VCC = 6.0 V; VI = VIH or VIL; IO = 7.4mA
0.17
0.26
0.33
VOL
LOW level output voltage;
VCC = 1.0 V; VI = VIH or VIL; IO =360µA;
pin 4 open
0.04
0.10
0.11
V
g
EN output
VCC = 6.0 V; VI = VIH or VIL; IO =13.0mA;
pin 4 open
0.17
0.26
0.33
LOW level output voltage;
EN output
VCC = 1.3 V; VI = VIH or VIL; pin 4 = 10 V1
0.12
0.35
0.40
LOW level output voltage;
VCC = 1.0 V; VI = VIH or VIL; IO =140µA;
pin 4 HIGH
0.04
0.10
0.11
g
EN output
VCC = 6.0 V; VI = VIH or VIL; IO =5.0mA;
pin 4 HIGH
0.17
0.26
0.33
VCC
POR level
active inactive
0.25
0.65
0.9
V
ICC
Quiescent supply current
VCC = 6.0 V; VI = VCC or GND;
pins 5, 14, and 15 at GND;
pins 7 and 9 at VCC2
34
50
400
µA
Input leakage current
pins 4 and 9
VCC = 1.0 V; VI = 10 V
500
nA
Input leakage current
pins 14 and15
VCC = 6.0 V; VI = VCC or GND
100
nA
II
Pull-up current pin 7
VCC = 1.0 V; VI = GND
–0.5
–2.4
–10
Pull-u current in 7
VCC = 6.0 V; VI = GND
–0.5
–2.4
–10
µA
Pull-down current pin 5
VCC = 1.0 V; VI = VCC
0.5
2.4
10
µA
Pull-down current in 5
VCC = 6.0 V; VI = VCC
0.5
2.4
10
I
OFF-state current
pin 1, 3, and 6
VCC = 6.0 V; VI = VIH or V IL; VO = 10 V
500
nA
IOZH
OFF-state current pin 2
VCC = 6.0 V; VO = 6 V; Vin = open
100
nA
OFF-state current pin 3
VCC = 6.0 V; VI = VIH or V IL; VO = 6 V
100
IOZ
OFF-state current
pins 10, 11, and 12
VCC = 6.0 V; VI = VIH or V IL;
VO = VCC or GND
±100
nA
NOTE:
1. This item guarantees that an external bipolar NPN-transistor can be switched off by the EN output.
2. Oscillator disabled. This can be done by IOC = HIGH or LOW.


Similar Part No. - 74LV4799PWDH

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LV4020 NXP-74LV4020 Datasheet
117Kb / 20P
   14-stage binary ripple counter
Rev. 01-29 November 2005
74LV4020D NXP-74LV4020D Datasheet
117Kb / 20P
   14-stage binary ripple counter
Rev. 01-29 November 2005
74LV4020DB NXP-74LV4020DB Datasheet
117Kb / 20P
   14-stage binary ripple counter
Rev. 01-29 November 2005
74LV4020N NXP-74LV4020N Datasheet
117Kb / 20P
   14-stage binary ripple counter
Rev. 01-29 November 2005
74LV4020PW NXP-74LV4020PW Datasheet
117Kb / 20P
   14-stage binary ripple counter
Rev. 01-29 November 2005
More results

Similar Description - 74LV4799PWDH

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TEA1101 PHILIPS-TEA1101 Datasheet
748Kb / 20P
   Battery monitor for Nicd and NiMH chargers
May 1993
TEA1100 PHILIPS-TEA1100 Datasheet
628Kb / 19P
   Battery monitor for Nicd and NiMH chargers
TEA1104 PHILIPS-TEA1104 Datasheet
119Kb / 16P
   Cost effective battery monitor and fast charge IC for NiCd and NiMH chargers
1996 Feb 26
TEA1103 PHILIPS-TEA1103 Datasheet
302Kb / 28P
   Fast charge ICs for NiCd and NiMH batteries
1999 Jan 27
TEA1102 PHILIPS-TEA1102 Datasheet
306Kb / 28P
   Fast charge ICs for NiCd, NiMH, SLA and LiIon
1999 Jan 27
logo
TEMIC Semiconductors
U2402B TEMIC-U2402B Datasheet
317Kb / 17P
   Fast Charge Controller for NiCd/NiMH Batteries
U2405B TEMIC-U2405B Datasheet
312Kb / 17P
   Fast Charge Controller for Drained NiCd/NiMH Batteries
logo
Texas Instruments
BQ2002 TI-BQ2002 Datasheet
134Kb / 12P
[Old version datasheet]   NiCd/NiMH Fast-Charge Management ICs
JANUARY 1999
logo
Maxim Integrated Produc...
MAX712 MAXIM-MAX712_02 Datasheet
777Kb / 17P
   NiCd/NiMH Battery Fast-Charge Controllers
Rev 5; 4/02
logo
Texas Instruments
BQ2002D TI-BQ2002D Datasheet
117Kb / 12P
[Old version datasheet]   NiCd/NiMH Fast-Charge Management ICs
JANUARY 2000
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com