Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

MC74AC20 Datasheet(PDF) 4 Page - Motorola, Inc

Part No. MC74AC20
Description  Dual 4-Input NAND Gate
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MOTOROLA [Motorola, Inc]
Homepage  http://www.freescale.com
Logo 

MC74AC20 Datasheet(HTML) 4 Page - Motorola, Inc

   
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
MC74AC20 MC74ACT20
5-4
FACT DATA
AC CHARACTERISTICS
Symbol
Parameter
VCC*
(V)
74ACT
74ACT
Unit
Symbol
Parameter
VCC*
(V)
TA = +25°C
CL = 50 pF
TA = –40°C
to +85
°C
CL = 50 pF
Unit
Min
Typ
Max
Min
Max
tPLH
Propagation Delay
5.0
2.0
6.5
9.0
1.5
10.5
ns
PLH
5.0
2.0
6.5
9.0
1.5
10.5
ns
tPHL
Propagation Delay
5.0
2.0
5.5
9.0
1.5
10.5
ns
PHL
5.0
2.0
5.5
9.0
1.5
10.5
ns
* Voltage Range 5.0 V is 5.0 V
±0.5 V.
CAPACITANCE
Symbol
Parameter
Value
Typ
Unit
Test Conditions
CIN
Input Capacitance
4.5
pF
VCC = 5.0 V
CPD
Power Dissipation Capacitance
40
pF
VCC = 5.0 V


Html Pages

1  2  3  4  5 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
74LVT203.3V Dual 4-input NAND gate 1 2 3 4 5 MoreNXP Semiconductors
74AC20Dual 4-Input NAND Gate 1 2 3 4 5 MoreFairchild Semiconductor
74LVQ20DUAL 4-INPUT NAND GATE 1 2 3 4 5 MoreSTMicroelectronics
IN74AC20DUAL 4-INPUT NAND GATE High-Speed Silicon-Gate CMOS 1 2 3 4 Integral Corp.
54AC20Dual 4-Input NAND Gate 1 2 3 4 5 MoreNational Semiconductor (TI)
74ABT20Dual 4-input NAND gate 1 2 3 NXP Semiconductors
HD14012BDual 4-input NAND Gate 1 2 3 4 5 MoreHitachi Semiconductor
HEF4012BDual 4-input NAND gate 1 2 3 NXP Semiconductors
CD74HC20High Speed CMOS Logic Dual 4-Input NAND Gate 1 2 3 4 5 MoreTexas Instruments
ACTS20MSRadiation Hardened Dual 4-Input NAND Gate 1 Intersil Corporation

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn