Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L1084T Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # L1084T
Description  5A Adjustable Low Dropout Linear Regulator (LDO)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

L1084T Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

  L1084T Datasheet HTML 1Page - List of Unclassifed Manufacturers L1084T Datasheet HTML 2Page - List of Unclassifed Manufacturers L1084T Datasheet HTML 3Page - List of Unclassifed Manufacturers L1084T Datasheet HTML 4Page - List of Unclassifed Manufacturers L1084T Datasheet HTML 5Page - List of Unclassifed Manufacturers L1084T Datasheet HTML 6Page - List of Unclassifed Manufacturers L1084T Datasheet HTML 7Page - List of Unclassifed Manufacturers L1084T Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
L1084
TO-252, 263, 220
7
5A Adjustable Low Dropout
Linear Regulator (LDO)
NIKO-SEM
MAY-31-2001
TO-220 (3-Lead) MECHANICAL DATA
mm
mm
Dimension
Min.
Typ.
Max.
Dimension
Min.
Typ.
Max.
A
9.78
10.16
10.54
H
2.4
2.54
2.68
B
2.61
2.74
2.87
I
1.19
1.27
1.35
C
20
J
4.4
4.6
4.8
D
28.5
28.9
29.3
K
1.14
1.27
1.4
E
14.6
15.0
15.4
L
2.3
2.6
2.9
F
8.4
8.8
9.2
M
0.26
0.46
0.66
G
0.72
0.8
0.88
N
7
°


Similar Part No. - L1084T

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
L1084T-3.3 ETC2-L1084T-3.3 Datasheet
150Kb / 7P
   5A Fixed Low Dropout Linear Regulator (LDO)
L1084TG ETC2-L1084TG Datasheet
145Kb / 7P
   5A Adjustable Low Dropout Linear Regulator (LDO)
More results

Similar Description - L1084T

ManufacturerPart #DatasheetDescription
logo
Avic Technology
AV1084 AVICTEK-AV1084 Datasheet
9Mb / 8P
   5A Adjustable Low Dropout Linear Regulator (LDO)
logo
List of Unclassifed Man...
L1084S5 ETC-L1084S5 Datasheet
46Kb / 4P
   5A Adjustable Low Dropout Linear Regulator (LDO)
L1084XG ETC2-L1084XG Datasheet
145Kb / 7P
   5A Adjustable Low Dropout Linear Regulator (LDO)
logo
Global Mixed-mode Techn...
G1084 GMT-G1084_07 Datasheet
344Kb / 11P
   5A Adjustable Low-Dropout Linear Regulator
G1084 GMT-G1084_15 Datasheet
35Kb / 1P
   5A Adjustable Low-Dropout Linear Regulator
G1084 GMT-G1084 Datasheet
346Kb / 8P
   5A Adjustable Low-Dropout Linear Regulator
logo
Fairchild Semiconductor
FAN1585A FAIRCHILD-FAN1585A Datasheet
63Kb / 12P
   5A Adjustable/Fixed Low Dropout Linear Regulator
RC1585M FAIRCHILD-RC1585M Datasheet
87Kb / 12P
   5A Adjustable/Fixed Low Dropout Linear Regulator
logo
E-Tech Electronics LTD
UZ1084 ETL-UZ1084 Datasheet
204Kb / 6P
   5A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
logo
List of Unclassifed Man...
L1084-3.3 ETC2-L1084-3.3 Datasheet
150Kb / 7P
   5A Fixed Low Dropout Linear Regulator (LDO)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com