Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L1084T Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # L1084T
Description  5A Adjustable Low Dropout Linear Regulator (LDO)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

L1084T Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  L1084T Datasheet HTML 1Page - List of Unclassifed Manufacturers L1084T Datasheet HTML 2Page - List of Unclassifed Manufacturers L1084T Datasheet HTML 3Page - List of Unclassifed Manufacturers L1084T Datasheet HTML 4Page - List of Unclassifed Manufacturers L1084T Datasheet HTML 5Page - List of Unclassifed Manufacturers L1084T Datasheet HTML 6Page - List of Unclassifed Manufacturers L1084T Datasheet HTML 7Page - List of Unclassifed Manufacturers L1084T Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
L1084
TO-252, 263, 220
2
5A Adjustable Low Dropout
Linear Regulator (LDO)
NIKO-SEM
MAY-31-2001
ABSOLUTE MAXIMUM RATINGS
Maximum Supply Voltage
7V
Operating Junction
Temperature Range
0 to 125 °C
Power Dissipation
Internally
Limited
Storage Temperature
Range
-40 to 150 °C
Thermal Resistance
Junction to Case,
θJC
2.5 °C/W
Lead Temperature
(Soldering, 10 Seconds)
260 °C
Thermal Resistance
Junction to Ambient,
θJA
TO-220
TO-263
TO-252
50 °C/W
60 °C/W
70 °C/W
ELECTRICAL CHARACTERISTICS (Unless otherwise specified, TA = 25 °C.)
Parameter
Symbol
Test Conditions
Typical
Limits
Reference Voltage
VREF
VIN = 5V, IOUT = 10mA
1.25V
1.23VMin
1.27VMax
Dropout Voltage
VD
Δ
VREF = 1%, IOUT = 5A
1.2V
1.45V
Line Regulation
REG(LINE) (VOUT + 1.5V) ≤ VIN ≤ 7V, IOUT = 10mA
0.5%
2%
Load Regulation
REG(LOAD) (VIN -VOUT) = 3V, 10mA ≤ IOUT ≤ 5A
0.5%
2.5%
Minimum Load
Current
IO
1.5V
≤ (VIN -VOUT) ≤ 5.75V
10mA
Adjust Pin Current
IADJ
55
µA
100
µA
Current Limit
ICL
VIN - VOUT = 2V
7.5A
5.0A (Min)
RMS Output Noise
VN
0.003%
of VOUT
Ripple Rejection
Ratio
RA
f = 120Hz, CADJ = 22µF for ADJ pin,
VIN = 5V, IOUT = 5A
72dB
60dB (Min)
DEVICE SELECTION GUIDE
Device
L1084D
L1084S
L1084S3
L1084T
Package
TO-252
TO-263 (2-Lead) TO-263 (3-Lead)
TO-220
Marking
L1084D
L1084S
L1084S3
L1084T


Similar Part No. - L1084T

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
L1084T-3.3 ETC2-L1084T-3.3 Datasheet
150Kb / 7P
   5A Fixed Low Dropout Linear Regulator (LDO)
L1084TG ETC2-L1084TG Datasheet
145Kb / 7P
   5A Adjustable Low Dropout Linear Regulator (LDO)
More results

Similar Description - L1084T

ManufacturerPart #DatasheetDescription
logo
Avic Technology
AV1084 AVICTEK-AV1084 Datasheet
9Mb / 8P
   5A Adjustable Low Dropout Linear Regulator (LDO)
logo
List of Unclassifed Man...
L1084S5 ETC-L1084S5 Datasheet
46Kb / 4P
   5A Adjustable Low Dropout Linear Regulator (LDO)
L1084XG ETC2-L1084XG Datasheet
145Kb / 7P
   5A Adjustable Low Dropout Linear Regulator (LDO)
logo
Global Mixed-mode Techn...
G1084 GMT-G1084_07 Datasheet
344Kb / 11P
   5A Adjustable Low-Dropout Linear Regulator
G1084 GMT-G1084_15 Datasheet
35Kb / 1P
   5A Adjustable Low-Dropout Linear Regulator
G1084 GMT-G1084 Datasheet
346Kb / 8P
   5A Adjustable Low-Dropout Linear Regulator
logo
Fairchild Semiconductor
FAN1585A FAIRCHILD-FAN1585A Datasheet
63Kb / 12P
   5A Adjustable/Fixed Low Dropout Linear Regulator
RC1585M FAIRCHILD-RC1585M Datasheet
87Kb / 12P
   5A Adjustable/Fixed Low Dropout Linear Regulator
logo
E-Tech Electronics LTD
UZ1084 ETL-UZ1084 Datasheet
204Kb / 6P
   5A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
logo
List of Unclassifed Man...
L1084-3.3 ETC2-L1084-3.3 Datasheet
150Kb / 7P
   5A Fixed Low Dropout Linear Regulator (LDO)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com