Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74LV4053PWDH Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 74LV4053PWDH
Description  Triple 2-channel analog multiplexer/demultiplexer
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LV4053PWDH Datasheet(HTML) 2 Page - NXP Semiconductors

  74LV4053PWDH Datasheet HTML 1Page - NXP Semiconductors 74LV4053PWDH Datasheet HTML 2Page - NXP Semiconductors 74LV4053PWDH Datasheet HTML 3Page - NXP Semiconductors 74LV4053PWDH Datasheet HTML 4Page - NXP Semiconductors 74LV4053PWDH Datasheet HTML 5Page - NXP Semiconductors 74LV4053PWDH Datasheet HTML 6Page - NXP Semiconductors 74LV4053PWDH Datasheet HTML 7Page - NXP Semiconductors 74LV4053PWDH Datasheet HTML 8Page - NXP Semiconductors 74LV4053PWDH Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Philips Semiconductors
Product specification
74LV4053
Triple 2-channel analog multiplexer/demultiplexer
2
853-2000 19618
1998 Jun 23
FEATURES
Optimized for low voltage applications: 1.0 to 6.0 V
Accepts TTL input levels between V
CC = 2.7 V and VCC = 3.6 V
Low typ “ON” resistance:
100
W at Vcc – VEE = 4.5 V
150
W at Vcc – VEE = 3.0 V
240
W at Vcc – VEE = 2.0 V
Logic level translation: to enable 3 V logic to communicate with ± 3
V analog signals
Typical “break before make” built in
Output capability: non-standard
I
CC category: MSI
DESCRIPTION
The 74LV4053 is a low-voltage CMOS device and is pin and
function compatible with the 74HC/HCT4053.
The 74LV4053 is a triple 2-channel analog multiplexer/demultiplexer with
a common enable input (E). Each multiplexer/demultiplexer has two
independent inputs/outputs (nY0 to nY1), a common input/output (nZ)
and three digital select inputs (S1 to S3).
With E LOW, one of the two switches is selected (low impedance
ON-state) by S1 to S3 With E HIGH, all switches are in the high
impedance OFF-states, independent of S1 and S3.
VCC and GND are the supply voltage pins for the digital control inputs
(S1, to S3, and E). The VCC to GND ranges are 1.0 to 6.0 V. The
analog inputs/outputs (nY0, to nY1, and nZ) can swing between VCC
as a positive limit and VEE as a negative limit. VCC - VEE may not
exceed 6.0 V. For operation as a digital multiplexer/demultiplexer, VEE
is connected to GND (typically ground).
QUICK REFERENCE DATA
GND = 0 V; Tamb = 25°C; tr =tf ≤ 2.5 ns
SYMBOL
PARAMETER
CONDITIONS
TYPICAL
UNIT
tPZH/tPZL
Turn “ON” time
E to VOS
Sn to VOS
CL = 15 pF
RL = 1KW
VCC = 3.3 V
16
20
ns
tPHZ/tPLZ
Turn “OFF” time
E to VOS
Sn to VOS
17
16
ns
CI
Input capacitance
3.5
CPD
Power dissipation capacitance per switch
See Notes 1 and 2
36
pF
CS
Maximum switch capacitance
independent (Y) common (Z)
5
8
F
NOTES:
1.
CPD is used to determine the dynamic power dissipation (PD in µW)
PD = CPD × VCC2 × fi ) ((CL + CS) × VCC2 × fo) where:
fi = input frequency in MHz; CL = output load capacity in pF;
fo = output frequency in MHz; CS = maximum switch capacitance in pF;
VCC = supply voltage in V;
((CL +CS) × VCC2 × fo) = sum of the outputs.
2.
The condition is VI = GND to VCC.
ORDERING INFORMATION
PACKAGES
TEMPERATURE RANGE
OUTSIDE NORTH AMERICA
NORTH AMERICA
PKG. DWG. #
16-Pin Plastic DIL
–40
°C to +125°C
74LV4053 N
74LV4053 N
SOT38-1
16-Pin Plastic SO
–40
°C to +125°C
74LV4053 D
74LV4053 D
SOT109-1
16-Pin Plastic SSOP Type II
–40
°C to +125°C
74LV4053 DB
74LV4053 DB
SOT338-1
16-Pin Plastic TSSOP Type I
–40
°C to +125°C
74LV4053 PW
74LV4053PW DH
SOT403-1
PIN CONFIGURATION
SV01687
14
13
12
11
10
9
8
7
6
5
4
3
2
1
15
16
GND
VCC
2Y1
2Y0
3Y1
3Z
3Y0
E
VEE
2Z
1Z
1Y1
1Y0
S1
S2
S3
PIN DESCRIPTION
PIN NUMBER
SYMBOL
FUNCTION
2, 1
2Y0, 2Y1
Independent inputs/outputs
5, 3
3Y0, 3Y1
Independent inputs/outputs
6
E
Enable input (active LOW)
7
VEE
Negative supply voltage
8
GND
Ground (0 V)
11, 10, 9
S1 to S3
Select inputs
12, 13
1Y0, 1Y1
Independent inputs/outputs
14, 15, 4
1Z to 3Z
Common inputs/outputs
16
VCC
Positive supply voltage


Similar Part No. - 74LV4053PWDH

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LV4053PW NXP-74LV4053PW Datasheet
162Kb / 26P
   Triple single-pole double-throw analog switch
Rev. 04-10 August 2009
logo
Nexperia B.V. All right...
74LV4053PW NEXPERIA-74LV4053PW Datasheet
335Kb / 20P
   Triple single-pole double-throw analog switch
Rev. 8 - 15 September 2021
74LV4053PW-Q100 NEXPERIA-74LV4053PW-Q100 Datasheet
782Kb / 25P
   Triple single-pole double-throw analog switch
More results

Similar Description - 74LV4053PWDH

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M74HC4053 STMICROELECTRONICS-M74HC4053 Datasheet
313Kb / 15P
   TRIPLE 2-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
logo
Unisonic Technologies
U74LVX4053 UTC-U74LVX4053 Datasheet
239Kb / 11P
   Triple 2-Channel Analog Multiplexer/Demultiplexer
logo
Texas Instruments
SN74LV4053A-Q1 TI1-SN74LV4053A-Q1 Datasheet
807Kb / 17P
[Old version datasheet]   TRIPLE 2-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
logo
Nexperia B.V. All right...
74HC4053-Q100 NEXPERIA-74HC4053-Q100 Datasheet
366Kb / 25P
   Triple 2-channel analog multiplexer/demultiplexer
Rev. 3 - 5 March 2020
logo
NXP Semiconductors
74HC4053 PHILIPS-74HC4053_90 Datasheet
141Kb / 17P
   Triple 2-channel analog multiplexer/demultiplexer
December 1990
74HC4053 NXP-74HC4053 Datasheet
224Kb / 32P
   Triple 2-channel analog multiplexer/demultiplexer
Rev. 7-13 December 2011
74HCT4053PW118 NXP-74HCT4053PW118 Datasheet
226Kb / 32P
   Triple 2-channel analog multiplexer/demultiplexer
Rev. 8-19 July 2012
logo
Renesas Technology Corp
HD74LV4053A RENESAS-HD74LV4053A_15 Datasheet
149Kb / 15P
   Triple 2-channel Analog Multiplexer / Demultiplexer
logo
NXP Semiconductors
74HC4053 PHILIPS-74HC4053 Datasheet
176Kb / 33P
   Triple 2-channel analog multiplexer/demultiplexer
Rev. 04-9 May 2006
logo
Hitachi Semiconductor
HD74LV4053A HITACHI-HD74LV4053A Datasheet
76Kb / 17P
   Triple 2-channel Analog Multiplexer / Demultiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com