Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74LV4053PWDH Datasheet(PDF) 10 Page - NXP Semiconductors

Part # 74LV4053PWDH
Description  Triple 2-channel analog multiplexer/demultiplexer
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LV4053PWDH Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button 74LV4053PWDH Datasheet HTML 6Page - NXP Semiconductors 74LV4053PWDH Datasheet HTML 7Page - NXP Semiconductors 74LV4053PWDH Datasheet HTML 8Page - NXP Semiconductors 74LV4053PWDH Datasheet HTML 9Page - NXP Semiconductors 74LV4053PWDH Datasheet HTML 10Page - NXP Semiconductors 74LV4053PWDH Datasheet HTML 11Page - NXP Semiconductors 74LV4053PWDH Datasheet HTML 12Page - NXP Semiconductors 74LV4053PWDH Datasheet HTML 13Page - NXP Semiconductors 74LV4053PWDH Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
Philips Semiconductors
Product specification
74LV4053
Triple 2-channel analog multiplexer/demultiplexer
1998 Jun 23
10
WAVEFORMS
VM = 1.5 V at 2.7 V ≤ VCC ≤ 3.6 V
VM = 0.5 × VCC at 2.7 V > VCC > 3.6 V
VOL and VOH are the typical output voltage drop that occur with the
output load
Vx = VOL + 0.3 V at 2.7 V ≤ VCC ≤ 3.6 V
VX = VOL + 0.1 × VCC at 2.7 V >VCC > 3.6 V
VY = VOH – 0.3 V at 2.7 V ≤ VCC ≤ 3.6 V
VY = VOH – 0.1 × VCC at 2.7 V >VCC > 3.6 V
SV01638
V M
V M
INPUTS
OUTPUTS
GND
V OL
V I
V OH
tPHL
tPLH
Figure 13. Input (Vis) to output (Vos) propagation delays.
SV01640
outputs
disabled
outputs
enabled
outputs
enabled
tPHZ
tPZH
tPZL
tPLZ
VX
VY
VM
VM
VM
INPUTS
OUTPUT
HIGH-to-OFF
OFF-to-HIGH
OUTPUT
LOW-to-OFF
OFF-to-LOW
GND
VCC
VI
VOL
VOH
GND
Figure 14. Turn-on and turn-off times
for the inputs (Sn, E) to the output (Vos).
TEST CIRCUIT
VM
VM
tW
NEGATIVE
PULSE
10%
10%
90%
90%
0V
VM
VM
tW
VI
POSITIVE
PULSE
90%
90%
10%
10%
0V
tTHL (tf)
tTLH (tr)tTHL (tf)
tTLH (tr)
SY01738
PULSE
GENERATOR
RT
Vl
D.U.T.
VO
CL
Vcc
1k
W
Test Circuit for Outputs
Open
VEE
S1
2
 VCC
DEFINITIONS
VCC
VI
< 2.7V
2.7 - 3.6V
VCC
2.7V
Test
S1
tPLZ/tPZL
tPLH/tPHL
tPHZ/tPZH
2
 VCC
Open
VEE
> 3.6 V
VCC
RL = Load resistor
CL = Load capacitance includes jig and probe capacitance
RT = Termination resistance should be equal to ZOUT of
pulse generators.
VI
VIS
Pulse
VEE
VI
tr =tf =6ns, when measuring fmax, there is no constraint on
tr, tf with 50% duty factor.
1k
W
50 pF
VEE
Figure 15. Load circuitry for switching times.


Similar Part No. - 74LV4053PWDH

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LV4053PW NXP-74LV4053PW Datasheet
162Kb / 26P
   Triple single-pole double-throw analog switch
Rev. 04-10 August 2009
logo
Nexperia B.V. All right...
74LV4053PW NEXPERIA-74LV4053PW Datasheet
335Kb / 20P
   Triple single-pole double-throw analog switch
Rev. 8 - 15 September 2021
74LV4053PW-Q100 NEXPERIA-74LV4053PW-Q100 Datasheet
782Kb / 25P
   Triple single-pole double-throw analog switch
More results

Similar Description - 74LV4053PWDH

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M74HC4053 STMICROELECTRONICS-M74HC4053 Datasheet
313Kb / 15P
   TRIPLE 2-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
logo
Unisonic Technologies
U74LVX4053 UTC-U74LVX4053 Datasheet
239Kb / 11P
   Triple 2-Channel Analog Multiplexer/Demultiplexer
logo
Texas Instruments
SN74LV4053A-Q1 TI1-SN74LV4053A-Q1 Datasheet
807Kb / 17P
[Old version datasheet]   TRIPLE 2-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
logo
Nexperia B.V. All right...
74HC4053-Q100 NEXPERIA-74HC4053-Q100 Datasheet
366Kb / 25P
   Triple 2-channel analog multiplexer/demultiplexer
Rev. 3 - 5 March 2020
logo
NXP Semiconductors
74HC4053 PHILIPS-74HC4053_90 Datasheet
141Kb / 17P
   Triple 2-channel analog multiplexer/demultiplexer
December 1990
74HC4053 NXP-74HC4053 Datasheet
224Kb / 32P
   Triple 2-channel analog multiplexer/demultiplexer
Rev. 7-13 December 2011
74HCT4053PW118 NXP-74HCT4053PW118 Datasheet
226Kb / 32P
   Triple 2-channel analog multiplexer/demultiplexer
Rev. 8-19 July 2012
logo
Renesas Technology Corp
HD74LV4053A RENESAS-HD74LV4053A_15 Datasheet
149Kb / 15P
   Triple 2-channel Analog Multiplexer / Demultiplexer
logo
NXP Semiconductors
74HC4053 PHILIPS-74HC4053 Datasheet
176Kb / 33P
   Triple 2-channel analog multiplexer/demultiplexer
Rev. 04-9 May 2006
logo
Hitachi Semiconductor
HD74LV4053A HITACHI-HD74LV4053A Datasheet
76Kb / 17P
   Triple 2-channel Analog Multiplexer / Demultiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com