Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M5M4V16169DRT-7 Datasheet(PDF) 26 Page - Mitsubishi Electric Semiconductor

Part # M5M4V16169DRT-7
Description  16MCDRAM:16M(1M-WORD BY 16-BIT) CACHED DRAM WITH 16K (1024-WORD BY 16-BIT) SRAM
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M5M4V16169DRT-7 Datasheet(HTML) 26 Page - Mitsubishi Electric Semiconductor

Back Button M5M4V16169DRT-7 Datasheet HTML 22Page - Mitsubishi Electric Semiconductor M5M4V16169DRT-7 Datasheet HTML 23Page - Mitsubishi Electric Semiconductor M5M4V16169DRT-7 Datasheet HTML 24Page - Mitsubishi Electric Semiconductor M5M4V16169DRT-7 Datasheet HTML 25Page - Mitsubishi Electric Semiconductor M5M4V16169DRT-7 Datasheet HTML 26Page - Mitsubishi Electric Semiconductor M5M4V16169DRT-7 Datasheet HTML 27Page - Mitsubishi Electric Semiconductor M5M4V16169DRT-7 Datasheet HTML 28Page - Mitsubishi Electric Semiconductor M5M4V16169DRT-7 Datasheet HTML 29Page - Mitsubishi Electric Semiconductor M5M4V16169DRT-7 Datasheet HTML 30Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 64 page
background image
M5M4V16169DTP/RT-7,-8,-10,-15
16MCDRAM:16M(1M-WORD BY 16-BIT) CACHED DRAM WITH 16K (1024-WORD BY 16-BIT) SRAM
MITSUBISHI LSIs
(REV 1.0) Jul. 1998
MITSUBISHI ELECTRIC
AVERAGE SUPPLY CURRENT from Vcc
Symbol
Condition
Limits (MAX)
output open
IccS
Average supply current of SRAM operating, tK=min.
DRAM=DPD
IccD
Average supply current of DRAM operating, tRC=min.
SRAM=SPD
Icc(STN1)
LVTTL standby, tK=min, DRAM=DNOP&SRAM=DES,
or NOP all input=stable.
Icc(STN2)
CMOS standby, tK=min, DRAM=DNOP&SRAM+DES,
or NOP all input=stable.
Icc(PD)
CMOS Power Down current, CMd#=CMs#=L,tK=min.
* VOH(AC) and VOL(AC) are the reference levels for AC measurements.
VOH(DC) and VOL(DC) are the final levels the outputs reach.
AC OPERATING CONDITIONS AND CHARACTERISTICS
Symbol
Parameter
Test Condition
Limits
Unit
Min.
Max
V
V
IOZ
Off-state Output Current
Q floating V O =0 ~VddQ
-10
10
uA
II
Input Current
VIH=0 ~ VddQ+0.3V
-10
10
uA
-8
-10
5
Icc(SRF)
CMOS Self Refresh current, CMd#=CMs#=L,tK=
1
1
5
IccD(PG)
Average supply current of DRAM page-mode tPC=min.
SRAM=SPD
output open
output open
data input=H or L
data input=H or L
data input=H or L
-7
5
1
VTT
50ohm
30pF
VOUT
AC Condition
(Access Time)
260
240
200
160
150
130
140
130
110
60
60
50
50
50
40
26
VOH(DC)*(LVTTL)
VOL(DC)*(LVTTL)
High-level Output Voltage (DC)
Low-level Output Voltage (DC)
IOH= -2mA
IOL= 2mA
2.4
0.4
-
-
**-15 spec is the same as M5M4V16169TP/RT-15
Unit
mA
mA
mA
mA
mA
mA
mA
-15
1
5
140
100
80
30
25
(Ta=0~70°C , Vdd=3.3±0.3V for -8,and -10, Vdd=3.3±0.15V for -7
Vss=0V, unless otherwise noted)
(Ta=0~70°C , Vdd=3.3±0.3V for -8,and -10, Vdd=3.3±0.15V for -7
Vss=0V, unless otherwise noted)


Similar Part No. - M5M4V16169DRT-7

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M5M4V16G50DFP-10 MITSUBISHI-M5M4V16G50DFP-10 Datasheet
167Kb / 33P
   16M (2-BANK x 262144-WORD x 32-BIT) Synchronous Graphics RAM
M5M4V16G50DFP-12 MITSUBISHI-M5M4V16G50DFP-12 Datasheet
167Kb / 33P
   16M (2-BANK x 262144-WORD x 32-BIT) Synchronous Graphics RAM
M5M4V16G50DFP-8 MITSUBISHI-M5M4V16G50DFP-8 Datasheet
167Kb / 33P
   16M (2-BANK x 262144-WORD x 32-BIT) Synchronous Graphics RAM
More results

Similar Description - M5M4V16169DRT-7

ManufacturerPart #DatasheetDescription
logo
NEC
UPD4416016 NEC-UPD4416016 Datasheet
92Kb / 12P
   16M-BIT CMOS FAST SRAM 1M-WORD BY 16-BIT
logo
Integrated Circuit Solu...
IC66LV10016AL ICSI-IC66LV10016AL Datasheet
167Kb / 13P
   16M-BIT (1M-WORD BY 16-BIT) Low Power Pseudo SRAM
logo
NEC
UPD23C16000BL NEC-UPD23C16000BL Datasheet
347Kb / 20P
   16M-BIT MASK-PROGRAMMABLE ROM 2M-WORD BY 8-BIT (BYTE MODE) / 1M-WORD BY 16-BIT (WORD MODE)
UPD23C16300 NEC-UPD23C16300 Datasheet
242Kb / 16P
   16M-BIT MASK-PROGRAMMABLE ROM 2M-WORD BY 8-BIT (BYTE MODE) / 1M-WORD BY 16-BIT (WORD MODE)
UPD4616112 NEC-UPD4616112 Datasheet
220Kb / 32P
   16M-BIT CMOS MOBILE SPECIFIED RAM 1M-WORD BY 16-BIT
UPD23C16040BL NEC-UPD23C16040BL Datasheet
367Kb / 24P
   16M-BIT MASK-PROGRAMMABLE ROM 2M-WORD BY 8-BIT (BYTE MODE) / 1M-WORD BY 16-BIT (WORD MODE) PAGE ACCESS MODE
UPD23C16340 NEC-UPD23C16340 Datasheet
257Kb / 20P
   16M-BIT MASK-PROGRAMMABLE ROM 2M-WORD BY 8-BIT (BYTE MODE) / 1M-WORD BY 16-BIT (WORD MODE) PAGE ACCESS MODE
UPD4416001 NEC-UPD4416001 Datasheet
83Kb / 12P
   16M-BIT CMOS FAST SRAM 16M-WORD BY 1-BIT
UPD23C128000BL NEC-UPD23C128000BL Datasheet
253Kb / 20P
   128M-BIT MASK-PROGRAMMABLE ROM 16M-WORD BY 8-BIT (BYTE MODE) / 8M-WORD BY 16-BIT (WORD MODE)
logo
Renesas Technology Corp
M6MGB331S8AKT RENESAS-M6MGB331S8AKT Datasheet
127Kb / 3P
   33,554,432-BIT (2,097,152 - WORD BY 16-BIT /4,194,304-WORD BY 8-BIT) CMOS FLASH MEMORY & 8,388,608-BIT (524,288-WORD BY 16-BIT /1,048,576-WORD BY 8-BI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com