Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

U4790B Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # U4790B
Description  Automotive Lamp-Outage Monitor, VT = 8 mV, VZ(3,5) = 22 V
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

U4790B Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  U4790B Datasheet HTML 1Page - List of Unclassifed Manufacturers U4790B Datasheet HTML 2Page - List of Unclassifed Manufacturers U4790B Datasheet HTML 3Page - List of Unclassifed Manufacturers U4790B Datasheet HTML 4Page - List of Unclassifed Manufacturers U4790B Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
U4790B
TELEFUNKEN Semiconductors
Rev. A2, 03-Dec-97
3 (5)
Electrical Characteristics
VS = 9 to 15 V, Tamb = –40 to +95 °C, figure 1, unless otherwise specified
Parameters
Test Conditions / Pin
Symbol
Min
Typ
Max
Unit
Supply voltage
Pin 2,7
VS
9
15
V
Internal Z diode Z2
Pin 2
VZ
20
V
Current consumption
VS = 12 V
Pin 1
measured at Pin 1 (GND)
I1
4.5
6
mA
Output saturation voltage
VS = 9 V, I3,5 = 10 mA
Tamb = 25 °C
Pin 3,5
Vsat
0.5
V
Output Z diodes Z3, Z5
Pin 3,5
VZ
21
V
Control signal threshold
Reference point Pin 7 (V7)
I3,5 = 3 mA
Pin 4,6
VS = 12 V
VS = 15 V
–VT
6.5
7.8
8
9.3
9.5
10.8
mV
Voltage drift
DV +
V
T(15V) * VT(12V)
15 V
* 12V
Pin 4,6
DV
0.45
mV/V
Threshold voltage
Switch identification Pin 8
V8
0.6 VS
V
Input currents
Pin 4,6
II
100
nA
Pin 8
5
mA
Delay time
Switch-on
Pin 3,5
High to low
td(on)
6
ms
Switch-off
Low to high
td(off)
30
ms
12.00
11.95
12
V4,6
V0
td(off)
td(on)
10
20
30
40
50
60
ms
0
t
95 10624
V
V
6
Figure 3.


Similar Part No. - U4790B

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
U4791B TEMIC-U4791B Datasheet
80Kb / 5P
   Automotive Lamp Outage Monitor, VT = 53 mV
U4791B-FP TEMIC-U4791B-FP Datasheet
80Kb / 5P
   Automotive Lamp Outage Monitor, VT = 53 mV
U4793B TEMIC-U4793B Datasheet
79Kb / 5P
   Overload Monitoring with Resistive Load, VT = 44.5 mV
U4793B TEMIC-U4793B Datasheet
79Kb / 5P
   Overload Monitoring with Resistive Load, VT = 44.5 mV
logo
ATMEL Corporation
U4793B ATMEL-U4793B Datasheet
130Kb / 6P
   CURRENT MONITOR IC
More results

Similar Description - U4790B

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
U4791B TEMIC-U4791B Datasheet
80Kb / 5P
   Automotive Lamp Outage Monitor, VT = 53 mV
logo
List of Unclassifed Man...
U2481B ETC-U2481B Datasheet
151Kb / 11P
   Automotive Lamp Outage Monitor
logo
TEMIC Semiconductors
U2480B TEMIC-U2480B Datasheet
343Kb / 8P
   Automotive Lamp Outage Monitor
logo
ATMEL Corporation
U479B ATMEL-U479B Datasheet
138Kb / 8P
   Automotive Lamp-outage Monitor IC
U479B ATMEL-U479B_07 Datasheet
184Kb / 7P
   Automotive Lamp-outage Monitor IC
logo
Sanken electric
SG-17NNJ23 SANKEN-SG-17NNJ23 Datasheet
264Kb / 8P
   VZ = 23.0 V (typ.) Automotive Alternator Diode
SG-10LZ40 SANKEN-SG-10LZ40 Datasheet
273Kb / 7P
   VZ = 40 V (typ.) Automotive Alternator Diode
logo
TEMIC Semiconductors
U4793B TEMIC-U4793B Datasheet
79Kb / 5P
   Overload Monitoring with Resistive Load, VT = 44.5 mV
U4793B TEMIC-U4793B Datasheet
79Kb / 5P
   Overload Monitoring with Resistive Load, VT = 44.5 mV
logo
Unisonic Technologies
UU4793 UTC-UU4793 Datasheet
191Kb / 5P
   OVERLOAD MONITORING WITH RESISTIVE LOAD, VT = 44.5 mV
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com