Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74LV4094 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 74LV4094
Description  8-stage shift-and-store bus register
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LV4094 Datasheet(HTML) 2 Page - NXP Semiconductors

  74LV4094 Datasheet HTML 1Page - NXP Semiconductors 74LV4094 Datasheet HTML 2Page - NXP Semiconductors 74LV4094 Datasheet HTML 3Page - NXP Semiconductors 74LV4094 Datasheet HTML 4Page - NXP Semiconductors 74LV4094 Datasheet HTML 5Page - NXP Semiconductors 74LV4094 Datasheet HTML 6Page - NXP Semiconductors 74LV4094 Datasheet HTML 7Page - NXP Semiconductors 74LV4094 Datasheet HTML 8Page - NXP Semiconductors 74LV4094 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Philips Semiconductors
Product specification
74LV4094
8-stage shift-and-store bus register
2
1998 Jun 23
853-2078 19619
FEATURES
Optimized for low voltage applications: 1.0 to 3.6 V
Accepts TTL input levels between V
CC = 2.7 V and VCC = 3.6 V
Typical V
OLP (output ground bounce) < 0.8 V at VCC = 3.3 V,
Tamb = 25°C
Typical V
OHV (output VOH undershoot) > 2 V at VCC = 3.3 V,
Tamb = 25°C
Output capability: standard
I
CC category: MSI
Applications:
Serial-to-parallel data conversion
Remote control holding register
DESCRIPTION
The 74LV4094 is a low-voltage Si-gate CMOS device and is pin and
function compatible with 74HC/HCT4094.
The 74LV4094 is an 8-stage serial shift register having a storage
latch associated with each stage for strobing data from the serial
input (D) to the parallel buffered 3-State outputs (QP0 to OP7). The
parallel outputs may be connected directly to the common bus lines.
Data is shifted on the positive-going clock (CP) transitions. The data
in each shift register is transferred to the storage register when the
strobe input (STR) is HIGH. Data in the storage register appears at
the outputs whenever the output enable input (OE) signal is HIGH.
Two serial outputs (QS1 and QS2) are available for cascading a
number of 74LV4094 devices. Data is available at QS1 on the
positive-going clock edges to allow high-speed operation in
cascaded systems in which the clock rise time is fast. The same
serial information is available at QS2 on the next negative going
clock edge and is for cascading 74LV4094 devices when the clock
rise time is slow.
QUICK REFERENCE DATA
GND = 0 V; Tamb = 25°C; tr =tf ≤ 2.5 ns
SYMBOL
PARAMETER
CONDITIONS
TYPICAL
UNIT
tPHL/tPLH
Propagation delay
CP to QS1
CP to QS2
CP to QPn
STR to QPn
CL = 15 pF;
VCC = 3.3 V
14
13
18
17
ns
fMAX
Maximum clock frequency
95
MHz
CI
Input capacitance
3.5
pF
CPD
Power dissipation capacitance per gate
VCC = 3.3 V
VI = GND to VCCNO TAG
83
pF
NOTE:
1.
CPD is used to determine the dynamic power dissipation (PD in µW)
PD = CPD × VCC2 × fi ) (CL × VCC2 × fo) where:
fi = input frequency in MHz; CL = output load capacity in pF;
fo = output frequency in MHz; VCC = supply voltage in V;
(CL × VCC2 × fo) = sum of the outputs.
ORDERING INFORMATION
PACKAGES
TEMPERATURE RANGE
OUTSIDE NORTH AMERICA
NORTH AMERICA
PKG. DWG. #
16-Pin Plastic DIL
–40
°C to +125°C
74LV4094 N
74LV4094 N
SOT38-4
16-Pin Plastic SO
–40
°C to +125°C
74LV4094 D
74LV4094 D
SOT109-1
PIN CONFIGURATION
SV01611
1
2
3
4
5
6
STR
D
CP
QP0
QP1
QP2
VCC
OE
QP4
16
15
14
13
12
11
7
8
GND
QS2
QS1
10
9
QP3
QP5
QP6
QP7
PIN DESCRIPTION
PIN NUMBER
SYMBOL
FUNCTION
1
STR
Strobe input
2
D
Serial input
3
CP
Clock input
4, 5, 6, 7, 14,
13, 12, 11
QP0 to QP7
Parallel outputs
8
GND
Ground (0 V)
9, 10
QS1, QS2
Serial outputs
15
OE
Output enable input
16
VCC
Positive supply voltage


Similar Part No. - 74LV4094

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74LV4094 NEXPERIA-74LV4094 Datasheet
282Kb / 17P
   8-stage shift-and-store bus register
Rev. 8 - 18 March 2021
74LV4094D NEXPERIA-74LV4094D Datasheet
282Kb / 17P
   8-stage shift-and-store bus register
Rev. 8 - 18 March 2021
74LV4094DB NEXPERIA-74LV4094DB Datasheet
282Kb / 17P
   8-stage shift-and-store bus register
Rev. 8 - 18 March 2021
74LV4094PW NEXPERIA-74LV4094PW Datasheet
282Kb / 17P
   8-stage shift-and-store bus register
Rev. 8 - 18 March 2021
logo
NXP Semiconductors
74LV4094 PHILIPS-74LV4094_15 Datasheet
205Kb / 21P
   8-stage shift-and-store bus register
Rev. 4-19 December 2011
More results

Similar Description - 74LV4094

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4094B NXP-HEF4094B Datasheet
103Kb / 17P
   8-stage shift-and-store bus register
Rev. 04-30 October 2008
logo
Nexperia B.V. All right...
74HC4094-Q100 NEXPERIA-74HC4094-Q100 Datasheet
288Kb / 19P
   8-stage shift-and-store bus register
logo
NXP Semiconductors
HEF4094B PHILIPS-HEF4094B Datasheet
81Kb / 7P
   8-stage shift-and-store bus register
January 1995
74HC4094D NXP-74HC4094D Datasheet
203Kb / 23P
   8-stage shift-and-store bus register
Rev. 6-31 December 2012
74HC4094 PHILIPS-74HC4094 Datasheet
72Kb / 10P
   8-stage shift-and-store bus register
December 1990
logo
Nexperia B.V. All right...
74LV4094 NEXPERIA-74LV4094 Datasheet
282Kb / 17P
   8-stage shift-and-store bus register
Rev. 8 - 18 March 2021
logo
STMicroelectronics
HCC4094B STMICROELECTRONICS-HCC4094B Datasheet
318Kb / 14P
   8-STAGE SHIFT-AND-STORE BUS REGISTER
logo
Toshiba Semiconductor
TC4094BP TOSHIBA-TC4094BP_07 Datasheet
641Kb / 13P
   8-Stage Shift-and-Store Bus-Register
logo
Nexperia B.V. All right...
74HCT4094-Q100 NEXPERIA-74HCT4094-Q100 Datasheet
284Kb / 18P
   8-stage shift-and-store bus register
Rev. 3 - 22 October 2021
74HCT4094 NEXPERIA-74HCT4094 Datasheet
300Kb / 19P
   8-stage shift-and-store bus register
Rev. 9 - 22 October 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com