Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HLMP-CM26-Q0DDD Datasheet(PDF) 3 Page - Agilent(Hewlett-Packard)

Part # HLMP-CM26-Q0DDD
Description  T-1 3/4 (5 mm) Extra Bright Precision Optical Performance InGaN LED Lamps
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HLMP-CM26-Q0DDD Datasheet(HTML) 3 Page - Agilent(Hewlett-Packard)

  HLMP-CM26-Q0DDD Datasheet HTML 1Page - Agilent(Hewlett-Packard) HLMP-CM26-Q0DDD Datasheet HTML 2Page - Agilent(Hewlett-Packard) HLMP-CM26-Q0DDD Datasheet HTML 3Page - Agilent(Hewlett-Packard) HLMP-CM26-Q0DDD Datasheet HTML 4Page - Agilent(Hewlett-Packard) HLMP-CM26-Q0DDD Datasheet HTML 5Page - Agilent(Hewlett-Packard) HLMP-CM26-Q0DDD Datasheet HTML 6Page - Agilent(Hewlett-Packard) HLMP-CM26-Q0DDD Datasheet HTML 7Page - Agilent(Hewlett-Packard) HLMP-CM26-Q0DDD Datasheet HTML 8Page - Agilent(Hewlett-Packard) HLMP-CM26-Q0DDD Datasheet HTML 9Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
Device Selection Guide
Typical
Viewing Angle,
Intensity (cd) at 20 mA
Package
Part Number
Color
2q1/2 (Degree)
Min.
Max.
Standoff
Dimension
Lens
HLMP-CB11-TW0xx
Blue
15
2.5
7.2
No
A
Clear
HLMP-CB11-UVAxx
Blue
15
3.2
5.5
No
A
Clear
HLMP-CB12-TW0xx
Blue
15
2.5
7.2
Yes
B
Clear
HLMP-CM11-Y20xx
Green
15
9.3
27.0
No
A
Clear
HLMP-CM11-Z1Cxx
Green
15
12.0
21.0
No
A
Clear
HLMP-CM12-Y20xx
Green
15
9.3
27.0
Yes
B
Clear
HLMP-CE11-X10xx
Cyan
15
7.2
21.0
No
A
Clear
HLMP-CE12-X10xx
Cyan
15
7.2
21.0
Yes
B
Clear
HLMP-CB26-SV0xx
Blue
23
1.9
5.5
No
A
Clear
HLMP-CB26-TUDxx
Blue
23
2.5
4.2
No
A
Clear
HLMP-CB27-SV0xx
Blue
23
1.9
5.5
Yes
B
Clear
HLMP-CM26-X10xx
Green
23
7.2
21.0
No
A
Clear
HLMP-CM26-YZCxx
Green
23
9.3
16.0
No
A
Clear
HLMP-CM27-X10xx
Green
23
7.2
21.0
Yes
B
Clear
HLMP-CE26-WZ0xx
Cyan
23
5.5
16.0
No
A
Clear
HLMP-CE27-WZ0xx
Cyan
23
5.5
16.0
Yes
B
Clear
HLMP-CB36-QT0xx
Blue
30
1.15
3.2
No
A
Clear
HLMP-CB36-RSAxx
Blue
30
1.5
2.5
No
A
Clear
HLMP-CB37-RU0xx
Blue
30
1.5
4.2
Yes
B
Clear
HLMP-CB37-RSDxx
Blue
30
1.5
2.5
Yes
B
Clear
HLMP-CM36-X10xx
Green
30
7.2
21.0
No
A
Clear
HLMP-CM36-XYCxx
Green
30
7.2
12.0
No
A
Clear
HLMP-CM37-X10xx
Green
30
7.2
21.0
Yes
B
Clear
HLMP-CM37-XYCxx
Green
30
7.2
12.0
Yes
B
Clear
HLMP-CM37-XYDxx
Green
30
7.2
12.0
Yes
B
Clear
HLMP-CE36-WZ0xx
Cyan
30
5.5
16.0
No
A
Clear
HLMP-CE37-WZ0xx
Cyan
30
5.5
16.0
Yes
B
Clear
Notes:
1. Tolerance for luminous intensity measurement is
±15%.
2. The luminous intensity is measured on the mechanical axis of the lamp package.
3. The optical axis is closely aligned with the package mechanical axis.
4. LED light output is bright enough to cause injuries to the eyes. Precautions must be taken to prevent looking directly at the LED without proper
safety equipment.
5. 2q1/2 is the off-axis angle where the luminous intensity is 1/2 the on-axis intensity.


Similar Part No. - HLMP-CM26-Q0DDD

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-CM26-X1000 AVAGO-HLMP-CM26-X1000 Datasheet
237Kb / 11P
   T-13/4 (5 mm) Extra Bright Precision Optical Performance InGaN LED Lamps
HLMP-CM26-X10DD AVAGO-HLMP-CM26-X10DD Datasheet
237Kb / 11P
   T-13/4 (5 mm) Extra Bright Precision Optical Performance InGaN LED Lamps
HLMP-CM26-X10XX AVAGO-HLMP-CM26-X10XX Datasheet
379Kb / 10P
   T-13/4 (5 mm) Extra Bright Precision Optical Performance InGaN LED Lamps
HLMP-CM26-YZC00 AVAGO-HLMP-CM26-YZC00 Datasheet
237Kb / 11P
   T-13/4 (5 mm) Extra Bright Precision Optical Performance InGaN LED Lamps
HLMP-CM26-YZCDD AVAGO-HLMP-CM26-YZCDD Datasheet
237Kb / 11P
   T-13/4 (5 mm) Extra Bright Precision Optical Performance InGaN LED Lamps
More results

Similar Description - HLMP-CM26-Q0DDD

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-CB11 AVAGO-HLMP-CB11_08 Datasheet
237Kb / 11P
   T-13/4 (5 mm) Extra Bright Precision Optical Performance InGaN LED Lamps
HLMP-CXXX AVAGO-HLMP-CXXX Datasheet
379Kb / 10P
   T-13/4 (5 mm) Extra Bright Precision Optical Performance InGaN LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-CE15 HP-HLMP-CE15 Datasheet
237Kb / 7P
   T-1 3/4 (5 mm) Precision Optical Performance InGaN Bluish-Green LED Lamps
HLMP-CE23 HP-HLMP-CE23 Datasheet
158Kb / 6P
   T-1 3/4 (5 mm) Precision Optical Performance InGaN Bluish-Green LED Lamps
HLMP-CWXX HP-HLMP-CWXX Datasheet
81Kb / 6P
   T-1 3/4 (5mm) Extra Bright Precision Optical Performance Precision Optical Performance
HLMP-DLXX HP-HLMP-DLXX Datasheet
129Kb / 8P
   T-1 - 3/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
HLMP-EL55 HP-HLMP-EL55 Datasheet
688Kb / 6P
   T-1 3/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-CW46 AVAGO-HLMP-CW46 Datasheet
94Kb / 8P
   T-1 쩐 (5mm) Extra Bright Precision Optical Performance White LED Lamps.
HLMP-HB55 AVAGO-HLMP-HB55 Datasheet
101Kb / 12P
   5 mm Precision Optical Performance InGaN Oval LED Lamps
logo
Broadcom Corporation.
HLMP-EL55 BOARDCOM-HLMP-EL55 Datasheet
583Kb / 13P
   T-1¾ (5 mm) Precision Optical Performance AlInGaP LED Lamps
July 16, 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com