Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74LV4051PW Datasheet(PDF) 7 Page - NXP Semiconductors

Part # 74LV4051PW
Description  8-channel analog multiplexer/demultiplexer
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LV4051PW Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button 74LV4051PW Datasheet HTML 3Page - NXP Semiconductors 74LV4051PW Datasheet HTML 4Page - NXP Semiconductors 74LV4051PW Datasheet HTML 5Page - NXP Semiconductors 74LV4051PW Datasheet HTML 6Page - NXP Semiconductors 74LV4051PW Datasheet HTML 7Page - NXP Semiconductors 74LV4051PW Datasheet HTML 8Page - NXP Semiconductors 74LV4051PW Datasheet HTML 9Page - NXP Semiconductors 74LV4051PW Datasheet HTML 10Page - NXP Semiconductors 74LV4051PW Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
Philips Semiconductors
Product specification
74LV4051
8-channel analog multiplexer/demultiplexer
1998 Jun 23
7
DC ELECTRICAL CHARACTERISTICS (
Continued)
LIMITS
SYMBOL
PARAMETER
TEST CONDITIONS
-40
°C to +85°C
-40
°C to +125°C
UNIT
MIN
TYP1
MAX
MIN
MAX
VCC = 1.2 V
VI = VIH or VIL;
IS = 100 mA;
VIS = VCC
250
W
R
ON-resistance
VCC = 2.0 V
120
320
370
RON
ON resistance
(rail)
VCC = 2.7 V
VI = VIH or VIL;
75
195
225
()
VCC = 3.0 to 3.6 V
I
IH
IL
IS = 1000 mA;
V
V
70
175
205
W
VCC = 4.5 V
VIS = VCC
50
130
150
VCC = 6.0 V
45
120
135
VCC = 1.2 V
Maximum variation
VCC = 2.0 V
5
DRON
Maximum variation
of ON-resistance
b
VCC = 2.7 V
VI = VIH or VIL;
4
W
DRON
between any two
channels
VCC = 3.0 to 3.6 V
I
IH
IL
VIS = VCC to GND
4
W
channels
VCC = 4.5 V
3
VCC = 6.0 V
2
NOTES:
1. All typical values are measured at Tamb = 25°C.
2. At supply voltages approaching 1.2 V, the analog switch ON-resistance becomes extremely non-linear. Therefore, it is recommended that
these devices be used to transmit digital signals only, when using these supply voltages.
3. RON (MAX) data is preliminary.


Similar Part No. - 74LV4051PW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LV4051PW NXP-74LV4051PW Datasheet
161Kb / 26P
   8-channel analog multiplexer/demultiplexer
Rev. 04-10 August 2009
logo
Nexperia B.V. All right...
74LV4051PW NEXPERIA-74LV4051PW Datasheet
329Kb / 20P
   8-channel analog multiplexer/demultiplexer
Rev. 8 - 16 July 2021
74LV4051PW-Q100 NEXPERIA-74LV4051PW-Q100 Datasheet
289Kb / 18P
   8-channel analog multiplexer/demultiplexer
Rev. 1 - 16 July 2021
More results

Similar Description - 74LV4051PW

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7MZ4051FK TOSHIBA-TC7MZ4051FK_07 Datasheet
236Kb / 11P
   8-Channel Analog Multiplexer/Demultiplexer
logo
Texas Instruments
SN74LV4051A-EP TI1-SN74LV4051A-EP Datasheet
490Kb / 13P
[Old version datasheet]    8-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
logo
NXP Semiconductors
74HCT4051PW-118 PHILIPS-74HCT4051PW-118 Datasheet
222Kb / 31P
   8-channel analog multiplexer/demultiplexer
Rev. 7-19 July 2012
74HC_HCT4051 PHILIPS-74HC_HCT4051_15 Datasheet
222Kb / 31P
   8-channel analog multiplexer/demultiplexer
Rev. 7-19 July 2012
logo
Unisonic Technologies
U74HC4051 UTC-U74HC4051_18 Datasheet
256Kb / 9P
   8-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
U74LVX4051 UTC-U74LVX4051_16 Datasheet
229Kb / 10P
   8-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
logo
Texas Instruments
SN74LV4051A-Q1 TI-SN74LV4051A-Q1 Datasheet
325Kb / 14P
[Old version datasheet]   8-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
logo
NXP Semiconductors
HEF4051BT PHILIPS-HEF4051BT Datasheet
174Kb / 23P
   8-channel analog multiplexer/demultiplexer
Rev. 10-17 November 2011
logo
Unisonic Technologies
U74HC4051 UTC-U74HC4051 Datasheet
259Kb / 9P
   8-CHANNEL ANALOG MULTIPLEXER / DEMULTIPLEXER
U74LVX4051 UTC-U74LVX4051 Datasheet
241Kb / 11P
   8-Channel Analog Multiplexer/Demultiplexer
logo
NXP Semiconductors
74HC4051D-T NXP-74HC4051D-T Datasheet
222Kb / 31P
   8-channel analog multiplexer/demultiplexer
Rev. 7-19 July 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com