Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

53748-0808 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 53748-0808
Description  Locking feature provides secure mating
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

53748-0808 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  53748-0808 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
MX01
I-9
I
FEATURES AND SPECIFICATIONS
0.50mm (.020") Pitch
Board-to-Board
Plug
53748
SMT, Dual Row
Vertical Stacking
Features and Benefits
s
Stacking height: 3.0mm
s
Sizes 20 to 80 circuits
s
Locking feature provides secure mating
s
High temperature housing
s
Durable blade on beam contact interface
s
Anti-flux design
Reference Information
Packaging: Embossed tape
Mates With: 52991
Designed In: Millimeters
Electrical
Voltage: 50V
Current: 0.5A
Contact Resistance: 50m
Ω max.
Dielectric Withstanding Voltage: 500V AC
Insulation Resistance: 100 M
Ω min.
Physical
Housing: White glass-filled LCP plastic, UL 94V-0
Contact: Brass
Plating: Gold over Nickel
Operating Temperature: -40 to +105˚C
Mating Dimensions
53748 • 52991
H=3.0mm W=5.4mm
H
W
CATALOG DRAWING (FOR REFERENCE ONLY)
ORDERING INFORMATION AND DIMENSIONS
Note: Contact Molex for embossed tape specifications
Note: Use only one connector per daughterboard in order to insure proper mating alignment
Circuits
Order No.
Dimension
Carrier Tape Width
With Vacuum Pick-up Tape
Without Vacuum Pick-up Tape
A
B
20
53748-0204
53748-0208
8.80 (.346)
4.50 (.177)
16.00 (.630)
30
53748-0304
53748-0308
11.30 (.170)
7.00 (.275)
24.00 (.945)
40
53748-0404
53748-0408
13.80 (.444)
9.50 (.374)
24.00 (.945)
50
53748-0504
53748-0508
16.30 (.641)
12.00 (.472)
32.00 (1.260)
60
53748-0604
53748-0608
18.80 (.740)
14.50 (.570)
32.00 (1.260)
70
53748-0704
53748-0708
21.30 (.838)
17.00 (.669)
44.00 (1.732)
80
53748-0808
23.80 (.937)
19.50 (.767)
44.00 (1.732)


Similar Part No. - 53748-0808

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
53748-0808 MOLEX7-53748-0808 Datasheet
535Kb / 9P
   0.50mm (.020") Pitch SlimStack??Plug, Surface Mount, Dual Row, Vertical, 3.00mm (.118") Stack Height, 80 Circuits, without Vacuum Pick-up Tape
More results

Similar Description - 53748-0808

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SCS200 ETC2-SCS200 Datasheet
168Kb / 2P
   Secure Shell (SSH) access provides strong authentication and secure communications
B6252HB-NPP3G-50 ETC-B6252HB-NPP3G-50 Datasheet
5Mb / 27P
   Bayonet coupling mechanism provides quick mating and unmating
LK106A ETC2-LK106A Datasheet
55Kb / 1P
   High-strength aluminum body with carabiner clip provides secure carry options
logo
Fairchild Semiconductor
KSC5047 FAIRCHILD-KSC5047 Datasheet
41Kb / 4P
   Feature
KSE5020 FAIRCHILD-KSE5020 Datasheet
44Kb / 4P
   Feature
KSD1691 FAIRCHILD-KSD1691 Datasheet
47Kb / 5P
   Feature
KSE210 FAIRCHILD-KSE210 Datasheet
42Kb / 4P
   Feature
KSD1692 FAIRCHILD-KSD1692 Datasheet
50Kb / 4P
   Feature
KSE200 FAIRCHILD-KSE200 Datasheet
42Kb / 4P
   Feature
logo
Xicor Inc.
X76F200 XICOR-X76F200 Datasheet
77Kb / 16P
   Secure SerialFlash
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com