Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74LV393N Datasheet(PDF) 6 Page - NXP Semiconductors

Part # 74LV393N
Description  Dual 4-bit binary ripple counter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LV393N Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button 74LV393N Datasheet HTML 2Page - NXP Semiconductors 74LV393N Datasheet HTML 3Page - NXP Semiconductors 74LV393N Datasheet HTML 4Page - NXP Semiconductors 74LV393N Datasheet HTML 5Page - NXP Semiconductors 74LV393N Datasheet HTML 6Page - NXP Semiconductors 74LV393N Datasheet HTML 7Page - NXP Semiconductors 74LV393N Datasheet HTML 8Page - NXP Semiconductors 74LV393N Datasheet HTML 9Page - NXP Semiconductors 74LV393N Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Philips Semiconductors
Product specification
74LV393
Dual 4-bit binary ripple counter
1998 Jun 10
6
AC CHARACTERISTICS
GND = 0V; tr = tf ≤ 2.5ns; CL = 50pF; RL = 1KW
CONDITION
LIMITS
SYMBOL
PARAMETER
WAVEFORM
CONDITION
–40 to +85
°C
–40 to +125
°C
UNIT
VCC(V)
MIN
TYP1
MAX
MIN
MAX
1.2
75
tPHL/tPLH
Propagation delay
Figure 1
2.0
26
49
60
ns
tPHL/tPLH
gy
nCP to nQ0
Figure 1
2.7
19
36
44
ns
3.0 to 3.6
142
29
35
1.2
25
tPHL/tPLH
Propagation delay
Figure 1
2.0
9
17
20
ns
tPHL/tPLH
gy
nQn to nQn+1
Figure 1
2.7
6
13
15
ns
3.0 to 3.6
52
10
12
1.2
70
tPHL
Propagation delay
Figure 2
2.0
24
44
54
ns
tPHL
gy
nMR to nQn
Figure 2
2.7
18
33
40
ns
3.0 to 3.6
132
26
32
Cl
k
l
idth
2.0
34
10
41
tW
Clock pulse width
HIGH or LOW
Figure 1
2.7
25
8
30
ns
HIGH or LOW
3.0 to 3.6
20
62
24
Mt
t
l
2.0
34
12
41
tW
Master reset pulse
width; HIGH
Figure 2
2.7
25
9
30
ns
width HIGH
3.0 to 3.6
20
72
24
1.2
5
t
Removal time
Figure 2
2.0
5
2
5
ns
trem
nMR to nCP
Figure 2
2.7
5
2
5
ns
3.0 to 3.6
5
12
5
Mi
lk
2.0
14
53
12
fmax
Maximum clock
pulse frequency
Figure 1
2.7
19
72
16
MHz
ulse frequency
3.0 to 3.6
24
902
20
NOTES:
1. All typical values are measured at Tamb = 25°C
2. Typical values are measured at VCC = 3.3V


Similar Part No. - 74LV393N

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74LV393 NEXPERIA-74LV393 Datasheet
235Kb / 13P
   Dual 4-bit binary ripple counter
Rev. 6 - 19 March 2021
74LV393-Q100 NEXPERIA-74LV393-Q100 Datasheet
746Kb / 16P
   Dual 4-bit binary ripple counter
74LV393D NEXPERIA-74LV393D Datasheet
235Kb / 13P
   Dual 4-bit binary ripple counter
Rev. 6 - 19 March 2021
74LV393D-Q100 NEXPERIA-74LV393D-Q100 Datasheet
746Kb / 16P
   Dual 4-bit binary ripple counter
74LV393PW NEXPERIA-74LV393PW Datasheet
235Kb / 13P
   Dual 4-bit binary ripple counter
Rev. 6 - 19 March 2021
More results

Similar Description - 74LV393N

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74VHC393 ONSEMI-MC74VHC393 Datasheet
172Kb / 8P
   Dual 4-Bit Binary Ripple Counter
REV 0
logo
NXP Semiconductors
74HC393 NXP-74HC393 Datasheet
164Kb / 21P
   Dual 4-bit binary ripple counter
Rev. 4-16 May 2013
logo
Nexperia B.V. All right...
74HC393-Q100 NEXPERIA-74HC393-Q100 Datasheet
734Kb / 20P
   Dual 4-bit binary ripple counter
74HCT393-Q100 NEXPERIA-74HCT393-Q100 Datasheet
267Kb / 1P
   Dual 4-bit binary ripple counter
Rev. 3 - 22 October 2021
logo
NXP Semiconductors
74HC393 PHILIPS-74HC393 Datasheet
46Kb / 7P
   Dual 4-bit binary ripple counter
December 1990
74F393 PHILIPS-74F393 Datasheet
75Kb / 8P
   Dual 4-bit binary ripple counter
1988 Nov 01
logo
Nexperia B.V. All right...
74LV393-Q100 NEXPERIA-74LV393-Q100 Datasheet
746Kb / 16P
   Dual 4-bit binary ripple counter
logo
List of Unclassifed Man...
74HC393 ETC1-74HC393 Datasheet
216Kb / 5P
   DUAL 4-BIT BINARY RIPPLE COUNTER
logo
Nexperia B.V. All right...
74LV393 NEXPERIA-74LV393 Datasheet
235Kb / 13P
   Dual 4-bit binary ripple counter
Rev. 6 - 19 March 2021
74HC393 NEXPERIA-74HC393 Datasheet
268Kb / 15P
   Dual 4-bit binary ripple counter
Rev. 8 - 22 October 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com