Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT28C64X-15PI Datasheet(PDF) 10 Page - ATMEL Corporation

Part # AT28C64X-15PI
Description  64K (8K x 8) CMOS E2PROM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT28C64X-15PI Datasheet(HTML) 10 Page - ATMEL Corporation

Back Button AT28C64X-15PI Datasheet HTML 3Page - ATMEL Corporation AT28C64X-15PI Datasheet HTML 4Page - ATMEL Corporation AT28C64X-15PI Datasheet HTML 5Page - ATMEL Corporation AT28C64X-15PI Datasheet HTML 6Page - ATMEL Corporation AT28C64X-15PI Datasheet HTML 7Page - ATMEL Corporation AT28C64X-15PI Datasheet HTML 8Page - ATMEL Corporation AT28C64X-15PI Datasheet HTML 9Page - ATMEL Corporation AT28C64X-15PI Datasheet HTML 10Page - ATMEL Corporation AT28C64X-15PI Datasheet HTML 11Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
Package Type
32J
32 Lead, Plastic J-Leaded Chip Carrier (PLCC)
28P6
28 Lead, 0.600" Wide, Plastic Dual Inline Package (PDIP)
28S
28 Lead, 0.300" Wide, Plastic Gull Wing, Small Outline (SOIC)
28T
28 Lead, Plastic Thin Small Outline Package (TSOP)
W
Die
Options
Blank
Standard Device: Endurance = 10K Write Cycles; Write Time = 1 ms
E
High Endurance Option: Endurance = 100K Write Cycles; Write Time = 200
µs
2-202
AT28C64/X


Similar Part No. - AT28C64X-15PI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT28C64X ATMEL-AT28C64X_14 Datasheet
324Kb / 12P
   Fast Read Access Time
More results

Similar Description - AT28C64X-15PI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT28BV64 ATMEL-AT28BV64 Datasheet
410Kb / 8P
   64K 8K x 8 Battery-Voltage CMOS E2PROM
logo
Microchip Technology
27C64 MICROCHIP-27C64 Datasheet
126Kb / 10P
   64K (8K x 8) CMOS EPROM
2004
28C64A MICROCHIP-28C64A Datasheet
67Kb / 8P
   64K (8K x 8) CMOS EEPROM
1996
28C64A MICROCHIP-28C64A_04 Datasheet
131Kb / 10P
   64K (8K x 8) CMOS EEPROM
2004
logo
Sharp Corporation
LH5164A SHARP-LH5164A Datasheet
105Kb / 11P
   CMOS 64K (8K x 8) Static RAM
LH5164AV SHARP-LH5164AV Datasheet
84Kb / 11P
   CMOS 64K (8K x 8) Static RAM
LH5164AZ8 SHARP-LH5164AZ8 Datasheet
66Kb / 9P
   CMOS 64K (8K x 8) Static RAM
LH5164A SHARP-LH5164A Datasheet
105Kb / 11P
   CMOS 64K (8K x 8) Static RAM
logo
NXP Semiconductors
27HC641 PHILIPS-27HC641 Datasheet
273Kb / 8P
   64K BIT CMOS EPROM (8K X 8)
November 12 1990
logo
Sharp Corporation
LH5164ASH SHARP-LH5164ASH Datasheet
82Kb / 10P
   CMOS 64K (8K x 8) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com