Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0811-1X1T-12 Datasheet(PDF) 2 Page - Bel Fuse Inc.

Part # 0811-1X1T-12
Description  INTEGRATED CONNECTOR MODULES 10Base-T belMag?
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

0811-1X1T-12 Datasheet(HTML) 2 Page - Bel Fuse Inc.

  0811-1X1T-12 Datasheet HTML 1Page - Bel Fuse Inc. 0811-1X1T-12 Datasheet HTML 2Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CORPORATE
Bel Fuse Inc.
206 Van Vorst Street
Jersey City, NJ 07302
Tel
201-432-0463
Fax
201-432-9542
www.belfuse.com
FAR EAST
Bel Fuse Ltd.
8F / 8 Luk Hop Street
San Po Kong
Kowloon, Hong Kong
Tel
852-2328-5515
Fax 852-2352-3706
www.belfuse.com
EUROPE
Bel Fuse Europe Ltd.
Preston Technology Management Centre
Marsh Lane, Suite G7, Preston
Lancashire, PR1 8UD, U.K.
Tel
44-1772-556601
Fax 44-1772-888366
www.belfuse.com
©2001 Bel Fuse Inc.
Specifications subject to change without notice. 08.01
BM01821
page 2
10Base-T belMag™
INTEGRATED CONNECTOR MODULES
1
Suggested PCB Pad Layout
Component Side View
0.068
[1.71]
0.565
[14.35]
0.440
[11.18]
0.050
[1.27]
0.080 [2.03]
Ø0.062
[Ø1.57] 2 places
Ø0.128
[Ø3.25] 2 places
Ø0.035
[Ø0.89] 6 places
1 2 3 45 6
0.635
[16.13]
0.500
[12.70]
MECHANICAL
0811-1X1T-12
0811-1X1T-22
Notes
Plastic Housing
Thermoplastic, flammability rating UL 94V-0
Contacts
50 micro-inch hard gold plating
Pins
Tin-coated copper wire, DIA 0.018" [0.46]
Solderability
Per MIL Std. 202, Method 208
Metal Shield
Tin lead plated copper alloy
PAD LAYOUT
0.755 ±0.020
[19.18 ±0.51]
0.130
[3.30]
0.531
[13.49]
1.005 [25.53]
max
0.305
[7.75]
0.125
[3.18]
0.565 [14.35]
0.125
[3.18]
Dimensions are in inches [millimeters].
Standard dimension tolerance is ±0.010 [0.25] unless otherwise noted.
0.661
[16.79]
max
0.570 ±0.010
[14.48 ±0.25]
0.250 [6.35]
0.190 [4.83]
Pin 1
0.546
[13.87]
0.681
[17.30]
PCB
Metal Panel
0.080 [2.03]
Suggested Panel Opening


Similar Part No. - 0811-1X1T-12

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
0811-1X1T-01 BEL-0811-1X1T-01 Datasheet
133Kb / 2P
   INTEGRATED CONNECTOR MODULES 10/100Base-TX belMag?
0811-1X1T-02 BEL-0811-1X1T-02 Datasheet
133Kb / 2P
   INTEGRATED CONNECTOR MODULES 10/100Base-TX belMag?
0811-1X1T-03 BEL-0811-1X1T-03 Datasheet
133Kb / 2P
   INTEGRATED CONNECTOR MODULES 10/100Base-TX belMag?
0811-1X1T-06 BEL-0811-1X1T-06 Datasheet
120Kb / 3P
   INTEGRATED CONNECTOR MODULES 10/100Base-TX Single Port MagJack
0811-1X1T-27 BEL-0811-1X1T-27 Datasheet
88Kb / 2P
   INTEGRATED CONNECTOR MODULES 10Base-T Extended Temp belMag
More results

Similar Description - 0811-1X1T-12

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
0811-1XX1-12 BEL-0811-1XX1-12 Datasheet
112Kb / 2P
   INTEGRATED CONNECTOR MODULES 10Base-T belMag?
0811-1XX1-27 BEL-0811-1XX1-27 Datasheet
86Kb / 2P
   INTEGRATED CONNECTOR MODULES 10Base-T Extended Temp belMag?
0810-1XX1-12 BEL-0810-1XX1-12 Datasheet
143Kb / 2P
   INTEGRATED CONNECTOR MODULES 10Base-T belMag??with LEDs
0811-1X1T-27 BEL-0811-1X1T-27 Datasheet
88Kb / 2P
   INTEGRATED CONNECTOR MODULES 10Base-T Extended Temp belMag
0810-1X1T-12 BEL-0810-1X1T-12 Datasheet
138Kb / 2P
   INTEGRATED CONNECTOR MODULES 10Base-T belMag??with LEDs
0810-1XX1-27 BEL-0810-1XX1-27 Datasheet
115Kb / 2P
   INTEGRATED CONNECTOR MODULES 10Base-T Extended Temp belMag??with LEDs
0810-1X1T-27 BEL-0810-1X1T-27 Datasheet
111Kb / 2P
   INTEGRATED CONNECTOR MODULES 10Base-T Extended Temp belMag with LEDs
0813-1X1T-23 BEL-0813-1X1T-23 Datasheet
146Kb / 4P
   INTEGRATED CONNECTOR MODULES Gigabit belMag?
0811-1X1T-01 BEL-0811-1X1T-01 Datasheet
133Kb / 2P
   INTEGRATED CONNECTOR MODULES 10/100Base-TX belMag?
0811-1XX1-01 BEL-0811-1XX1-01 Datasheet
133Kb / 2P
   INTEGRATED CONNECTOR MODULES 10/100Base-TX belMag
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com