Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT28C64E-25TI Datasheet(PDF) 9 Page - ATMEL Corporation

Part # AT28C64E-25TI
Description  64K (8K x 8) CMOS E2PROM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT28C64E-25TI Datasheet(HTML) 9 Page - ATMEL Corporation

Back Button AT28C64E-25TI Datasheet HTML 3Page - ATMEL Corporation AT28C64E-25TI Datasheet HTML 4Page - ATMEL Corporation AT28C64E-25TI Datasheet HTML 5Page - ATMEL Corporation AT28C64E-25TI Datasheet HTML 6Page - ATMEL Corporation AT28C64E-25TI Datasheet HTML 7Page - ATMEL Corporation AT28C64E-25TI Datasheet HTML 8Page - ATMEL Corporation AT28C64E-25TI Datasheet HTML 9Page - ATMEL Corporation AT28C64E-25TI Datasheet HTML 10Page - ATMEL Corporation AT28C64E-25TI Datasheet HTML 11Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
tACC
(ns)
ICC (mA)
Ordering Code
Package
Operation Range
Active
Standby
120
30
0.1
AT28C64(E)-12JC
32J
Commercial
AT28C64(E)-12PC
28P6
(0
°C to 70°C)
AT28C64(E)-12SC
28S
AT28C64(E)-12TC
28T
45
0.1
AT28C64(E)-12JI
32J
Industrial
AT28C64(E)-12PI
28P6
(-40
°C to 85°C)
AT28C64(E)-12SI
28S
AT28C64(E)-12TI
28T
150
30
0.1
AT28C64(E)-15JC
32J
Commercial
AT28C64(E)-15PC
28P6
(0
°C to 70°C)
AT28C64(E)-15SC
28S
AT28C64(E)-15TC
28T
45
0.1
AT28C64(E)-15JI
32J
Industrial
AT28C64(E)-15PI
28P6
(-40
°C to 85°C)
AT28C64(E)-15SI
28S
AT28C64(E)-15TI
28T
200
30
0.1
AT28C64(E)-20JC
32J
Commercial
AT28C64(E)-20PC
28P6
(0
°C to 70°C)
AT28C64(E)-20SC
28S
AT28C64(E)-20TC
28T
45
0.1
AT28C64(E)-20JI
32J
Industrial
AT28C64(E)-20PI
28P6
(-40
°C to 85°C)
AT28C64(E)-20SI
28S
AT28C64(E)-20TI
28T
250
30
0.1
AT28C64(E)-25JC
32J
Commercial
AT28C64(E)-25PC
28P6
(0
°C to 70°C)
AT28C64(E)-25SC
28S
AT28C64(E)-25TC
28T
AT28C64-W
DIE
45
0.1
AT28C64(E)-25JI
32J
Industrial
AT28C64(E)-25PI
28P6
(-40
°C to 85°C)
AT28C64(E)-25SI
28S
AT28C64(E)-25TI
28T
Ordering Information
(1)
Note:
1. See Valid Part Number table below.
AT28C64/X
2-201


Similar Part No. - AT28C64E-25TI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT28C64B ATMEL-AT28C64B Datasheet
660Kb / 12P
   64K (8K x 8) CMOS E2PROM with Page Write and Software Data Protection
AT28C64B ATMEL-AT28C64B Datasheet
317Kb / 13P
   64K (8K x 8) Parallel EEPROM with Page Write and Software Data Protection
AT28C64B ATMEL-AT28C64B Datasheet
297Kb / 18P
   64K (8K x 8) Parallel EEPROM with Page Write and Software Data Protection
AT28C64B ATMEL-AT28C64B Datasheet
313Kb / 18P
   64K (8K x 8) Parallel EEPROM with Page Write and Software Data Protection
AT28C64B-15 ATMEL-AT28C64B-15 Datasheet
660Kb / 12P
   64K (8K x 8) CMOS E2PROM with Page Write and Software Data Protection
More results

Similar Description - AT28C64E-25TI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT28BV64 ATMEL-AT28BV64 Datasheet
410Kb / 8P
   64K 8K x 8 Battery-Voltage CMOS E2PROM
logo
Microchip Technology
27C64 MICROCHIP-27C64 Datasheet
126Kb / 10P
   64K (8K x 8) CMOS EPROM
2004
28C64A MICROCHIP-28C64A Datasheet
67Kb / 8P
   64K (8K x 8) CMOS EEPROM
1996
28C64A MICROCHIP-28C64A_04 Datasheet
131Kb / 10P
   64K (8K x 8) CMOS EEPROM
2004
logo
Sharp Corporation
LH5164A SHARP-LH5164A Datasheet
105Kb / 11P
   CMOS 64K (8K x 8) Static RAM
LH5164AV SHARP-LH5164AV Datasheet
84Kb / 11P
   CMOS 64K (8K x 8) Static RAM
LH5164AZ8 SHARP-LH5164AZ8 Datasheet
66Kb / 9P
   CMOS 64K (8K x 8) Static RAM
LH5164A SHARP-LH5164A Datasheet
105Kb / 11P
   CMOS 64K (8K x 8) Static RAM
logo
NXP Semiconductors
27HC641 PHILIPS-27HC641 Datasheet
273Kb / 8P
   64K BIT CMOS EPROM (8K X 8)
November 12 1990
logo
Sharp Corporation
LH5164ASH SHARP-LH5164ASH Datasheet
82Kb / 10P
   CMOS 64K (8K x 8) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com