Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74LV365PWDH Datasheet(PDF) 3 Page - NXP Semiconductors

Part # 74LV365PWDH
Description  Hex buffer/line driver 3-State
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LV365PWDH Datasheet(HTML) 3 Page - NXP Semiconductors

  74LV365PWDH Datasheet HTML 1Page - NXP Semiconductors 74LV365PWDH Datasheet HTML 2Page - NXP Semiconductors 74LV365PWDH Datasheet HTML 3Page - NXP Semiconductors 74LV365PWDH Datasheet HTML 4Page - NXP Semiconductors 74LV365PWDH Datasheet HTML 5Page - NXP Semiconductors 74LV365PWDH Datasheet HTML 6Page - NXP Semiconductors 74LV365PWDH Datasheet HTML 7Page - NXP Semiconductors 74LV365PWDH Datasheet HTML 8Page - NXP Semiconductors 74LV365PWDH Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Philips Semiconductors
Product specification
74LV365
Hex buffer/line driver (3-State)
1998 May 29
3
PIN CONFIGURATION
SV00644
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
OE1
1A
1Y
2A
2Y
3A
3Y
GND
4Y
4A
5Y
5A
6Y
6A
OE2
VCC
LOGIC SYMBOL
SV00645
3Y
7
4Y
9
5Y
11
6Y
13
6
10
12
14
OE1
OE2
15
1
1Y
3
2Y
5
2
3A
4A
5A
6A
1A
2A
4
LOGIC SYMBOL (IEEE/IEC)
SV00646
3
5
7
9
11
13
&
EN
2
4
6
10
15
1
12
14
FUNCTIONAL DIAGRAM
SV00647
3Y
4Y
5Y
6Y
OE1
OE2
1Y
2Y
7
9
11
13
3
5
3A
4A
5A
6A
1A
2A
6
10
12
14
15
1
2
4


Similar Part No. - 74LV365PWDH

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LV367 PHILIPS-74LV367 Datasheet
113Kb / 12P
   Hex buffer/line driver 3-State
1998 May 29
logo
Texas Instruments
74LV367A TI-74LV367A Datasheet
341Kb / 14P
[Old version datasheet]   HEX BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
logo
NXP Semiconductors
74LV367D PHILIPS-74LV367D Datasheet
113Kb / 12P
   Hex buffer/line driver 3-State
1998 May 29
74LV367DB PHILIPS-74LV367DB Datasheet
113Kb / 12P
   Hex buffer/line driver 3-State
1998 May 29
74LV367N PHILIPS-74LV367N Datasheet
113Kb / 12P
   Hex buffer/line driver 3-State
1998 May 29
More results

Similar Description - 74LV365PWDH

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74HC365-Q100 NEXPERIA-74HC365-Q100 Datasheet
746Kb / 19P
   Hex buffer/line driver; 3-state
logo
List of Unclassifed Man...
74HC367 ETC1-74HC367 Datasheet
173Kb / 4P
   HEX BUFFER / LINE DRIVER 3-STATE
logo
NXP Semiconductors
74LV367 PHILIPS-74LV367 Datasheet
113Kb / 12P
   Hex buffer/line driver 3-State
1998 May 29
logo
Nexperia B.V. All right...
74HCT365 NEXPERIA-74HCT365 Datasheet
275Kb / 17P
   Hex buffer/line driver; 3-state
Rev. 6 - 28 July 2021
logo
NXP Semiconductors
74HC365 PHILIPS-74HC365 Datasheet
45Kb / 7P
   Hex buffer/line driver; 3-state
December 1990
logo
List of Unclassifed Man...
74HC365 ETC1-74HC365 Datasheet
166Kb / 4P
   HEX BUFFER / LINE DRIVER 3-STATE
logo
Nexperia B.V. All right...
74HCT367 NEXPERIA-74HCT367 Datasheet
242Kb / 14P
   Hex buffer/line driver; 3-state
Rev. 4 - 24 February 2021
logo
NXP Semiconductors
74HC_HCT365 PHILIPS-74HC_HCT365_15 Datasheet
180Kb / 21P
   Hex buffer/line driver; 3-state
Rev. 3-5 September 2012
74HC367 PHILIPS-74HC367 Datasheet
46Kb / 7P
   Hex buffer/line driver; 3-state
December 1990
74HC_HCT367_CNV PHILIPS-74HC_HCT367_CNV_15 Datasheet
52Kb / 7P
   Hex buffer/line driver; 3-state
December 1990
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com