Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTN78060HAS Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # PTN78060HAS
Description  3-A, WIDE-INPUT ADJUSTABLE SWITCHING REGULATOR
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTN78060HAS Datasheet(HTML) 1 Page - Texas Instruments

  PTN78060HAS Datasheet HTML 1Page - Texas Instruments PTN78060HAS Datasheet HTML 2Page - Texas Instruments PTN78060HAS Datasheet HTML 3Page - Texas Instruments PTN78060HAS Datasheet HTML 4Page - Texas Instruments PTN78060HAS Datasheet HTML 5Page - Texas Instruments PTN78060HAS Datasheet HTML 6Page - Texas Instruments PTN78060HAS Datasheet HTML 7Page - Texas Instruments PTN78060HAS Datasheet HTML 8Page - Texas Instruments PTN78060HAS Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
www.ti.com
FEATURES
APPLICATIONS
DESCRIPTION
1
6
2
3
7
VI
Inhibit
GND
GND
VO
1%, 0.05 W
(Required)
PTN78060
(Top View)
STANDARD APPLICATION
RSET#
4
5
VO Sense
L
O
A
D
C *
Ceramic
(Required)
I
C *
100 F
m
(Required)
O
*See the
section for capacitor recommendations. The minimum input capacitance
is
PTN78060W, and
PTN78060H.
Application Information
2.2 F for
14.1 F (3 x 4.7 F) for
m
m
m
#R
oltage. See the
section for Values.
SET
Application Information
is required to adjust the output v
PTN78060W, PTN78060H
SLTS229A – NOVEMBER 2004 – REVISED APRIL 2005
3-A, WIDE-INPUT ADJUSTABLE SWITCHING REGULATOR
General-Purpose, Industrial Controls,
3-A Output Current
HVAC Systems
Wide-Input Voltage
Test and Measurement,
(7 V to 36 V) / (15 V to 36 V)
Medical Instrumentation
Wide-Output Voltage Adjust
AC/DC Adaptors, Vehicles,
(2.5 V to 12.6 V) / (11.85 V to 22 V)
Marine, and Avionics
High Efficiency (Up to 96%)
On/Off Inhibit
Under-Voltage Lockout
Output Current Limit
Overtemperature Shutdown
Operating Temperature: -40
°C to 85°C
Surface Mount Package Available
The PTN78060 is a series of high-efficiency, step-down integrated switching regulators (ISR), that represent the
third generation in the evolution of the popular (PT)78ST200, 78ST300, (PT)78HT200, and 78HT300 series of
products. In new designs, the PTN78060 series may also be considered in place of the PT6200, PT6210, and
PT6300 series of single in-line pin (SIP) products. In all cases, the PTN78060 has either similar or improved
electrical performance characteristics. The caseless, double-sided package has excellent thermal characteristics,
and is compatible with TI's roadmap for RoHS and lead-free compliance.
Operating from a wide-input voltage range, the PTN78060 provides high-efficiency, step-down voltage
conversion for loads of up to 3 A. The output voltage can be set to any value over a wide adjustment range using
a single external resistor. The PTN78060W may be set to any value within the range, 2.5 V to 12.6 V, and the
PTN78060H from 11.85 V to 22 V. The output voltage of the PTN78060W can be as little as 2 V lower than the
input, allowing operation down to 7 V, with an output voltage of 5 V. The output voltage of the PTN78060H can
be as little as 3 V lower than the input, allowing operation down to 15 V, with an output voltage of 12 V.
The PTN78060 has undervoltage lockout, an integral on/off inhibit, and includes an output current limit and
overtemperature protection. It is well suited to a wide variety of general-purpose applications that operate off
12-V, 24-V, or 28-V DC power.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2004–2005, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - PTN78060HAS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTN78060HAS TI-PTN78060HAS Datasheet
746Kb / 26P
[Old version datasheet]   3-A, WIDE-INPUT ADJUSTABLE SWITCHING REGULATOR
PTN78060HAST TI-PTN78060HAST Datasheet
746Kb / 26P
[Old version datasheet]   3-A, WIDE-INPUT ADJUSTABLE SWITCHING REGULATOR
More results

Similar Description - PTN78060HAS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTN78060W TI-PTN78060W_09 Datasheet
746Kb / 26P
[Old version datasheet]   3-A, WIDE-INPUT ADJUSTABLE SWITCHING REGULATOR
PTH08080W TI-PTH08080W Datasheet
700Kb / 16P
[Old version datasheet]   2.25-A, WIDE-INPUT ADJUSTABLE SWITCHING REGULATOR
PTN78020W TI-PTN78020W Datasheet
1Mb / 25P
[Old version datasheet]   6-A, WIDE-INPUT ADJUSTABLE SWITCHING REGULATOR
PTN78000W TI-PTN78000W Datasheet
456Kb / 20P
[Old version datasheet]   1.5-A, WIDE-INPUT ADJUSTABLE SWITCHING REGULATOR
PTN78020W TI-PTN78020W_08 Datasheet
711Kb / 26P
[Old version datasheet]   6-A, WIDE-INPUT ADJUSTABLE SWITCHING REGULATOR
PTH08080W TI-PTH08080W_15 Datasheet
475Kb / 18P
[Old version datasheet]   2.25-A, WIDE-INPUT ADJUSTABLE SWITCHING REGULATOR
PTN78020W TI-PTN78020W_15 Datasheet
432Kb / 27P
[Old version datasheet]   6-A, WIDE-INPUT ADJUSTABLE SWITCHING REGULATOR
PTH08000W TI-PTH08000W Datasheet
1Mb / 20P
[Old version datasheet]   2.25-A, WIDE INPUT, ADJUSTABLE SWITCHING REGULATOR
PTH08080W TI1-PTH08080W_14 Datasheet
511Kb / 19P
[Old version datasheet]   2.25-A, WIDE-INPUT ADJUSTABLE SWITCHING REGULATOR
PTN78000W TI-PTN78000W_08 Datasheet
676Kb / 25P
[Old version datasheet]   1.5-A, WIDE-INPUT ADJUSTABLE SWITCHING REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com