Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTBPB Datasheet(PDF) 5 Page - Linear Technology

Part # LTBPB
Description  Precision, 100uA Gain Selectable Amplifier
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTBPB Datasheet(HTML) 5 Page - Linear Technology

  LTBPB Datasheet HTML 1Page - Linear Technology LTBPB Datasheet HTML 2Page - Linear Technology LTBPB Datasheet HTML 3Page - Linear Technology LTBPB Datasheet HTML 4Page - Linear Technology LTBPB Datasheet HTML 5Page - Linear Technology LTBPB Datasheet HTML 6Page - Linear Technology LTBPB Datasheet HTML 7Page - Linear Technology LTBPB Datasheet HTML 8Page - Linear Technology LTBPB Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
LT1996
5
1996f
Supply Current vs Supply Voltage
Output Voltage Swing vs
Temperature
Output Voltage Swing vs Load
Current (Output Low)
Output Voltage Swing vs Load
Current (Output High)
Output Short-Circuit Current vs
Temperature
Input Offset Voltage vs
Difference Gain
TYPICAL PERFOR A CE CHARACTERISTICS (Difference Amplifier Configuration)
Note 4: Both the LT1996C and LT1996I are guaranteed functional over the
–40°C to 85°C temperature range.
Note 5: The LT1996C is guaranteed to meet the specified performance
from 0°C to 70°C and is designed, characterized and expected to meet
specified performance from –40°C to 85°C but is not tested or QA
sampled at these temperatures. The LT1996I is guaranteed to meet
specified performance from –40°C to 85°C.
Note 6: This parameter is not 100% tested.
Note 7: Input voltage range is guaranteed by the CMRR test at VS = ±15V.
For the other voltages, this parameter is guaranteed by design and through
correlation with the ±15V test. See the Applications Information section to
determine the valid input voltage range under various operating
conditions.
Note 8: Offset voltage, offset voltage drift and PSRR are defined as
referred to the internal op amp. You can calculate output offset as follows.
In the case of balanced source resistance, VOS, OUT = VOS • Noise Gain +
IOS • 450k + IB • 450k • (1 – RP/RN) where RP and RN are the total
resistance at the op amp positive and negative terminal respectively.
Note 9: Resistors connected to the minus inputs. Resistor matching is not
tested directly, but is guaranteed by the gain error test.
Note 10: Input impedance is tested by a combination of direct
measurements and correlation to the CMRR and gain error tests.
SUPPLY VOLTAGE (±V)
0
200
175
150
125
100
75
50
25
0
16
1996 G01
4
2
6
10
14
18
8
12
20
TA = 85°C
TA = –40°C
TA = 25°C
LOAD CURRENT (mA)
0
1400
1200
1000
800
600
400
200
VEE
1996 G03
2
10
9
8
7
6
5
1
34
VS = 5V, 0V
TA = 85°C
TA = –40°C
TA = 25°C
LOAD CURRENT (mA)
VCC
–100
–200
–300
–400
–500
–600
–700
–800
–900
–1000
1996 G04
0123
4
5
67
8
9
10
VS = 5V, 0V
TA = 85°C
TA = –40°C
TA = 25°C
TEMPERATURE (°C)
–50
25
20
15
10
5
0
0
50
75
1996 G05
–25
25
100
125
VS = 5V, 0V
SINKING
SOURCING
GAIN (V/V)
9
150
100
50
0
–50
–100
–150
108
81 90 99
117
45
1996 G06
18 27
72
63
54
36
VS = 5V, 0V
REPRESENTATIVE PARTS
TEMPERATURE (°C)
–50
100
1996 G02
050
60
40
20
VEE
–25
25
75
125
VS = 5V, 0V
NO LOAD
OUTPUT HIGH
(RIGHT AXIS)
OUTPUT LOW
(LEFT AXIS)
VCC
–20
–40
–60
ELECTRICAL CHARACTERISTICS


Similar Part No. - LTBPB

ManufacturerPart #DatasheetDescription
logo
Heyco.
LTBP HEYCO-LTBP Datasheet
116Kb / 1P
   Feets of Strength
More results

Similar Description - LTBPB

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TQM7M6001 TRIQUINT-TQM7M6001 Datasheet
194Kb / 9P
   Precision, 100UA Gain Selectable Amplifier
logo
Linear Integrated Syste...
LT1991 LINEAR-LT1991 Datasheet
296Kb / 24P
   Precision, 100UA Gain Selectable Amplifier
logo
TriQuint Semiconductor
TQS5202 TRIQUINT-TQS5202 Datasheet
548Kb / 9P
   Precision, 100UA Gain Selectable Amplifier
logo
Vishay Siliconix
IM-10RFCL-12 VISHAY-IM-10RFCL-12 Datasheet
114Kb / 1P
   Precision, 100UA Gain Selectable Amplifier
Revision 02-Nov-01
logo
TriQuint Semiconductor
TQHBT TRIQUINT-TQHBT Datasheet
262Kb / 5P
   Precision, 100UA Gain Selectable Amplifier
TQHIP TRIQUINT-TQHIP Datasheet
119Kb / 4P
   Precision, 100UA Gain Selectable Amplifier
TQPED TRIQUINT-TQPED Datasheet
100Kb / 3P
   Precision, 100UA Gain Selectable Amplifier
logo
Linear Technology
LT1991 LINER-LT1991_15 Datasheet
768Kb / 28P
   Precision, 100A Gain Selectable Amplifier
LT1996 LINER-LT1996_15 Datasheet
348Kb / 24P
   Precision, 100A Gain Selectable Amplifier
logo
Analog Devices
LT1997-3 AD-LT1997-3 Datasheet
1Mb / 38P
   Precision, Wide Voltage Range Gain Selectable Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com