Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTD3055L170-1G Datasheet(PDF) 1 Page - ON Semiconductor

Part # NTD3055L170-1G
Description  9.0 Amps, 60 Volts, Logic Level, N?묬hannel DPAK
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTD3055L170-1G Datasheet(HTML) 1 Page - ON Semiconductor

  NTD3055L170-1G Datasheet HTML 1Page - ON Semiconductor NTD3055L170-1G Datasheet HTML 2Page - ON Semiconductor NTD3055L170-1G Datasheet HTML 3Page - ON Semiconductor NTD3055L170-1G Datasheet HTML 4Page - ON Semiconductor NTD3055L170-1G Datasheet HTML 5Page - ON Semiconductor NTD3055L170-1G Datasheet HTML 6Page - ON Semiconductor NTD3055L170-1G Datasheet HTML 7Page - ON Semiconductor NTD3055L170-1G Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© Semiconductor Components Industries, LLC, 2004
August, 2004 − Rev. 3
1
Publication Order Number:
NTD3055L170/D
NTD3055L170
Power MOSFET
9.0 Amps, 60 Volts, Logic Level,
N−Channel DPAK
Designed for low voltage, high speed switching applications in
power supplies, converters and power motor controls and bridge
circuits.
Features
Pb−Free Packages are Available
Typical Applications
Power Supplies
Converters
Power Motor Controls
Bridge Circuits
MAXIMUM RATINGS (TJ = 25°C unless otherwise noted)
Rating
Symbol
Value
Unit
Drain−to−Source Voltage
VDSS
60
Vdc
Drain−to−Gate Voltage (RGS = 10 MW)
VDGR
60
Vdc
Gate−to−Source Voltage
− Continuous
− Non−repetitive (tpv10 ms)
VGS
VGS
"15
"20
Vdc
Drain Current
− Continuous @ TA = 25°C
− Continuous @ TA = 100°C
− Single Pulse (tpv10 ms)
ID
ID
IDM
9.0
3.0
27
Adc
Apk
Total Power Dissipation @ TA = 25°C
Derate above 25
°C
Total Power Dissipation @ TA = 25°C (Note 1)
Total Power Dissipation @ TA = 25°C (Note 2)
PD
28.5
0.19
2.1
1.5
W
W/
°C
W
W
Operating and Storage Temperature Range
TJ, Tstg
− 55 to
175
°C
Single Pulse Drain−to−Source Avalanche
Energy − Starting TJ = 25°C
(VDD = 25 Vdc, VGS = 5.0 Vdc,
L = 1.0 mH, IL(pk) = 7.75 A, VDS = 60 Vdc)
EAS
30
mJ
Thermal Resistance
− Junction−to−Case
− Junction−to−Ambient (Note 1)
− Junction−to−Ambient (Note 2)
RqJC
RqJA
RqJA
5.2
71.4
100
°C/W
Maximum Lead Temperature for Soldering
Purposes, 1/8
″ from case for 10 seconds
TL
260
°C
Maximum ratings are those values beyond which device damage can occur.
Maximum ratings applied to the device are individual stress limit values (not
normal operating conditions) and are not valid simultaneously. If these limits
are exceeded, device functional operation is not implied, damage may occur
and reliability may be affected.
1. When surface mounted to an FR4 board using 0.5 sq in pad size.
2. When surface mounted to an FR4 board using minimum recommended
pad size.
9.0 AMPERES, 60 VOLTS
RDS(on) = 170 mW
N−Channel
D
S
G
DPAK
CASE 369AA
(Surface Mounted)
STYLE 2
1 2
3
4
DPAK−3
CASE 369D
(Straight Lead)
STYLE 2
MARKING
DIAGRAMS
1
Gate
3
Source
2
Drain
4
Drain
1
Gate
3
Source
2
Drain
4
Drain
3170L
= Device Code
A
= Assembly Location
Y
= Year
W
= Work Week
1
2
3
4
See detailed ordering and shipping information in the package
dimensions section on page 2 of this data sheet.
ORDERING INFORMATION
http://onsemi.com


Similar Part No. - NTD3055L170-1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTD3055L170-1G ONSEMI-NTD3055L170-1G Datasheet
125Kb / 9P
   Power MOSFET
July, 2014 ??Rev. 6
logo
VBsemi Electronics Co.,...
NTD3055L170-1G VBSEMI-NTD3055L170-1G Datasheet
960Kb / 7P
   N-Channel 60 V (D-S) MOSFET
More results

Similar Description - NTD3055L170-1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTD3055L104-001 ONSEMI-NTD3055L104-001 Datasheet
126Kb / 8P
   12 Amps, 60 Volts, Logic Level N?묬hannel DPAK
June, 2008 ??Rev. 6
NTD20N06LT4G ONSEMI-NTD20N06LT4G Datasheet
128Kb / 8P
   Power MOSFET 20 Amps, 60 Volts Logic Level, N?묬hannel DPAK
October, 2011 ??Rev. 3
NTD24N06L ONSEMI-NTD24N06L Datasheet
87Kb / 8P
   Power MOSFET 24 Amps, 60 Volts Logic Level, N?묬hannel DPAK
August, 2005 ??Rev. 2
MTD20N06HDL ONSEMI-MTD20N06HDL Datasheet
227Kb / 8P
   Power MOSFET 20 Amps, 60 Volts, Logic Level N?묬hannel DPAK
August, 2006 ??Rev. 6
NTD32N06 ONSEMI-NTD32N06 Datasheet
71Kb / 8P
   32 Amps, 60 Volts, N?묬hannel DPAK
August, 2004 ??Rev. 3
logo
List of Unclassifed Man...
NTD3055L104 ETC-NTD3055L104 Datasheet
113Kb / 8P
   12 Amps, 60 Volts, Logic Level N−Channel DPAK
October, 2010 - Rev. 7
logo
ON Semiconductor
NTP18N06L ONSEMI-NTP18N06L Datasheet
92Kb / 12P
   Power MOSFET 15 Amps, 60 Volts, Logic Level (N?묬hannel TO??20 and DPAK)
October, 2003 ??Rev. 3
NTDV20N06T4G ONSEMI-NTDV20N06T4G Datasheet
162Kb / 7P
   Power MOSFET 20 Amps, 60 Volts, N?묬hannel DPAK
August, 2011 ??Rev. 8
NTD20N06-001 ONSEMI-NTD20N06-001 Datasheet
162Kb / 7P
   Power MOSFET 20 Amps, 60 Volts, N?묬hannel DPAK
August, 2011 ??Rev. 8
MTD20N06HD ONSEMI-MTD20N06HD Datasheet
293Kb / 11P
   Power MOSFET 20 Amps, 60 Volts N?묬hannel DPAK
August, 2006 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com