Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTD3055L170G Datasheet(PDF) 3 Page - ON Semiconductor

Part # NTD3055L170G
Description  9.0 Amps, 60 Volts, Logic Level, N?묬hannel DPAK
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTD3055L170G Datasheet(HTML) 3 Page - ON Semiconductor

  NTD3055L170G Datasheet HTML 1Page - ON Semiconductor NTD3055L170G Datasheet HTML 2Page - ON Semiconductor NTD3055L170G Datasheet HTML 3Page - ON Semiconductor NTD3055L170G Datasheet HTML 4Page - ON Semiconductor NTD3055L170G Datasheet HTML 5Page - ON Semiconductor NTD3055L170G Datasheet HTML 6Page - ON Semiconductor NTD3055L170G Datasheet HTML 7Page - ON Semiconductor NTD3055L170G Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
NTD3055L170
http://onsemi.com
3
4
0.15
16
12
0.1
0.05
0
820
0.2
0.35
24
2.2
1.6
1.2
1.4
1
0.8
0.6
1
100
1000
08
8
2
1
VDS, DRAIN−TO−SOURCE VOLTAGE (VOLTS)
0
VGS, GATE−TO−SOURCE VOLTAGE (VOLTS)
Figure 1. On−Region Characteristics
Figure 2. Transfer Characteristics
4
0.15
10
8
0.1
0.05
0
612
Figure 3. On−Resistance versus
Gate−to−Source Voltage
ID, DRAIN CURRENT (AMPS)
Figure 4. On−Resistance versus Drain Current
and Gate Voltage
ID, DRAIN CURRENT (AMPS)
Figure 5. On−Resistance Variation with
Temperature
TJ, JUNCTION TEMPERATURE (°C)
Figure 6. Drain−to−Source Leakage Current
versus Voltage
VDS, DRAIN−TO−SOURCE VOLTAGE (VOLTS)
20
−50
50
25
0
−25
75
125
100
1
2.5
6
040
30
20
60
10
3
4
12
8 V
VDS ≥ 10 V
TJ = 25°C
TJ = −55°C
TJ = 100°C
TJ = 100°C
VGS = 10 V
VGS = 15 V
150
175
VGS = 0 V
ID = 4.5 A
VGS = 5 V
16
0.2
0.35
VGS = 10 V
TJ = 25°C
TJ = −55°C
TJ = 100°C
18
TJ = 150°C
TJ = 100°C
4
0
16
8
12
3.5
4
TJ = 25°C
TJ = −55°C
50
10
6 V
5 V
4 V
3.5 V
3 V
1.8
45
6
7
1.5
2
3
4.5
5
5.5
0.25
0.3
14
16
0.25
0.3
2
TJ = 125°C


Similar Part No. - NTD3055L170G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTD3055L170G ONSEMI-NTD3055L170G Datasheet
133Kb / 8P
   Power MOSFET
June, 2012 ??Rev. 5
NTD3055L170G ONSEMI-NTD3055L170G Datasheet
125Kb / 9P
   Power MOSFET
July, 2014 ??Rev. 6
More results

Similar Description - NTD3055L170G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTD3055L104-001 ONSEMI-NTD3055L104-001 Datasheet
126Kb / 8P
   12 Amps, 60 Volts, Logic Level N?묬hannel DPAK
June, 2008 ??Rev. 6
NTD20N06LT4G ONSEMI-NTD20N06LT4G Datasheet
128Kb / 8P
   Power MOSFET 20 Amps, 60 Volts Logic Level, N?묬hannel DPAK
October, 2011 ??Rev. 3
NTD24N06L ONSEMI-NTD24N06L Datasheet
87Kb / 8P
   Power MOSFET 24 Amps, 60 Volts Logic Level, N?묬hannel DPAK
August, 2005 ??Rev. 2
MTD20N06HDL ONSEMI-MTD20N06HDL Datasheet
227Kb / 8P
   Power MOSFET 20 Amps, 60 Volts, Logic Level N?묬hannel DPAK
August, 2006 ??Rev. 6
NTD32N06 ONSEMI-NTD32N06 Datasheet
71Kb / 8P
   32 Amps, 60 Volts, N?묬hannel DPAK
August, 2004 ??Rev. 3
logo
List of Unclassifed Man...
NTD3055L104 ETC-NTD3055L104 Datasheet
113Kb / 8P
   12 Amps, 60 Volts, Logic Level N−Channel DPAK
October, 2010 - Rev. 7
logo
ON Semiconductor
NTP18N06L ONSEMI-NTP18N06L Datasheet
92Kb / 12P
   Power MOSFET 15 Amps, 60 Volts, Logic Level (N?묬hannel TO??20 and DPAK)
October, 2003 ??Rev. 3
NTDV20N06T4G ONSEMI-NTDV20N06T4G Datasheet
162Kb / 7P
   Power MOSFET 20 Amps, 60 Volts, N?묬hannel DPAK
August, 2011 ??Rev. 8
NTD20N06-001 ONSEMI-NTD20N06-001 Datasheet
162Kb / 7P
   Power MOSFET 20 Amps, 60 Volts, N?묬hannel DPAK
August, 2011 ??Rev. 8
MTD20N06HD ONSEMI-MTD20N06HD Datasheet
293Kb / 11P
   Power MOSFET 20 Amps, 60 Volts N?묬hannel DPAK
August, 2006 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com