Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74LV368N Datasheet(PDF) 7 Page - NXP Semiconductors

Part # 74LV368N
Description  Hex buffer/line driver; inverting 3-State
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LV368N Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button 74LV368N Datasheet HTML 3Page - NXP Semiconductors 74LV368N Datasheet HTML 4Page - NXP Semiconductors 74LV368N Datasheet HTML 5Page - NXP Semiconductors 74LV368N Datasheet HTML 6Page - NXP Semiconductors 74LV368N Datasheet HTML 7Page - NXP Semiconductors 74LV368N Datasheet HTML 8Page - NXP Semiconductors 74LV368N Datasheet HTML 9Page - NXP Semiconductors 74LV368N Datasheet HTML 10Page - NXP Semiconductors 74LV368N Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Philips Semiconductors
Product specification
74LV368
Hex buffer/line driver; inverting (3-State)
1998 May 29
7
TEST CIRCUIT
SWITCH POSITION
PULSE
GENERATOR
RT
VI
D.U.T.
VO
CL
VCC
RL = 1k
Test Circuit for switching times
Open
GND
S1
DEFINITIONS
VCC
VI
< 2.7V
VCC
TEST
S1
tPLH/tPHL
Open
RL = Load resistor
CL = Load capacitance includes jig and probe capacitance
RT = Termination resistance should be equal to ZOUT of pulse generators.
2
< VCC
tPLZ/tPZL
2.7V
2.7–3.6V
tPHZ/tPZH
GND
50pF
SV00895
RL = 1k
2 * VCC
Figure 3. Load circuitry for switching times


Similar Part No. - 74LV368N

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LV365 PHILIPS-74LV365 Datasheet
113Kb / 12P
   Hex buffer/line driver 3-State
1998 May 29
74LV365D PHILIPS-74LV365D Datasheet
113Kb / 12P
   Hex buffer/line driver 3-State
1998 May 29
74LV365DB PHILIPS-74LV365DB Datasheet
113Kb / 12P
   Hex buffer/line driver 3-State
1998 May 29
74LV365N PHILIPS-74LV365N Datasheet
113Kb / 12P
   Hex buffer/line driver 3-State
1998 May 29
74LV365PW PHILIPS-74LV365PW Datasheet
113Kb / 12P
   Hex buffer/line driver 3-State
1998 May 29
More results

Similar Description - 74LV368N

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC368 PHILIPS-74HC368 Datasheet
47Kb / 7P
   Hex buffer/line driver; 3-state; inverting
December 1990
74HC_HCT368_CNV PHILIPS-74HC_HCT368_CNV_15 Datasheet
53Kb / 7P
   Hex buffer/line driver; 3-state; inverting
December 1990
74HC366 PHILIPS-74HC366 Datasheet
46Kb / 7P
   Hex buffer/line driver; 3-state; inverting
December 1990
logo
Nexperia B.V. All right...
74HCT368 NEXPERIA-74HCT368 Datasheet
244Kb / 13P
   Hex buffer/line driver; 3-state; inverting
Rev. 4 - 5 August 2021
logo
NXP Semiconductors
74HC_HCT366 PHILIPS-74HC_HCT366_15 Datasheet
150Kb / 21P
   Hex buffer/line driver; 3-state; inverting
Rev. 4-4 September 2012
74HC366 NXP-74HC366 Datasheet
128Kb / 19P
   Hex buffer/line driver; 3-state; inverting
Rev. 03-21 November 2006
logo
List of Unclassifed Man...
74HC366 ETC1-74HC366 Datasheet
168Kb / 4P
   HEX BUFFER / LINE DRIVER 3-STATE INVERTING
74HC368 ETC1-74HC368 Datasheet
174Kb / 4P
   HEX BUFFER / LINE DRIVER 3-STATE INVERTING
logo
Nexperia B.V. All right...
74HC366-Q100 NEXPERIA-74HC366-Q100 Datasheet
725Kb / 19P
   Hex buffer/line driver; 3-state; inverting
74HCT366 NEXPERIA-74HCT366 Datasheet
272Kb / 17P
   Hex buffer/line driver; 3-state; inverting
Rev. 6 - 17 February 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com