Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L1117-3.3 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # L1117-3.3
Description  1A Fixed and Adjustable Low Dropout Linear Regulator (LDO)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

L1117-3.3 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  L1117-3.3 Datasheet HTML 1Page - List of Unclassifed Manufacturers L1117-3.3 Datasheet HTML 2Page - List of Unclassifed Manufacturers L1117-3.3 Datasheet HTML 3Page - List of Unclassifed Manufacturers L1117-3.3 Datasheet HTML 4Page - List of Unclassifed Manufacturers L1117-3.3 Datasheet HTML 5Page - List of Unclassifed Manufacturers L1117-3.3 Datasheet HTML 6Page - List of Unclassifed Manufacturers L1117-3.3 Datasheet HTML 7Page - List of Unclassifed Manufacturers L1117-3.3 Datasheet HTML 8Page - List of Unclassifed Manufacturers L1117-3.3 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
L1117 Series
SOT-223, TO-252,
TO-220,TO-263
4
1A Fixed and Adjustable Low
Dropout Linear Regulator (LDO)
JUL-27-2001
NIKO-SEM
ELECTRICAL CHARACTERISTICS for L1117-5(Unless otherwise specified, TA = 25 °C)
Parameter
Symbol
Test Conditions
Typical
Limits
Output Voltage
(Fixed version)
VO
VIN = 8V, IOUT = 10mA
VO
4.90V(Min)
5.10V(Max)
Dropout Voltage
VD
ΔVO = 1%, IOUT = 1A
1.2V
1.45V
Line Regulation
REG(LINE) (VOUT + 1.5V)
≤ VIN ≤ 15V, IOUT = 10mA 0.5%
1.0%
Load Regulation
REG(LOAD) (VIN -VOUT) = 2V, 10mA
≤ IOUT ≤ 1A
0.5%
1.0%
Minimum Load
Current
IO
1.5V
≤ (VIN -VOUT) ≤ 5.75V
10mA
GND Pin Current
IGND
55
µA
100
µA
Current Limit
ICL
VIN - VOUT = 2V
1.2A
1.1A (Min)
RMS Output Noise
VN
0.003%
of VOUT
Ripple Rejection
Ratio
RA
f = 120Hz, Co=22uf,VIN = 8V,
IOUT = 1A
72dB
60dB (Min)
DEVICE SELECTION GUIDE
Device
L1117L
L1117D
L1117L-2.5 L1117L-2.85 L1117L-3.3 L1117D-3.3 L1117L-5
Voltage Version
ADJ
ADJ
2.5
2.85
3.3
3.3
5
Package
SOT-223
TO-252
SOT-223
SOT-223
SOT-223
TO-252
SOT-223
Marking
L1117L
L1117D
L1117L-2.5 L1117L-2.85 L1117L-3.3 L1117D-3.3 L1117L-5
Device
L1117D-5
L1117T
L1117T-3.3
L1117T-5
L1117S-5
Voltage Version
5
ADJ
3.3
5
5
Package
TO-252
TO-220
TO-220
TO-220
TO-263
Marking
L1117D-5
L1117T
L1117T-3.3
L1117T-5
L1117S-5


Similar Part No. - L1117-3.3

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
L1117XG ETC1-L1117XG Datasheet
242Kb / 13P
   1A Fixed and Adjustable Low Dropout Linear Regulator (LDO)
L1117XG-1.8 ETC1-L1117XG-1.8 Datasheet
242Kb / 13P
   1A Fixed and Adjustable Low Dropout Linear Regulator (LDO)
L1117XG-2.5 ETC1-L1117XG-2.5 Datasheet
242Kb / 13P
   1A Fixed and Adjustable Low Dropout Linear Regulator (LDO)
L1117XG-2.85 ETC1-L1117XG-2.85 Datasheet
242Kb / 13P
   1A Fixed and Adjustable Low Dropout Linear Regulator (LDO)
L1117XG-3.3 ETC1-L1117XG-3.3 Datasheet
242Kb / 13P
   1A Fixed and Adjustable Low Dropout Linear Regulator (LDO)
More results

Similar Description - L1117-3.3

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
L1117XG ETC1-L1117XG Datasheet
242Kb / 13P
   1A Fixed and Adjustable Low Dropout Linear Regulator (LDO)
logo
Fairchild Semiconductor
RC1117 FAIRCHILD-RC1117 Datasheet
48Kb / 9P
   1A Adjustable/Fixed Low Dropout Linear Regulator
logo
Advanced Monolithic Sys...
AMS1117 AMS-AMS1117 Datasheet
894Kb / 9P
   1A Adjustable/Fixed Low Dropout Linear Regulator
logo
Leshan Radio Company
LR1117A LRC-LR1117A Datasheet
148Kb / 9P
   1A Adjustable/Fixed Low Dropout Linear Regulator
logo
Fairchild Semiconductor
FAN1117A FAIRCHILD-FAN1117A Datasheet
49Kb / 9P
   1A Adjustable/Fixed Low Dropout Linear Regulator
logo
List of Unclassifed Man...
L1087C ETC-L1087C Datasheet
60Kb / 6P
   0.8A Fixed and Adjustable Low Dropout Linear Regulator (LDO)
logo
E-CMOS Corporation
EC8811 E-CMOS-EC8811 Datasheet
687Kb / 16P
   1A Adjustable & Fixed Voltage LDO Linear Regulator
logo
Global Mixed-mode Techn...
G9117 GMT-G9117 Datasheet
59Kb / 1P
   1A Adjustable Low-Dropout Linear Regulator
G1117 GMT-G1117_15 Datasheet
93Kb / 1P
   1A Adjustable Low-Dropout Linear Regulator
G1117 GMT-G1117 Datasheet
293Kb / 9P
   1A Adjustable Low-Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com