Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT28C64-12TI Datasheet(PDF) 3 Page - ATMEL Corporation

Part # AT28C64-12TI
Description  64K (8K x 8) CMOS E2PROM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT28C64-12TI Datasheet(HTML) 3 Page - ATMEL Corporation

  AT28C64-12TI Datasheet HTML 1Page - ATMEL Corporation AT28C64-12TI Datasheet HTML 2Page - ATMEL Corporation AT28C64-12TI Datasheet HTML 3Page - ATMEL Corporation AT28C64-12TI Datasheet HTML 4Page - ATMEL Corporation AT28C64-12TI Datasheet HTML 5Page - ATMEL Corporation AT28C64-12TI Datasheet HTML 6Page - ATMEL Corporation AT28C64-12TI Datasheet HTML 7Page - ATMEL Corporation AT28C64-12TI Datasheet HTML 8Page - ATMEL Corporation AT28C64-12TI Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Device Operation
READ: The AT28C64 is accessed like a Static RAM.
When CE and OE are low and WE is high, the data stored
at the memory location determined by the address pins is
asserted on the outputs. The outputs are put in a high im-
pedance state whenever CE or OE is high. This dual line
control gives designers increased flexibility in preventing
bus contention.
BYTE WRITE: Writing data into the AT28C64 is similar to
writing into a Static RAM. A low pulse on the WE or CE
input with OE high and CE or WE low (respectively) initi-
ates a byte write. The address location is latched on the
falling edge of WE (or CE); the new data is latched on the
rising edge. Internally, the device performs a self-clear be-
fore write. Once a byte write has been started, it will auto-
matically time itself to completion. Once a programming
operation has been initiated and for the duration of tWC, a
read operation will effectively be a polling operation.
FAST BYTE WRITE: The AT28C64E offers a byte write
time of 200
µs maximum. This feature allows the entire
device to be rewritten in 1.6 seconds.
READY/BUSY: Pin 1 is an open drain READY/BUSY
output that can be used to detect the end of a write cycle.
RDY/BUSY is actively pulled low during the write cycle
and is released at the completion of the write. The open
drain connection allows for OR-tying of several devices to
the same RDY/BUSY line. Pin 1 is not connected for the
AT28C64X.
DATA POLLING: The AT28C64 provides DATA POLL-
ING to signal the completion of a write cycle. During a
write cycle, an attempted read of the data being written
results in the complement of that data for I/O7 (the other
outputs are indeterminate). When the write cycle is fin-
ished, true data appears on all outputs.
WRITE PROTECTION: Inadvertent writes to the device
are protected against in the following ways. (a) VCC
sense— if VCC is below 3.8V (typical) the write function is
inhibited. (b) VCC power on delay— once VCC has
reached 3.8V the device will automatically time out 5 ms
(typical) before allowing a byte write. (c) Write Inhibit—
holding any one of OE low, CE high or WE high inhibits
byte write cycles.
CHIP CLEAR: The contents of the entire memory of the
AT28C64 may be set to the high state by the CHIP CLEAR
operation. By setting CE low and OE to 12 volts, the chip
is cleared when a 10 msec low pulse is applied to WE.
DEVICE IDENTIFICATION: A n e x t r a 32 - b y t es of
E2PROM memory are available to the user for device
identification. By raising A9 to 12
± 0.5V and using ad-
dress locations 1FE0H to 1FFFH the additional bytes may
be written to or read from in the same manner as the regu-
lar memory array.
AT28C64/X
2-195


Similar Part No. - AT28C64-12TI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT28C64B ATMEL-AT28C64B Datasheet
660Kb / 12P
   64K (8K x 8) CMOS E2PROM with Page Write and Software Data Protection
AT28C64B ATMEL-AT28C64B Datasheet
317Kb / 13P
   64K (8K x 8) Parallel EEPROM with Page Write and Software Data Protection
AT28C64B ATMEL-AT28C64B Datasheet
297Kb / 18P
   64K (8K x 8) Parallel EEPROM with Page Write and Software Data Protection
AT28C64B ATMEL-AT28C64B Datasheet
313Kb / 18P
   64K (8K x 8) Parallel EEPROM with Page Write and Software Data Protection
AT28C64B-15 ATMEL-AT28C64B-15 Datasheet
660Kb / 12P
   64K (8K x 8) CMOS E2PROM with Page Write and Software Data Protection
More results

Similar Description - AT28C64-12TI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT28BV64 ATMEL-AT28BV64 Datasheet
410Kb / 8P
   64K 8K x 8 Battery-Voltage CMOS E2PROM
logo
Microchip Technology
27C64 MICROCHIP-27C64 Datasheet
126Kb / 10P
   64K (8K x 8) CMOS EPROM
2004
28C64A MICROCHIP-28C64A Datasheet
67Kb / 8P
   64K (8K x 8) CMOS EEPROM
1996
28C64A MICROCHIP-28C64A_04 Datasheet
131Kb / 10P
   64K (8K x 8) CMOS EEPROM
2004
logo
Sharp Corporation
LH5164A SHARP-LH5164A Datasheet
105Kb / 11P
   CMOS 64K (8K x 8) Static RAM
LH5164AV SHARP-LH5164AV Datasheet
84Kb / 11P
   CMOS 64K (8K x 8) Static RAM
LH5164AZ8 SHARP-LH5164AZ8 Datasheet
66Kb / 9P
   CMOS 64K (8K x 8) Static RAM
LH5164A SHARP-LH5164A Datasheet
105Kb / 11P
   CMOS 64K (8K x 8) Static RAM
logo
NXP Semiconductors
27HC641 PHILIPS-27HC641 Datasheet
273Kb / 8P
   64K BIT CMOS EPROM (8K X 8)
November 12 1990
logo
Sharp Corporation
LH5164ASH SHARP-LH5164ASH Datasheet
82Kb / 10P
   CMOS 64K (8K x 8) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com