Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISPLSI1016EA Datasheet(PDF) 5 Page - Lattice Semiconductor

Part # ISPLSI1016EA
Description  In-System Programmable High Density PLD
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ISPLSI1016EA Datasheet(HTML) 5 Page - Lattice Semiconductor

  ISPLSI1016EA Datasheet HTML 1Page - Lattice Semiconductor ISPLSI1016EA Datasheet HTML 2Page - Lattice Semiconductor ISPLSI1016EA Datasheet HTML 3Page - Lattice Semiconductor ISPLSI1016EA Datasheet HTML 4Page - Lattice Semiconductor ISPLSI1016EA Datasheet HTML 5Page - Lattice Semiconductor ISPLSI1016EA Datasheet HTML 6Page - Lattice Semiconductor ISPLSI1016EA Datasheet HTML 7Page - Lattice Semiconductor ISPLSI1016EA Datasheet HTML 8Page - Lattice Semiconductor ISPLSI1016EA Datasheet HTML 9Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
5
Specifications ispLSI 1016EA
Switching Test Conditions
Figure 3. Test Load
DC Electrical Characteristics
Over Recommended Operating Conditions
Input Pulse Levels
Table 2-0003/1016EA
Input Rise and Fall Time 10% to 90%
Input Timing Reference Levels
Output Timing Reference Levels
Output Load
GND to 3.0V
1.5V
1.5ns
1.5V
See Figure 3
3-state levels are measured 0.5V from
steady-state active level.
Output Load Conditions (see Figure 3)
TEST CONDITION
R1
R2
CL
A
470
390
35pF
B
390
35pF
470
390
35pF
Active High
Active Low
C
470
390
5pF
390
5pF
Active Low to Z
at V +0.5V
OL
Active High to Z
at V
-0.5V
OH
Table 2-0004/1016E
+ 5V
R1
R2
CL*
Device
Output
Test
Point
*CL includes Test Fixture and Probe Capacitance.
0213a
VOL
SYMBOL
1. One output at a time for a maximum duration of one second. VOUT = 0.5V was selected to avoid test
problems by tester ground degradation. Characterized but not 100% tested.
2. Measured using four 16-bit counters.
3. Typical values are at VCC = 5V and TA = 25
°C.
4. Unused inputs held at 0.0V.
5. Maximum ICC varies widely with specific device configuration and operating frequency. Refer to the
Power Consumption section of this data sheet and the Thermal Management section of the Lattice Semiconductor
Data Book CD-ROM to estimate maximum ICC.
Table 2-0007/1016EA
VOH
IIH
IIL
PARAMETER
IIL-PU
IOS1
ICC2,4,5
Output Low Voltage
Output High Voltage
Input or I/O Low Leakage Current
Operating Power Supply Current
IOL = 8 mA
0V
≤ V
IN ≤ VIL (Max.)
VIL = 0.0V, VIH = 3.0V
CONDITION
MIN.
TYP.
3
MAX. UNITS
2.4
0.4
10
-10
10
V
V
2.4
——
V
µA
Input or I/O High Leakage Current
VCCIO ≤ VIN ≤ 5.25V
(VCCIO - 0.2)V ≤ VIN ≤ VCCIO
µA
µA
I/O Active Pull-Up Current
0V
≤ V
IN ≤ VIL
-200
µA
Output Short Circuit Current
VCCIO = 5.0V or 3.3V, VOUT = 0.5V
——
-240
mA
91
mA
fTOGGLE = 1 MHz
IOH = -2 mA, VCCIO = 3.0V
IOH = -4 mA, VCCIO = 4.75V


Similar Part No. - ISPLSI1016EA

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
ISPLSI1016EA LATTICE-ISPLSI1016EA Datasheet
207Kb / 13P
   In-System Programmable High Density PLD
ISPLSI1016EA-100LJ44 LATTICE-ISPLSI1016EA-100LJ44 Datasheet
207Kb / 13P
   In-System Programmable High Density PLD
ISPLSI1016EA-100LT44 LATTICE-ISPLSI1016EA-100LT44 Datasheet
207Kb / 13P
   In-System Programmable High Density PLD
ISPLSI1016EA-125LJ44 LATTICE-ISPLSI1016EA-125LJ44 Datasheet
207Kb / 13P
   In-System Programmable High Density PLD
ISPLSI1016EA-125LT44 LATTICE-ISPLSI1016EA-125LT44 Datasheet
207Kb / 13P
   In-System Programmable High Density PLD
More results

Similar Description - ISPLSI1016EA

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
1048C LATTICE-1048C Datasheet
185Kb / 12P
   In-System Programmable High Density PLD
1048EA LATTICE-1048EA Datasheet
182Kb / 14P
   In-System Programmable High Density PLD
ISPLSI1016E LATTICE-ISPLSI1016E_06 Datasheet
269Kb / 13P
   In-System Programmable High Density PLD
1024 LATTICE-1024 Datasheet
147Kb / 12P
   In-System Programmable High Density PLD
1024EA LATTICE-1024EA Datasheet
162Kb / 13P
   In-System Programmable High Density PLD
1032 LATTICE-1032 Datasheet
151Kb / 12P
   In-System Programmable High Density PLD
1032EA LATTICE-1032EA Datasheet
198Kb / 16P
   In-System Programmable High Density PLD
ISPLSI1048E LATTICE-ISPLSI1048E_06 Datasheet
287Kb / 17P
   In-System Programmable High Density PLD
ISPLSI3256E LATTICE-ISPLSI3256E Datasheet
251Kb / 15P
   In-System Programmable High Density PLD
ISPLSI1016EA LATTICE-ISPLSI1016EA_07 Datasheet
207Kb / 13P
   In-System Programmable High Density PLD
ISPLSI3448 LATTICE-ISPLSI3448 Datasheet
173Kb / 14P
   In-System Programmable High Density PLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com