Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74LV251PWDH Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 74LV251PWDH
Description  8-input multiplexer 3-State
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LV251PWDH Datasheet(HTML) 2 Page - NXP Semiconductors

  74LV251PWDH Datasheet HTML 1Page - NXP Semiconductors 74LV251PWDH Datasheet HTML 2Page - NXP Semiconductors 74LV251PWDH Datasheet HTML 3Page - NXP Semiconductors 74LV251PWDH Datasheet HTML 4Page - NXP Semiconductors 74LV251PWDH Datasheet HTML 5Page - NXP Semiconductors 74LV251PWDH Datasheet HTML 6Page - NXP Semiconductors 74LV251PWDH Datasheet HTML 7Page - NXP Semiconductors 74LV251PWDH Datasheet HTML 8Page - NXP Semiconductors 74LV251PWDH Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Philips Semiconductors
Product specification
74LV251
8-input multiplexer (3-State)
2
1998 May 20
853–1967 19420
FEATURES
Optimized for low voltage applications: 1.0 to 3.6 V
Accepts TTL input levels between V
CC = 2.7 V and VCC = 3.6 V
Typical V
OLP (output ground bounce) < 0.8 V at VCC = 3.3 V,
Tamb = 25°C
Typical V
OHV (output VOH undershoot) > 2 V at VCC = 3.3 V,
Tamb = 25°C
True and complement outputs
Both outputs are 3-State for further multiplexer expansion
Multifunction capability
Permits multiplexing from n-lines to one line
Output capability: standard
I
CC category: MSI
DESCRIPTION
The 74LV251 is a low-voltage Si-gate CMOS device and is pin and
function compatible with 74HC/HCT251.
The 74LV251 is an 8-input multiplexer with 8 binary inputs (I0 to I7), an
output enable input (OE) and three select inputs (S0, S1, S2). One of
the eight binary inputs is selected by the select inputs and is routed to
the outputs (Y, Y). Both outputs are in the high impedance OFF-state
(Z) when the output enable input is HIGH, allowing multiplexer
expansion by tying the outputs.
QUICK REFERENCE DATA
GND = 0 V; Tamb = 25°C; tr = tf ≤ 2.5 ns
SYMBOL
PARAMETER
CONDITIONS
TYPICAL
UNIT
tPHL/tPLH
Propagation delay
In to Y
In to Y
Sn to Y
Sn to Y
CL = 15 pF;
VCC = 3.3 V
14
16
19
20
ns
CI
Input capacitance
3.5
pF
CPD
Power dissipation capacitance per gate
VCC = 3.3 V
VI = GND to VCC1
44
pF
NOTE:
1. CPD is used to determine the dynamic power dissipation (PD in µW)
PD = CPD × VCC2 × fi ) (CL × VCC2 × fo) where:
fi = input frequency in MHz; CL = output load capacitance in pF;
fo = output frequency in MHz; VCC = supply voltage in V;
(CL × VCC2 × fo) = sum of the outputs.
ORDERING INFORMATION
PACKAGES
TEMPERATURE RANGE
OUTSIDE NORTH AMERICA
NORTH AMERICA
PKG. DWG. #
16-Pin Plastic DIL
–40
°C to +125°C
74LV251 N
74LV251 N
SOT38-4
16-Pin Plastic SO
–40
°C to +125°C
74LV251 D
74LV251 D
SOT109-1
16-Pin Plastic SSOP Type II
–40
°C to +125°C
74LV251 DB
74LV251 DB
SOT338-1
16-Pin Plastic TSSOP Type I
–40
°C to +125°C
74LV251 PW
74LV251PW DH
SOT403-1


Similar Part No. - 74LV251PWDH

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LV257 PHILIPS-74LV257 Datasheet
114Kb / 12P
   Quad 2-input multiplexer 3-State
1998 May 20
74LV257D PHILIPS-74LV257D Datasheet
114Kb / 12P
   Quad 2-input multiplexer 3-State
1998 May 20
74LV257DB PHILIPS-74LV257DB Datasheet
114Kb / 12P
   Quad 2-input multiplexer 3-State
1998 May 20
74LV257N PHILIPS-74LV257N Datasheet
114Kb / 12P
   Quad 2-input multiplexer 3-State
1998 May 20
74LV257PW PHILIPS-74LV257PW Datasheet
114Kb / 12P
   Quad 2-input multiplexer 3-State
1998 May 20
More results

Similar Description - 74LV251PWDH

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74HCT251 NEXPERIA-74HCT251 Datasheet
263Kb / 16P
   8-input multiplexer; 3-state
Rev. 6 - 8 February 2021
logo
NXP Semiconductors
74ALS251 PHILIPS-74ALS251 Datasheet
103Kb / 8P
   8-input multiplexer 3-State
1991 Feb 08
logo
Nexperia B.V. All right...
74HC251-Q100 NEXPERIA-74HC251-Q100 Datasheet
268Kb / 17P
   8-input multiplexer; 3-state
logo
NXP Semiconductors
74HC251 PHILIPS-74HC251 Datasheet
53Kb / 7P
   8-input multiplexer; 3-state
December 1990
74F251A PHILIPS-74F251A Datasheet
46Kb / 5P
   8-input multiplexer 3-State
1996 Jan 05
74HC_HCT251 PHILIPS-74HC_HCT251_15 Datasheet
177Kb / 20P
   8-input multiplexer; 3-state
Rev. 3-9 July 2013
logo
List of Unclassifed Man...
74HC356 ETC1-74HC356 Datasheet
337Kb / 8P
   8-INPUT MULTIPLEXER / RESISTER 3-STATE
logo
AVG Semiconductors(HITE...
DV74ACT251 AVG-DV74ACT251 Datasheet
310Kb / 4P
   8 Input Multiplexer with 3-State Outputs, 8 Input Digital Multiplexer
logo
NXP Semiconductors
74HC356 PHILIPS-74HC356 Datasheet
79Kb / 13P
   8-input multiplexer/register; 3-state
December 1990
logo
Motorola, Inc
SN54LS251 MOTOROLA-SN54LS251 Datasheet
181Kb / 6P
   8-INPUT MULTIPLEXER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com