Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SRDC-16D120 Datasheet(PDF) 9 Page - Bel Fuse Inc.

Part # SRDC-16D120
Description  NON-ISOLATED DC/DC CONVERTERS 3 - 15V Input / 1.2V Output / 16A
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

SRDC-16D120 Datasheet(HTML) 9 Page - Bel Fuse Inc.

Back Button SRDC-16D120 Datasheet HTML 3Page - Bel Fuse Inc. SRDC-16D120 Datasheet HTML 4Page - Bel Fuse Inc. SRDC-16D120 Datasheet HTML 5Page - Bel Fuse Inc. SRDC-16D120 Datasheet HTML 6Page - Bel Fuse Inc. SRDC-16D120 Datasheet HTML 7Page - Bel Fuse Inc. SRDC-16D120 Datasheet HTML 8Page - Bel Fuse Inc. SRDC-16D120 Datasheet HTML 9Page - Bel Fuse Inc. SRDC-16D120 Datasheet HTML 10Page - Bel Fuse Inc. SRDC-16D120 Datasheet HTML 11Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
Bel Fuse Inc. 206 Van Vorst Street, Jersey City, NJ 07302 • Tel 201-432-0463 • Fax 201-432-9542 • www.belfuse.com
©2006 Bel Fuse Inc. Specifications subject to change without notice. 06.06
POWER PRODUCTS
NON-ISOLATED DC/DC CONVERTERS
BP06SRDC-16D120
3 – 15V Input / 1.2V Output / 16A
page 9
Transient Response
Transient response: di/dt = 1.0A/µS
Vout=1.2V
50% to 100% load transients at 12.0V input and Ta=25° C
Vout=1.2V
100% to 50% load transients at 12.0V input and Ta=25° C
Vout=1.2V
50% to 100% load transients at 12.0V input and Ta=25° C
Vout=1.2V
100% to 50% load transients at 12.0V input and Ta=25° C
Transient response: di/dt = 1.0A/µS, external load capacitance 560µF


Similar Part No. - SRDC-16D120

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
SRDC-16D180 BEL-SRDC-16D180 Datasheet
198Kb / 11P
   NON-ISOLATED DC/DC CONVERTERS 3 - 15V Input / 1.8V Output / 16A
SRDC-16D18D BEL-SRDC-16D18D Datasheet
198Kb / 11P
   NON-ISOLATED DC/DC CONVERTERS 3 - 15V Input / 1.8V Output / 16A
SRDC-16D18S BEL-SRDC-16D18S Datasheet
198Kb / 11P
   NON-ISOLATED DC/DC CONVERTERS 3 - 15V Input / 1.8V Output / 16A
More results

Similar Description - SRDC-16D120

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
S7DC-16D120 BEL-S7DC-16D120 Datasheet
193Kb / 11P
   NON-ISOLATED DC/DC CONVERTERS 3 - 15V Input / 1.2V Output / 16A
S7DC-16D180 BEL-S7DC-16D180 Datasheet
191Kb / 11P
   NON-ISOLATED DC/DC CONVERTERS 3 - 15V Input / 1.8V Output / 16A
SRDC-16D180 BEL-SRDC-16D180 Datasheet
198Kb / 11P
   NON-ISOLATED DC/DC CONVERTERS 3 - 15V Input / 1.8V Output / 16A
SRDC-16D250 BEL-SRDC-16D250 Datasheet
157Kb / 10P
   NON-ISOLATED DC/DC CONVERTERS 4.50 - 15V Input / 2.5V Output / 16A
S7DC-16D250 BEL-S7DC-16D250 Datasheet
149Kb / 10P
   NON-ISOLATED DC/DC CONVERTERS 4.50 - 15V Input / 2.5V Output / 16A
SRDC-16D330 BEL-SRDC-16D330 Datasheet
183Kb / 10P
   NON-ISOLATED DC/DC CONVERTERS 4.75 - 15V Input / 3.3V Output / 16A
S7DC-16D330 BEL-S7DC-16D330 Datasheet
176Kb / 10P
   NON-ISOLATED DC/DC CONVERTERS 4.75 - 15V Input / 3.3V Output / 16A
S7DB-12B BEL-S7DB-12B Datasheet
209Kb / 13P
   NON-ISOLATED DC/DC CONVERTERS 5V Input / 1.2V - 3.3V Output / 12A
S7DB-08C BEL-S7DB-08C Datasheet
179Kb / 13P
   NON-ISOLATED DC/DC CONVERTERS 3.3V Input / 1.2V - 2.5V Output / 8A
SRDB-08B BEL-SRDB-08B Datasheet
420Kb / 16P
   NON-ISOLATED DC/DC CONVERTERS 5V Input / 1.2V - 3.3V Output / 8A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com