Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74LV251D Datasheet(PDF) 3 Page - NXP Semiconductors

Part # 74LV251D
Description  8-input multiplexer 3-State
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LV251D Datasheet(HTML) 3 Page - NXP Semiconductors

  74LV251D Datasheet HTML 1Page - NXP Semiconductors 74LV251D Datasheet HTML 2Page - NXP Semiconductors 74LV251D Datasheet HTML 3Page - NXP Semiconductors 74LV251D Datasheet HTML 4Page - NXP Semiconductors 74LV251D Datasheet HTML 5Page - NXP Semiconductors 74LV251D Datasheet HTML 6Page - NXP Semiconductors 74LV251D Datasheet HTML 7Page - NXP Semiconductors 74LV251D Datasheet HTML 8Page - NXP Semiconductors 74LV251D Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Philips Semiconductors
Product specification
74LV251
8-input multiplexer (3-State)
1998 May 20
3
PIN CONFIGURATION
SV00629
1
2
3
4
5
6
I3
I2
I1
I0
Y
Y
V
CC
I4
I5
16
15
14
13
12
11
7
8
GND
S1
S2
10
9
QE
I6
I7
S0
PIN DESCRIPTION
PIN
NUMBER
SYMBOL
FUNCTION
4, 3, 2, 1, 15,
14, 13, 12
I0 to I7
Multiplexer inputs
5
Y
Multiplexer output
6
Y
Complementary multiplexer output
7
OE
3-State output enable input (active
LOW)
8
GND
Ground (0 V)
11, 10, 9
S0 to S2
Select inputs
16
VCC
Positive supply voltage
LOGIC SYMBOL
SV00630
S0
S1
S2
OE
I1
I2
4
1
15
12
11
10
9
7
3
2
I5
I6
I7
I4
I3
I0
14
13
Y
Y
5
6
LOGIC SYMBOL (IEEE/IEC)
SV00631
1
2
2
4
11
7
1
15
12
3
10
2
9
5
6
7
4
3
0
0
EN
G
0
7
MUX
14
13
5
6
FUNCTIONAL DIAGRAM
SV00632
MULTIPLEXER
S 0
11
I 0
4
3
2
1
15
14
13
12
I 1
I 2
I3
I 4
I5
I 6
I7
S 1
10
S 2
OE
9
7
Y
6
Y
5


Similar Part No. - 74LV251D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LV257 PHILIPS-74LV257 Datasheet
114Kb / 12P
   Quad 2-input multiplexer 3-State
1998 May 20
74LV257D PHILIPS-74LV257D Datasheet
114Kb / 12P
   Quad 2-input multiplexer 3-State
1998 May 20
74LV257DB PHILIPS-74LV257DB Datasheet
114Kb / 12P
   Quad 2-input multiplexer 3-State
1998 May 20
74LV257N PHILIPS-74LV257N Datasheet
114Kb / 12P
   Quad 2-input multiplexer 3-State
1998 May 20
74LV257PW PHILIPS-74LV257PW Datasheet
114Kb / 12P
   Quad 2-input multiplexer 3-State
1998 May 20
More results

Similar Description - 74LV251D

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74HCT251 NEXPERIA-74HCT251 Datasheet
263Kb / 16P
   8-input multiplexer; 3-state
Rev. 6 - 8 February 2021
logo
NXP Semiconductors
74ALS251 PHILIPS-74ALS251 Datasheet
103Kb / 8P
   8-input multiplexer 3-State
1991 Feb 08
logo
Nexperia B.V. All right...
74HC251-Q100 NEXPERIA-74HC251-Q100 Datasheet
268Kb / 17P
   8-input multiplexer; 3-state
logo
NXP Semiconductors
74HC251 PHILIPS-74HC251 Datasheet
53Kb / 7P
   8-input multiplexer; 3-state
December 1990
74F251A PHILIPS-74F251A Datasheet
46Kb / 5P
   8-input multiplexer 3-State
1996 Jan 05
74HC_HCT251 PHILIPS-74HC_HCT251_15 Datasheet
177Kb / 20P
   8-input multiplexer; 3-state
Rev. 3-9 July 2013
logo
List of Unclassifed Man...
74HC356 ETC1-74HC356 Datasheet
337Kb / 8P
   8-INPUT MULTIPLEXER / RESISTER 3-STATE
logo
AVG Semiconductors(HITE...
DV74ACT251 AVG-DV74ACT251 Datasheet
310Kb / 4P
   8 Input Multiplexer with 3-State Outputs, 8 Input Digital Multiplexer
logo
NXP Semiconductors
74HC356 PHILIPS-74HC356 Datasheet
79Kb / 13P
   8-input multiplexer/register; 3-state
December 1990
logo
Motorola, Inc
SN54LS251 MOTOROLA-SN54LS251 Datasheet
181Kb / 6P
   8-INPUT MULTIPLEXER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com