Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

M68732EH Datasheet(PDF) 2 Page - Mitsubishi Electric Semiconductor

Part No. M68732EH
Description  SILICON MOS FET POWER AMPLIFIER, 520-530MHz, 6.5W, FM PORTABLE RADIO
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MITSUBISHI [Mitsubishi Electric Semiconductor]
Homepage  http://www.mitsubishichips.com
Logo 

M68732EH Datasheet(HTML) 2 Page - Mitsubishi Electric Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SILICON MOS FET POWER AMPLIFIER, 520-530MHz, 6.5W, FM PORTABLE RADIO
M68732EH
MITSUBISHI RF POWER MODULE
Nov. ´97
OUTPUT POWER, TOTAL EFFICIENCY
VS. SUPPLY VOLTAGE
SUPPLY VOLTAGE VDD (V)
80
50
30
10
3
4
6
8
9
40
20
14
10
6
4
2
0
OUTPUT POWER, TOTAL EFFICIENCY
VS. GATE VOLTAGE
GATE VOLTAGE VGG (V)
OUTPUT POWER, TOTAL EFFICIENCY
VS. INPUT POWER
INPUT POWER Pin (dBm)
TYPICAL PERFORMANCE DATA
OUTPUT POWER, INPUT VSWR,
TOTAL EFFICIENCY VS. FREQUENCY
FREQUENCY f (MHz)
70
60
40
20
490
500 510 520
540
560
ηT
PO
50
30
10
8
6
4
2
0
ηT (fH)
ηT (fL)
PO (fL)
5
7
VGG=3.5V, VDD=7.2V
Pin=17dBm
100
80
40
0
-5
0
5
10
20
PO (fL)
60
20
10
0
PO (fH)
8
6
4
2
VGG=3.5V
VDD=7.2V
Pin=17dBm
ηT (fL)
ηT (fH)
100
80
40
0
1
1.5
2.5
3.5
4
60
20
10
2
0
8
6
4
ηT (fL)
ηT (fH)
PO (fH)
VDD=7.2V
Pin=17dBm
fL=520MHz
fH=530MHz
2
3
15
8
60
PO (fH)
550
530
ρin
PO (fL)
VDD=7.2V
Pin=17dBm
fL=520MHz
fH=530MHz


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn