Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

DAC124S085CIMMX Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part No. DAC124S085CIMMX
Description  12-Bit Micro Power QUAD Digital-to-Analog Converter with Rail-to-Rail Output
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DAC124S085CIMMX Datasheet(HTML) 4 Page - National Semiconductor (TI)

  DAC124S085CIMMX Datasheet HTML 1Page - National Semiconductor (TI) DAC124S085CIMMX Datasheet HTML 2Page - National Semiconductor (TI) DAC124S085CIMMX Datasheet HTML 3Page - National Semiconductor (TI) DAC124S085CIMMX Datasheet HTML 4Page - National Semiconductor (TI) DAC124S085CIMMX Datasheet HTML 5Page - National Semiconductor (TI) DAC124S085CIMMX Datasheet HTML 6Page - National Semiconductor (TI) DAC124S085CIMMX Datasheet HTML 7Page - National Semiconductor (TI) DAC124S085CIMMX Datasheet HTML 8Page - National Semiconductor (TI) DAC124S085CIMMX Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
Absolute Maximum Ratings
(Notes 1, 2)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Supply Voltage, V
A
6.5V
Voltage on any Input Pin
−0.3V to 6.5V
Input Current at Any Pin (Note 3)
10 mA
Package Input Current (Note 3)
20 mA
Power Consumption at T
A = 25˚C
See (Note 4)
ESD Susceptibility (Note 5)
Human Body Model
Machine Model
2500V
250V
Soldering Temperature, Infrared,
10 Seconds (Note 6)
235˚C
Storage Temperature
−65˚C to +150˚C
Operating Ratings (Notes 1, 2)
Operating Temperature Range
−40˚C
≤ T
A
≤ +105˚C
Supply Voltage, V
A
+2.7V to 5.5V
Reference Voltage, V
REFIN
+1.0V to V
A
Digital Input Voltage (Note 7)
0.0V to 5.5V
Output Load
0 to 1500 pF
SCLK Frequency
Up to 40 MHz
Package Thermal Resistances
Package
θ
JA
10-Lead MSOP
240˚C/W
Electrical Characteristics
Values shown in this table are design targets and are subject to change before product release. The following specifica-
tions apply for V
A = +2.7V to +5.5V, VREFIN =VA,CL = 200 pF to GND, fSCLK = 30 MHz, input code range 48 to 4047. Bold-
face limits apply for T
MIN
≤ T
A
≤ T
MAX and all other limits are at TA = 25˚C, unless otherwise specified.
Symbol
Parameter
Conditions
Typical
(Note 9)
Limits
(Note 9)
Units
(Limits)
STATIC PERFORMANCE
Resolution
12
Bits (min)
Monotonicity
12
Bits (min)
INL
Integral Non-Linearity
±2.4
±8
LSB (max)
DNL
Differential Non-Linearity
V
A = 2.7V to 5.5V
+0.2
+0.7
LSB (max)
−0.1
−0.5
LSB (min)
V
A = 4.5V to 5.5V (Note 10)
±0.15
±0.5
LSB (max)
ZE
Zero Code Error
I
OUT =0
+4
+15
mV (max)
FSE
Full-Scale Error
I
OUT = 0
−0.1
−0.75
%FSR
(max)
GE
Gain Error
All ones Loaded to DAC register
−0.2
−1.0
%FSR
ZCED
Zero Code Error Drift
−20
µV/˚C
TC GE
Gain Error Tempco
V
A = 3V
−0.7
ppm/˚C
V
A = 5V
−1.0
ppm/˚C
OUTPUT CHARACTERISTICS
Output Voltage Range
(Note 10)
0
V
REFIN
V (min)
V (max)
I
OZ
High-Impedance Output
Leakage Current (Note 10)
±1
µA (max)
ZCO
Zero Code Output
V
A = 3V, IOUT = 200 µA
1.3
mV
V
A = 3V, IOUT = 1 mA
6.0
mV
V
A = 5V, IOUT = 200 µA
7.0
mV
V
A = 5V, IOUT = 1 mA
10.0
mV
FSO
Full Scale Output
V
A = 3V, IOUT = 200 µA
2.984
V
V
A = 3V, IOUT = 1 mA
2.934
V
V
A = 5V, IOUT = 200 µA
4.989
V
V
A = 5V, IOUT = 1 mA
4.958
V
www.national.com
4


Similar Part No. - DAC124S085CIMMX

ManufacturerPart No.DatasheetDescription
Texas Instruments
Texas Instruments
DAC124S085CIMMX/NOPB TI1-DAC124S085CIMMX/NOPB Datasheet
1Mb / 32P
[Old version datasheet]   DAC124S085 12-Bit Micro Power Quad Digital-to-Analog Converter With Rail-to-Rail Output
More results

Similar Description - DAC124S085CIMMX

ManufacturerPart No.DatasheetDescription
National Semiconductor (TI)
National Semiconductor ...
DAC121S101 NSC-DAC121S101 Datasheet
907Kb / 19P
   12-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
Texas Instruments
Texas Instruments
DAC124S085 TI1-DAC124S085_16 Datasheet
1Mb / 32P
[Old version datasheet]   DAC124S085 12-Bit Micro Power Quad Digital-to-Analog Converter With Rail-to-Rail Output
11696 TI-11696 Datasheet
913Kb / 19P
[Old version datasheet]   12-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
National Semiconductor (TI)
National Semiconductor ...
DAC121S101QML NSC-DAC121S101QML_10 Datasheet
520Kb / 24P
   12-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
DAC084S085 NSC-DAC084S085 Datasheet
832Kb / 18P
   8-Bit Micro Power QUAD Digital-to-Analog Converter with Rail-to-Rail Output
Texas Instruments
Texas Instruments
DAC104S085 TI-DAC104S085 Datasheet
1Mb / 29P
[Old version datasheet]   10-Bit Micro Power QUAD Digital-to-Analog Converter with Rail-to-Rail Output
National Semiconductor (TI)
National Semiconductor ...
DAC104S085 NSC-DAC104S085 Datasheet
832Kb / 18P
   10-Bit Micro Power QUAD Digital-to-Analog Converter with Rail-to-Rail Output
Texas Instruments
Texas Instruments
DAC121S101QML TI1-DAC121S101QML_16 Datasheet
791Kb / 26P
[Old version datasheet]   DAC121S101QML 12-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
National Semiconductor (TI)
National Semiconductor ...
DAC122S085 NSC-DAC122S085 Datasheet
821Kb / 18P
   12-Bit Micro Power DUAL Digital-to-Analog Converter with Rail-to-Rail Output
Texas Instruments
Texas Instruments
DAC122S085 TI1-DAC122S085_14 Datasheet
1Mb / 28P
[Old version datasheet]   DAC122S085 12-Bit Micro Power DUAL Digital-to-Analog Converter with Rail-to-Rail Output
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz