Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

M36W0R5020T0 Datasheet(PDF) 4 Page - STMicroelectronics

Part No. M36W0R5020T0
Description  32 Mbit (2Mb x16, Multiple Bank, Burst) Flash Memory and 4 Mbit SRAM, 1.8V Supply Multi-Chip Package
Download  26 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  STMICROELECTRONICS [STMicroelectronics]
Homepage  http://www.st.com
Logo 

M36W0R5020T0 Datasheet(HTML) 4 Page - STMicroelectronics

 
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
M36W0R5020T0, M36W0R5020B0
4/26
SUMMARY DESCRIPTION
The M36W0R5020T0 and M36W0R5020B0 com-
bine two memory devices in a Multi-Chip Package:
a 32-Mbit, Multiple Bank Flash memory, the
M58WR032FT/B
and a 4-Mbit SRAM.
Recommended operating conditions do not allow
more than one memory to be active at the same
time.
The memory is offered in a Stacked TFBGA88
(8 x 10mm, 8x10 ball array, 0.8mm pitch) pack-
age.
In addition to the standard version, the package is
also available in Lead-free version, in compliance
with JEDEC Std J-STD-020B, the ST ECOPACK
7191395 Specification, and the RoHS (Restriction
of Hazardous Substances) directive. All packages
are compliant with Lead-free soldering processes.
The memory supplied with all the bits erased (set
to ‘1’).
Figure 2. Logic Diagram
Table 1. Signal Names
Note: 1. A20-A18 are address inputs for the Flash memory com-
ponent only.
AI08754b
21
A0-A20
DQ0-DQ15
M36W0R5020T
M36W0R5020B
GF
16
WF
RPF
WPF
E1S
GS
WS
UBS
LBS
VSS
VDDF
VPPF
VDDS
WAITF
LF
KF
VDDQ
EF
E2S
A0-A20 (1)
Address Inputs
DQ0-DQ15
Common Data Input/Output
VDDF
Flash Memory Power Supply
VDDQ
Common Flash and SRAM Power
Supply for I/O Buffers
VPPF
Common Flash Optional Supply
Voltage for Fast Program and Erase
VSS
Ground
VDDS
SRAM Power Supply
NC
Not Connected Internally
DU
Do Not Use as Internally Connected
Flash Memory
LF
Latch Enable input
EF
Chip Enable input
GF
Output Enable input
WF
Write Enable input
RPF
Reset input
WPF
Write Protect input
KF
Burst Clock
WAITF
Wait Data in Burst Mode
SRAM
E1S, E2S
Chip Enable input
GS
Output Enable input
WS
Write Enable input
UBS
Upper Byte Enable input
LBS
Lower Byte Enable input


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
M36L0R7050T0128 Mbit Multiple Bank Multi-Level Burst Flash Memory 32 Mbit 2M x16 PSRAM 1.8V Supply Multi-Chip Package 1 2 3 4 5 MoreSTMicroelectronics
M36P0R9070E0512 Mbit x16 Multiple Bank Multi-Level Burst Flash Memory 128 Mbit Burst PSRAM 1.8V Supply Multi-Chip Package 1 2 3 4 5 MoreSTMicroelectronics
M39P0R9070E0512 Mbit x16 Multiple Bank Multi-Level Burst Flash Memory 128 Mbit Low Power SDRAM 1.8V Supply Multi-Chip Package 1 2 3 4 5 MoreSTMicroelectronics
M36P0R9060E0512 Mbit x16 Multiple Bank Multi-Level Burst Flash memory 64 Mbit Burst PSRAM 1.8V supply Multi-Chip Package 1 2 3 4 5 MoreSTMicroelectronics
M36L0R8060T1256 Mbit Multiple Bank Multi-Level Burst Flash Memory and 64 Mbit Burst PSRAM 1.8V Supply Multi-Chip Package 1 2 3 4 5 MoreSTMicroelectronics
M36W0R6040T064 Mbit 4Mb x16 Multiple Bank Burst Flash Memory and 16 Mbit 1Mb x16 PSRAM Multi-Chip Package 1 2 3 4 5 MoreSTMicroelectronics
M36L0R8060T0256 Mbit Multiple Bank Multi-Level Burst Flash Memory 64 Mbit Burst PSRAM 1.8V Supply Multi-Chip Package 1 2 3 4 5 MoreSTMicroelectronics
M36LLR8760T1256 + 128 Mbit Multiple Bank Multi-Level Burst Flash Memory 64 Mbit Burst PSRAM 1.8V Supply Multi-Chip Package 1 2 3 4 5 MoreSTMicroelectronics
M58WR032ET32 Mbit 2Mb x 16 Multiple Bank Burst 1.8V Supply Flash Memory 1 2 3 4 5 MoreSTMicroelectronics
M30L0R8000T0256 Mbit 16Mb x16 Multiple Bank Multi-Level Burst 1.8V Supply Flash Memory 1 2 3 4 5 MoreSTMicroelectronics

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn