Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SIL20C2 Datasheet(PDF) 4 Page - Artesyn Technologies

Part # SIL20C2
Description  DC-DC CONVERTERS C Class Non-isolated
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

SIL20C2 Datasheet(HTML) 4 Page - Artesyn Technologies

  SIL20C2 Datasheet HTML 1Page - Artesyn Technologies SIL20C2 Datasheet HTML 2Page - Artesyn Technologies SIL20C2 Datasheet HTML 3Page - Artesyn Technologies SIL20C2 Datasheet HTML 4Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
SIL20C2 Series
4.5 Vin to 13.8 V Single Output
File Name: sil20c2.pdf Rev: 19 Feb 2006
PRELIMINARY DATA SHEET
February 19, 2005
For the most current data and application support visit www.artesyn.com/powergroup/products.htm
DC-DC CONVERTERS
C Class Non-isolated
Preliminary Data - subject to change without notice
4
NEW Product
Datasheet © Artesyn Technologies® 2005
The information and specifications contained in this datasheet are believed to be correct at time of publication. However, Artesyn Technologies accepts no responsibility for consequences arising from printing errors or inaccuracies. Specifications
are subject to change without notice. No rights under any patent accompany the sale of any such product(s) or information contained herein.
Please consult our website for the following items:
Application Note
Longform Datasheet
www.artesyn.com
Figure4:SurfaceMountMechanicalDrawing
PINCONNECTIONS
PINNO.
FUNCTION
1
Vout
2
Trim
3
Ground
4
Power good
5
Enable
6
Vin
7
Remote Sense (+)
8
Remote Sense (-)
9
*Mech Support
10
*Mech Support
Dimensions in Inches (mm)
Tolerances (unless otherwise specified)
2 Places ±0.030 (±0.76)
3 Places ±0.010 (±0.25)
0.535 (13.59)
0.065 (1.65)
0.015 (0.38)
PIN 1
PIN 8
PIN 9
PIN 10
0.025 (0.64) ±.002
PIN WIDTH TYP
0.295 (7.49)
0.482 (12.24)
0.062 (1.57) PCB REF
0.040 (1.02)
0.125 (3.18) TYP
1.200 (30.48)
0.610 (15.49)


Similar Part No. - SIL20C2

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
SIL20C2 EMERSON-NETWORKPOWER-SIL20C2 Datasheet
793Kb / 4P
   DC-DC CONVERTERS C Class Non-isolated
logo
Artesyn Technologies
SIL20C2-00SADJ-HJ ARTESYN-SIL20C2-00SADJ-HJ Datasheet
606Kb / 4P
   4.5-13.8 Vin Single Output DC-DC CONVERTERS C Class Non-isolated
logo
Emerson Network Power
SIL20C2-00SADJ-HJ EMERSON-NETWORKPOWER-SIL20C2-00SADJ-HJ Datasheet
278Kb / 4P
   DC-DC CONVERTERS C Class Non-isolated
logo
Artesyn Technologies
SIL20C2-00SADJ-HJ ARTESYN-SIL20C2-00SADJ-HJ Datasheet
752Kb / 4P
   C-Class Non-Isolated POWER
SIL20C2-00SADJ-HJ ARTESYN-SIL20C2-00SADJ-HJ_15 Datasheet
752Kb / 4P
   C-Class Non-Isolated POWER
More results

Similar Description - SIL20C2

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
SIL06C ARTESYN-SIL06C Datasheet
102Kb / 3P
   DC/DC CONVERTERS C Class Non-isolated
logo
Emerson Network Power
SMT20C2 EMERSON-NETWORKPOWER-SMT20C2 Datasheet
278Kb / 4P
   DC-DC CONVERTERS C Class Non-isolated
logo
Artesyn Technologies
SMT15C ARTESYN-SMT15C Datasheet
182Kb / 3P
   DC-DC CONVERTERS C Class Non-isolated
logo
Emerson Network Power
SIL06C EMERSON-NETWORKPOWER-SIL06C Datasheet
195Kb / 3P
   DC-DC CONVERTERS C Class Non-isolated
SIL20C2 EMERSON-NETWORKPOWER-SIL20C2 Datasheet
793Kb / 4P
   DC-DC CONVERTERS C Class Non-isolated
SMT30C EMERSON-NETWORKPOWER-SMT30C Datasheet
184Kb / 3P
   DC-DC CONVERTERS C Class Non-isolated
logo
Artesyn Technologies
SMT20C ARTESYN-SMT20C Datasheet
188Kb / 3P
   DC-DC CONVERTERS C Class Non-isolated
SMT30C ARTESYN-SMT30C Datasheet
184Kb / 3P
   DC-DC CONVERTERS C Class Non-isolated
SIL30C ARTESYN-SIL30C Datasheet
132Kb / 3P
   DC/DC CONVERTERS C Class Non-isolated
logo
Emerson Network Power
SIL15C EMERSON-NETWORKPOWER-SIL15C Datasheet
204Kb / 3P
   DC-DC CONVERTERS C Class Non-isolated
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com