Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPA3118D2 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # TPA3118D2
Description  15-W, 30-W, 50-W Filter-Free Class-D Stereo Amplifier Family With AM Avoidance
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA3118D2 Datasheet(HTML) 16 Page - Texas Instruments

Back Button TPA3118D2 Datasheet HTML 12Page - Texas Instruments TPA3118D2 Datasheet HTML 13Page - Texas Instruments TPA3118D2 Datasheet HTML 14Page - Texas Instruments TPA3118D2 Datasheet HTML 15Page - Texas Instruments TPA3118D2 Datasheet HTML 16Page - Texas Instruments TPA3118D2 Datasheet HTML 17Page - Texas Instruments TPA3118D2 Datasheet HTML 18Page - Texas Instruments TPA3118D2 Datasheet HTML 19Page - Texas Instruments TPA3118D2 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 45 page
background image
2
L
P
L
S
OUT
L
R
V
R + 2
R
P
=
for unclipped power
2
R
æ
ö
æ
ö
´
ç
÷
ç
÷
ç
÷
´
è
ø
è
ø
´
16
TPA3116D2, TPA3118D2, TPA3130D2
SLOS708G – APRIL 2012 – REVISED DECEMBER 2017
www.ti.com
Product Folder Links: TPA3116D2 TPA3118D2 TPA3130D2
Submit Documentation Feedback
Copyright © 2012–2017, Texas Instruments Incorporated
(1)
PLIMIT measurements taken with EVM gain set to 26 dB and input voltage set to 1 Vrms.
where
POUT (10% THD) = 1.25 × POUT (unclipped)
RL is the load resistance.
RS is the total series resistance including RDS(on), and output filter resistance.
VP is the peak amplitude
VP = 4 × PLIMIT voltage if PLIMIT < 4 × VP
(2)
Table 3. Power Limit Example
PVCC (V)
PLIMIT VOLTAGE (V)(1)
R to GND
R to GVDD
OUTPUT VOLTAGE (Vrms)
24 V
GVDD
Open
Short
17.9
24 V
3.3
45 kΩ
51 kΩ
12.67
24 V
2.25
24 kΩ
51 kΩ
9
12 V
GVDD
Short
Open
10.33
12 V
2.25
24 kΩ
51 kΩ
9
12 V
1.5
18 kΩ
68 kΩ
6.3
7.3.5 GVDD Supply
The GVDD Supply is used to power the gates of the output full bridge transistors. It can also be used to supply
the PLIMIT and GAIN/SLV voltage dividers. Decouple GVDD with a X5R ceramic 1 µF capacitor to GND. The
GVDD supply is not intended to be used for external supply. It is recommended to limit the current consumption
by using resistor voltage dividers for GAIN/SLV and PLIMIT of 100 k
Ω or more.
7.3.6 BSPx AND BSNx Capacitors
The full H-bridge output stages use only NMOS transistors. Therefore, they require bootstrap capacitors for the
high side of each output to turn on correctly. A 220 nF ceramic capacitor of quality X5R or better, rated for at
least 16 V, must be connected from each output to its corresponding bootstrap input. (See the application circuit
diagram in Figure 37.) The bootstrap capacitors connected between the BSxx pins and corresponding output
function as a floating power supply for the high-side N-channel power MOSFET gate drive circuitry. During each
high-side switching cycle, the bootstrap capacitors hold the gate-to-source voltage high enough to keep the high-
side MOSFETs turned on.
7.3.7 Differential Inputs
The differential input stage of the amplifier cancels any noise that appears on both input lines of the channel. To
use the TPA31xxD2 family with a differential source, connect the positive lead of the audio source to the RINP or
LINP input and the negative lead from the audio source to the RINN or LINN input. To use the TPA31xxD2 family
with a single-ended source, ac ground the negative input through a capacitor equal in value to the input capacitor
on positive and apply the audio source to either input. In a single-ended input application, the unused input
should be ac grounded at the audio source instead of at the device input for best noise performance. For good
transient performance, the impedance seen at each of the two differential inputs should be the same.
The impedance seen at the inputs should be limited to an RC time constant of 1 ms or less if possible. This is to
allow the input dc blocking capacitors to become completely charged during the 10 ms power-up time. If the input
capacitors are not allowed to completely charge, there will be some additional sensitivity to component matching
which can result in pop if the input components are not well matched.


Similar Part No. - TPA3118D2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA3118D2 TI1-TPA3118D2 Datasheet
1Mb / 34P
[Old version datasheet]   15W,30W,50W Filter-Free Class-D Stereo Amplifier Family with AM Avoidance
TPA3118D2 TI1-TPA3118D2 Datasheet
1Mb / 36P
[Old version datasheet]   100-W and 50-W Class-D Stereo Automotive Amplifiers
TPA3118D2-Q1 TI1-TPA3118D2-Q1 Datasheet
1Mb / 36P
[Old version datasheet]   100-W and 50-W Class-D Stereo Automotive Amplifiers
TPA3118D2DAP TI1-TPA3118D2DAP Datasheet
1Mb / 34P
[Old version datasheet]   15W,30W,50W Filter-Free Class-D Stereo Amplifier Family with AM Avoidance
TPA3118D2DAP TI1-TPA3118D2DAP Datasheet
2Mb / 43P
[Old version datasheet]   Filter-Free Class-D Stereo Amplifier Family
More results

Similar Description - TPA3118D2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA3116D2 TI-TPA3116D2_15 Datasheet
1Mb / 41P
[Old version datasheet]   TPA3116D2 15-W, 30-W, 50-W Filter-Free Class-D Stereo Amplifier Family With AM Avoidance
TPA3131D2 TI-TPA3131D2_15 Datasheet
1Mb / 35P
[Old version datasheet]   TPA313xD2 4-W, 25-W Filter-Free Class-D Stereo Amplifier With AM Avoidance
TPA3116D2 TI1-TPA3116D2 Datasheet
1Mb / 34P
[Old version datasheet]   15W,30W,50W Filter-Free Class-D Stereo Amplifier Family with AM Avoidance
TPA3117D2 TI-TPA3117D2 Datasheet
855Kb / 30P
[Old version datasheet]   15-W Filter-Free Stereo Class-D Audio Power Amplifier
TPA3126D2 TI1-TPA3126D2 Datasheet
2Mb / 38P
[Old version datasheet]   50-W Stereo, Analog-Input, Class-D Audio Amplifier with Low, 15-mA Idle Current and AM Avoidance
TPA3131D2 TI1-TPA3131D2 Datasheet
1Mb / 35P
[Old version datasheet]   25-W Filter-Free Class-D Stereo Amplifier
TPA3131D2 TI-TPA3131D2 Datasheet
1Mb / 31P
[Old version datasheet]   4W, 25W Filter-Free Class-D Stereo Amplifier with AM Avoidance
TPA3110D2 TI-TPA3110D2_10 Datasheet
976Kb / 34P
[Old version datasheet]   15-W FILTER-FREE STEREO CLASS-D AUDIO POWER AMPLIFIER with SPEAKERGUARD?
TPA3117D2RHBT TI1-TPA3117D2RHBT Datasheet
1Mb / 30P
[Old version datasheet]   15-W Filter-Free Stereo Class-D Audio Power Amplifier with SpeakerGuard?
TPA3110D2_0911 TI-TPA3110D2_0911 Datasheet
1Mb / 33P
[Old version datasheet]   15-W FILTER-FREE STEREO CLASS-D AUDIO POWER AMPLIFIER with SPEAKERGUARD?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com