Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NT72AS24DC3V0.45 Datasheet(PDF) 1 Page - DB Lectro Inc

Part # NT72AS24DC3V0.45
Description  Low price reliable quality. / PC board mounting.
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

NT72AS24DC3V0.45 Datasheet(HTML) 1 Page - DB Lectro Inc

  NT72AS24DC3V0.45 Datasheet HTML 1Page - DB Lectro Inc NT72AS24DC3V0.45 Datasheet HTML 2Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
Small size, light weight.
Low price reliable quality.
PC board mounting.
Suitable
for
household
electrical
appliance,
automation system,
electronic
equipment, instrument,
meter,
telecommunication facilities and remote control facilities.
Ordering Information
NT72
C
S
10
DC12V
0.36
1
2
3
4
5
6
1 Part number:NT72(4459)
、NT72-2
2 Contact arrangement:A:1A;B:1B;C:1C
3 Enclosure:S: Sealed type;NIL: Dust cover
4 Contact Current:5A,6A,10A,12A
5 Coil rated Voltage(V):DC:3,5,6,9,12,18,24,48
6 Coil power consumption:0.36:0.36W;0.45:0.45W;0.61:0.61W
Contact Data
Contact Arrangement
1A
SPSTNO
f1B(SPSTNC)f1C(SPDT(B-M))
Contact Material
Ag CdO
Ag SnO
2
Contact Rating (resistive)
UL:5A,10A,12A/125VAC,28VDC; 10A/240VAC;6A/250VAC,28VDC
T
üV : 6A/250VAC, 28VDC
Motor load : 1/3HP
120VAC;1/3HP
240VAC
Max. Switching Power
336W
2400VA
Max. Switching Voltage
110VDC 380VAC
Max. Switching Current:15A
Contact Resistance or Voltage drop
50m
Item 3.12 of IEC255-7
Electrical
10
5
Item 3.30 of IEC255-7
Operation
life
Mechanical
10
7
Item 3.31 of IEC255-7
Coil Parameter
Coil voltage
VDC
Dash
Numbers
Rated
Max.
Coil
resistance
±10%
Pickup
voltage
VDC(max)
(75%of rated
voltage )
release voltage
VDC(min)
(10% of rated
voltage)
Coil power
consumption
W
Operate
Time
ms
Release
Time
ms
003-360
3
3.9
25
2.25
0.3
005-360
5
6.5
69
3.75
0.5
006-360
6
7.8
100
4.50
0.6
009-360
9
11.7
225
6.75
0.9
012-360
12
15.6
400
9.00
1.2
018-360
18
23.4
900
13.5
1.8
024-360
24
31.2
1600
18.0
2.4
0.36
7
4
003-450
3
3.9
20
2.25
0.3
005-450
5
6.5
56
3.75
0.5
006-450
6
7.8
80
4.50
0.6
009-450
9
11.7
180
6.75
0.9
012-450
12
15.6
320
9.00
1.2
018-450
18
23.4
720
13.5
1.8
024-450
24
31.2
1280
18.0
2.4
0.45
048-610
48
62.4
3800
36.0
4.8
0.61
7
4
CAUTION: 1.The use of any coil voltage less than the rated coil voltage will compromise the operation of the relay.
2.Pickup and release voltage are for test purposes only and are not to be used as design criteria.
77
NT72(4459)&NT72-2
22.3
×17.3×15
21.4
×16.5×15 (NT72-2)
E158859
CH0077845
R9858273
www.dblectro.com


Similar Part No. - NT72AS24DC3V0.45

ManufacturerPart #DatasheetDescription
logo
HuaXinAn Electronics CO...
NT72A HUAXINAN-NT72A Datasheet
581Kb / 1P
   Small size, light weight
More results

Similar Description - NT72AS24DC3V0.45

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AMG8854M01 PANASONIC-AMG8854M01 Datasheet
843Kb / 9P
   PC board mounting
30-Sep-20
logo
DB Lectro Inc
NG8QN DBLECTRO-NG8QN Datasheet
120Kb / 2P
   Low coil consumption. / PC board mounting.
logo
Delta Electronics, Inc.
06ME3G DELTA-06ME3G Datasheet
785Kb / 3P
   PC BOARD MOUNTING FILTERS
logo
Ohmite Mfg. Co.
OMT202 OHMITE-OMT202 Datasheet
36Kb / 1P
   PC Board Mounting Type
logo
DB Lectro Inc
NG6D DBLECTRO-NG6D Datasheet
73Kb / 2P
   Low coil power consumption 0.2W. / PC board mounting.
logo
List of Unclassifed Man...
SK-1013 ETC2-SK-1013 Datasheet
160Kb / 1P
   PC BOARD AND SCREW MOUNTING
logo
HuaXinAn Electronics CO...
NT90T-C HUAXINAN-NT90T-C Datasheet
1Mb / 3P
   PC board mounting and direct insert mounting available
NVF4-3U HUAXINAN-NVF4-3U Datasheet
1Mb / 1P
   PC board mounting and direct insert mounting available
NVF4-4A HUAXINAN-NVF4-4A Datasheet
1Mb / 1P
   PC board mounting and direct insert mounting available
NVF4-3A HUAXINAN-NVF4-3A Datasheet
1Mb / 1P
   PC board mounting and direct insert mounting available
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com