Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPX3940M3-1.8 Datasheet(PDF) 9 Page - Sipex Corporation

Part # SPX3940M3-1.8
Description  1A Low Dropout Voltage Regulator Fixed Output, Fast Response
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX3940M3-1.8 Datasheet(HTML) 9 Page - Sipex Corporation

Back Button SPX3940M3-1.8 Datasheet HTML 3Page - Sipex Corporation SPX3940M3-1.8 Datasheet HTML 4Page - Sipex Corporation SPX3940M3-1.8 Datasheet HTML 5Page - Sipex Corporation SPX3940M3-1.8 Datasheet HTML 6Page - Sipex Corporation SPX3940M3-1.8 Datasheet HTML 7Page - Sipex Corporation SPX3940M3-1.8 Datasheet HTML 8Page - Sipex Corporation SPX3940M3-1.8 Datasheet HTML 9Page - Sipex Corporation SPX3940M3-1.8 Datasheet HTML 10Page - Sipex Corporation SPX3940M3-1.8 Datasheet HTML 11Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
9
Date: 5/25/04
SPX3940 1A Low Dropout Voltage Regulator
© Copyright 2004 Sipex Corporation
A
A2
A1
SIDE VIEW
A
A
Seating Plane
C
c
WITH PLATING
BASE METAL
b
E
E1
e
e1
D
b
1
2
3
L1
L
Gauge Plane
VIEW C
SEE VIEW C
B
B
0.89
-
1.12
0.01
-
0.10
Dimensions in (mm)
3 PIN SOT-23
JEDEC TO-236
(AB) Variation
0.88
0.95
1.02
0.30
-
0.50
0.08
-
0.20
0.40
0.50
0.60
0.54 REF
-
A
A1
A2
b
c
D
E
E1
L
L1
Ø
MIN
NOM MAX
2.80
2.90
3.04
2.10
-
2.64
1.20
1.30
1.40
e
e1
0.95 BSC
1.90 BSC
SECTION B-B
VIEW A-A
Seating Plane
Ø
3 PIN SOT-23
PACKAGE: 3 PIN SOT-23


Similar Part No. - SPX3940M3-1.8

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
SPX3940M3-L-2-5 EXAR-SPX3940M3-L-2-5 Datasheet
1Mb / 11P
   1A Low Dropout Voltage Regulator
SPX3940M3-L-2-5TR EXAR-SPX3940M3-L-2-5TR Datasheet
1Mb / 11P
   1A Low Dropout Voltage Regulator
SPX3940M3-L-3-3 EXAR-SPX3940M3-L-3-3 Datasheet
1Mb / 11P
   1A Low Dropout Voltage Regulator
SPX3940M3-L-3-3TR EXAR-SPX3940M3-L-3-3TR Datasheet
1Mb / 11P
   1A Low Dropout Voltage Regulator
SPX3940M3-L-5-0 EXAR-SPX3940M3-L-5-0 Datasheet
1Mb / 11P
   1A Low Dropout Voltage Regulator
More results

Similar Description - SPX3940M3-1.8

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX2940 SIPEX-SPX2940 Datasheet
103Kb / 9P
   1A Low Dropout Voltage Regulator Fixed Output, Fast Response
AS2810 SIPEX-AS2810 Datasheet
150Kb / 7P
   1A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
SPX2810 SIPEX-SPX2810 Datasheet
191Kb / 9P
   1A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
logo
Anpec Electronics Corop...
APL1565A ANPEC-APL1565A Datasheet
393Kb / 13P
   1A Low Dropout, Fast Response Fixed Voltage Regulator
logo
Sipex Corporation
SPX2941 SIPEX-SPX2941_06 Datasheet
890Kb / 10P
   1A Low Dropout Voltage Regulator Adjustable Output, Fast Response
SPX2941 SIPEX-SPX2941 Datasheet
103Kb / 10P
   1A Low Dropout Voltage Regulator, Adjustable Output, Fast Response
SPX2941T5-L SIPEX-SPX2941T5-L Datasheet
921Kb / 10P
   1A Low Dropout Voltage Regulator Adjustable Output, Fast Response
AS2850 SIPEX-AS2850 Datasheet
159Kb / 6P
   5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
AS2830 SIPEX-AS2830 Datasheet
149Kb / 6P
   3A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
SPX1585 SIPEX-SPX1585 Datasheet
198Kb / 7P
   5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com