Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPX3940AT-2.5 Datasheet(PDF) 10 Page - Sipex Corporation

Part # SPX3940AT-2.5
Description  1A Low Dropout Voltage Regulator Fixed Output, Fast Response
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX3940AT-2.5 Datasheet(HTML) 10 Page - Sipex Corporation

Back Button SPX3940AT-2.5 Datasheet HTML 3Page - Sipex Corporation SPX3940AT-2.5 Datasheet HTML 4Page - Sipex Corporation SPX3940AT-2.5 Datasheet HTML 5Page - Sipex Corporation SPX3940AT-2.5 Datasheet HTML 6Page - Sipex Corporation SPX3940AT-2.5 Datasheet HTML 7Page - Sipex Corporation SPX3940AT-2.5 Datasheet HTML 8Page - Sipex Corporation SPX3940AT-2.5 Datasheet HTML 9Page - Sipex Corporation SPX3940AT-2.5 Datasheet HTML 10Page - Sipex Corporation SPX3940AT-2.5 Datasheet HTML 11Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
10
Date: 5/25/04
SPX3940 1A Low Dropout Voltage Regulator
© Copyright 2004 Sipex Corporation
Corporation
ANALOG EXCELLENCE
Sipex Corporation reserves the right to make changes to any products described herein. Sipex does not assume any liability arising out of the
application or use of any product or circuit described herein; neither does it convey any license under its patent rights nor the rights of others.
Sipex Corporation
Headquarters and
Sales Office
233 South Hillview Drive
Milpitas, CA 95035
TEL: (408) 934-7500
FAX: (408) 935-7600
ORDERING INFORMATION
TO-263-3 Package (T)
V
OUT
GND
V
IN
Front View
TAB=GND
12
3
Front View
TAB=GND
TO-220-3 Package (U)
V
IN
V
OUT
GND
3
2
1
13
2
SOT-223 (M3)
GND
Top View
TAB=GND
V
IN
V
OUT
PART NUMBER
ACC.
OUTPUT VOLTAGE
PACKAGE
SPX3940AU-1.8
1%
1.8V
3 lead TO-220
SPX3940AU-2.5
1%
2.5V
3 lead TO-220
SPX3940AU-3.3
1%
3.3V
3 lead TO-220
SPX3940AU-5.0
1%
5.0V
3 lead TO-220
SPX3940AT-1.8
1%
1.8V
3 lead TO-263
SPX3940AT-1.8/TR
1%
1.8V
3 lead TO-263
SPX3940AT-2.5
1%
2.5V
3 lead TO-263
SPX3940AT-2.5/TR
1%
2.5V
3 lead TO-263
SPX3940AT-3.3
1%
3.3V
3 lead TO-263
SPX3940AT-3.3/TR
1%
3.3V
3 lead TO-263
SPX3940AT-5.0
1%
5.0V
3 lead TO-263
SPX3940AT-5.0/TR
1%
5.0V
3 lead TO-263
SPX3940U-1.8
2%
1.8V
3 lead TO-220
SPX3940U-2.5
2%
2.5V
3 lead TO-220
SPX3940U-3.3
2%
3.3V
3 lead TO-220
SPX3940U-5.0
2%
5.0V
3 lead TO-220
PINOUTS
/TR = Tape and Reel
Pack quantity is 500 for TO-263 and 2,500 for SOT-23.
Available in lead free packaging. To order add "-L" suffix to part number.
Example: SPX3940AT-3.3/TR = standard; SPX3940AT-L-3.3/TR = lead free


Similar Part No. - SPX3940AT-2.5

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
SPX3940AT-L-1-8 EXAR-SPX3940AT-L-1-8 Datasheet
1Mb / 11P
   1A Low Dropout Voltage Regulator
SPX3940AT-L-1-8TR EXAR-SPX3940AT-L-1-8TR Datasheet
1Mb / 11P
   1A Low Dropout Voltage Regulator
SPX3940AT-L-3-3 EXAR-SPX3940AT-L-3-3 Datasheet
1Mb / 11P
   1A Low Dropout Voltage Regulator
SPX3940AT-L-3-3TR EXAR-SPX3940AT-L-3-3TR Datasheet
1Mb / 11P
   1A Low Dropout Voltage Regulator
SPX3940AT-L-5-0 EXAR-SPX3940AT-L-5-0 Datasheet
1Mb / 11P
   1A Low Dropout Voltage Regulator
More results

Similar Description - SPX3940AT-2.5

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX2940 SIPEX-SPX2940 Datasheet
103Kb / 9P
   1A Low Dropout Voltage Regulator Fixed Output, Fast Response
AS2810 SIPEX-AS2810 Datasheet
150Kb / 7P
   1A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
SPX2810 SIPEX-SPX2810 Datasheet
191Kb / 9P
   1A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
logo
Anpec Electronics Corop...
APL1565A ANPEC-APL1565A Datasheet
393Kb / 13P
   1A Low Dropout, Fast Response Fixed Voltage Regulator
logo
Sipex Corporation
SPX2941 SIPEX-SPX2941_06 Datasheet
890Kb / 10P
   1A Low Dropout Voltage Regulator Adjustable Output, Fast Response
SPX2941 SIPEX-SPX2941 Datasheet
103Kb / 10P
   1A Low Dropout Voltage Regulator, Adjustable Output, Fast Response
SPX2941T5-L SIPEX-SPX2941T5-L Datasheet
921Kb / 10P
   1A Low Dropout Voltage Regulator Adjustable Output, Fast Response
AS2850 SIPEX-AS2850 Datasheet
159Kb / 6P
   5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
AS2830 SIPEX-AS2830 Datasheet
149Kb / 6P
   3A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
SPX1585 SIPEX-SPX1585 Datasheet
198Kb / 7P
   5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com