Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA354AIDBVR Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # OPA354AIDBVR
Description  250MHz, Rail-to-Rail I/O, CMOS OPERATIONAL AMPLIFIERS
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA354AIDBVR Datasheet(HTML) 9 Page - Texas Instruments

Back Button OPA354AIDBVR Datasheet HTML 5Page - Texas Instruments OPA354AIDBVR Datasheet HTML 6Page - Texas Instruments OPA354AIDBVR Datasheet HTML 7Page - Texas Instruments OPA354AIDBVR Datasheet HTML 8Page - Texas Instruments OPA354AIDBVR Datasheet HTML 9Page - Texas Instruments OPA354AIDBVR Datasheet HTML 10Page - Texas Instruments OPA354AIDBVR Datasheet HTML 11Page - Texas Instruments OPA354AIDBVR Datasheet HTML 12Page - Texas Instruments OPA354AIDBVR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
OPA354
OPA2354
OPA4354
SBOS233D − MARCH 2002− REVISED FEBRUARY 2005
www.ti.com
9
TYPICAL CHARACTERISTICS (continued)
At TA = +25
°C, VS = 5V, G = +1, RF = 0Ω, RL = 1kΩ, and connected to VS/2, unless otherwise noted.
INPUT BIAS CURRENT vs TEMPERATURE
Temperature (
_C)
65
85
105
525
45
135
125
−55 −35 −15
10k
1k
100
10
1
OUTPUT VOLTAGE SWING vs OUTPUT CURRENT
FOR V
S =3V
Output Current (mA)
60
40
20
80
100
120
0
3
2
1
0
+125
_C+25_C
−55_C
SUPPLY CURRENT vs TEMPERATURE
Temperature (
_C)
65
85
105
525
45
135
125
−55 −35 −15
7
6
5
4
3
2
1
0
V
S =5V
V
S =2.5V
OUTPUT VOLTAGE SWING vs OUTPUT CURRENT
FOR V
S =5V
Output Current (mA)
75
50
25
125
100
150
175
200
0
5
4
3
2
1
0
+25
_C
−55_C
+125
_C
CLOSED−LOOP OUTPUT IMPEDANCE vs FREQUENCY
Frequency (Hz)
10M
100M
1M
1G
100k
100
10
1
0.1
0.01
OPA354
Z
O
MAXIMUM OUTPUT VOLTAGE vs FREQUENCY
Frequency (MHz)
10
100
1
6
5
4
3
2
1
0
V
S =5.5V
V
S =2.7V
Maximum Output
Voltage without
Slew−Rate
Induced Distortion


Similar Part No. - OPA354AIDBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA354AIDBVR TI1-OPA354AIDBVR Datasheet
1Mb / 44P
[Old version datasheet]   250-MHz, Rail-to-Rail I/O, CMOS Operational Amplifiers
OPA354AIDBVRG4 TI1-OPA354AIDBVRG4 Datasheet
1Mb / 32P
[Old version datasheet]   250MHz, Rail-to-Rail I/O, CMOS OPERATIONAL AMPLIFIERS
OPA354AIDBVRG4 TI1-OPA354AIDBVRG4 Datasheet
1Mb / 44P
[Old version datasheet]   250-MHz, Rail-to-Rail I/O, CMOS Operational Amplifiers
More results

Similar Description - OPA354AIDBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA354AIDBVRG4 TI1-OPA354AIDBVRG4 Datasheet
1Mb / 32P
[Old version datasheet]   250MHz, Rail-to-Rail I/O, CMOS OPERATIONAL AMPLIFIERS
OPA2354AIDGKRG4 TI1-OPA2354AIDGKRG4 Datasheet
1Mb / 33P
[Old version datasheet]   250MHz, Rail-to-Rail I/O, CMOS OPERATIONAL AMPLIFIERS
OPA354AIDBVTG4 TI1-OPA354AIDBVTG4 Datasheet
1Mb / 33P
[Old version datasheet]   250MHz, Rail-to-Rail I/O, CMOS OPERATIONAL AMPLIFIERS
logo
Burr-Brown (TI)
OPA703 BURR-BROWN-OPA703_08 Datasheet
509Kb / 18P
   CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA2703EA-2K5G4 TI-OPA2703EA-2K5G4 Datasheet
894Kb / 19P
[Old version datasheet]   CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
logo
SG Micro Corp
SGM8634 SGMICRO-SGM8634_15 Datasheet
537Kb / 20P
   Rail-to-Rail I/O CMOS Operational Amplifiers
SGM8621 SGMICRO-SGM8621_16 Datasheet
1Mb / 20P
   Rail-to-Rail I/O CMOS Operational Amplifiers
logo
Texas Instruments
OPA703 TI-OPA703 Datasheet
322Kb / 12P
[Old version datasheet]   CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
OPA349 TI1-OPA349_17 Datasheet
1Mb / 24P
[Old version datasheet]   Rail-to-Rail I/O CMOS OPERATIONAL AMPLIFIERS
OPA703 TI1-OPA703_16 Datasheet
1Mb / 30P
[Old version datasheet]   CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com