Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IXFX32N50Q Datasheet(PDF) 3 Page - IXYS Corporation

Part # IXFX32N50Q
Description  HiPerFET Power MOSFETs Q-Class
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXFX32N50Q Datasheet(HTML) 3 Page - IXYS Corporation

  IXFX32N50Q Datasheet HTML 1Page - IXYS Corporation IXFX32N50Q Datasheet HTML 2Page - IXYS Corporation IXFX32N50Q Datasheet HTML 3Page - IXYS Corporation IXFX32N50Q Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
© 2002 IXYS All rights reserved
T
C - Degrees C
-50
-25
0
25
50
75
100 125 150
0
8
16
24
32
40
V
GS - Volts
2345
6
0
10
20
30
40
50
T
J - Degrees C
25
50
75
100
125
150
0.8
1.2
1.6
2.0
2.4
2.8
I
D = 16A
V
DS - Volts
0
4
8
121620
0
10
20
30
40
50
V
DS - Volts
0
4
8
12
16
20
0
10
20
30
40
50
60
70
80
5V
T
J = 125
OC
V
GS = 10V
T
J = 25
OC
T
J = 125
oC
6V
5V
6V
V
GS=10V
9V
8V
7V
V
GS= 9V
8V
7V
I
D = 32A
T
J = 25
oC
I
D - Amperes
0
102030405060
0.8
1.2
1.6
2.0
2.4
2.8
Tj=125
0 C
Tj=25
0 C
V
GS = 10V
4V
IXF_32N50Q
IXF_30N50Q
Figure 3. R
DS(on) normalized to 15A/25
OC vs. I
D
Figure 5. Drain Current vs. Case Temperature
Figure 6. Admittance Curves
Figure 1. Output Characteristics at 25OC
Figure 2. Output Characteristics at 125OC
Figure 4. R
DS(on) normalized to 15A/25
OC vs. T
J
IXFK 30N50Q
IXFK 32N50Q
IXFX 30N50Q
IXFX 32N50Q


Similar Part No. - IXFX32N50Q

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXFX32N50Q IXYS-IXFX32N50Q Datasheet
580Kb / 4P
   HiPerFET Power MOSFETs Q-Class
IXFX32N50Q IXYS-IXFX32N50Q Datasheet
580Kb / 4P
   HiPerFET Power MOSFETs Q-Class
More results

Similar Description - IXFX32N50Q

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXFH13N80Q IXYS-IXFH13N80Q Datasheet
51Kb / 2P
   HiPerFET Power MOSFETs Q Class
IXFH15N100Q IXYS-IXFH15N100Q Datasheet
137Kb / 2P
   HiPerFET Power MOSFETs Q-Class
IXFB80N50Q2 IXYS-IXFB80N50Q2 Datasheet
172Kb / 2P
   HiPerFET Power MOSFETs Q-Class
IXFK24N90Q IXYS-IXFK24N90Q Datasheet
87Kb / 2P
   HiPerFET Power MOSFETs Q-CLASS
IXFH20N60Q IXYS-IXFH20N60Q Datasheet
153Kb / 4P
   HiPerFET Power MOSFETs Q-Class
IXFH26N55Q IXYS-IXFH26N55Q Datasheet
128Kb / 2P
   HiPerFET Power MOSFETs Q-Class
IXFH40N50Q IXYS-IXFH40N50Q Datasheet
128Kb / 2P
   HiPerFET Power MOSFETs Q-Class
IXFH80N15Q IXYS-IXFH80N15Q Datasheet
125Kb / 2P
   HiPerFET Power MOSFETs Q-Class
IXFH16N90Q IXYS-IXFH16N90Q Datasheet
72Kb / 2P
   HiPerFET Power MOSFETs Q-Class
IXFX73N30Q IXYS-IXFX73N30Q Datasheet
98Kb / 2P
   HiPerFET Power MOSFETs Q-CLASS
98984 IXYS-98984 Datasheet
92Kb / 2P
   HiPerFET Power MOSFETs Q-Class
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com