Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1307AV25-133 Datasheet(PDF) 10 Page - Cypress Semiconductor

Part # CY7C1307AV25-133
Description  18-Mbit Burst of 4 Pipelined SRAM with QDR Architecture
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1307AV25-133 Datasheet(HTML) 10 Page - Cypress Semiconductor

Back Button CY7C1307AV25-133 Datasheet HTML 6Page - Cypress Semiconductor CY7C1307AV25-133 Datasheet HTML 7Page - Cypress Semiconductor CY7C1307AV25-133 Datasheet HTML 8Page - Cypress Semiconductor CY7C1307AV25-133 Datasheet HTML 9Page - Cypress Semiconductor CY7C1307AV25-133 Datasheet HTML 10Page - Cypress Semiconductor CY7C1307AV25-133 Datasheet HTML 11Page - Cypress Semiconductor CY7C1307AV25-133 Datasheet HTML 12Page - Cypress Semiconductor CY7C1307AV25-133 Datasheet HTML 13Page - Cypress Semiconductor CY7C1307AV25-133 Datasheet HTML 14Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
PRELIMINARY
CY7C1305AV25
CY7C1307AV25
Document #: 38-05496 Rev. *A
Page 10 of 21
Capacitance[18]
Parameter
Description
Test Conditions
Max.
Unit
CIN
Input Capacitance
TA = 25°C, f = 1 MHz,
VDD = 2.5V.
VDDQ = 1.5V
5pF
CCLK
Clock Input Capacitance
6
pF
CO
Output Capacitance
7
pF
AC Test Loads and Waveforms
Switching Characteristics Over the Operating Range[19]
Cypress
Parameter
Consortium
Parameter
Description
-167
-133
-100
Unit
Min. Max. Min. Max. Min. Max.
tPower[20]
VCC (typical) to the First Access Read or Write
10
10
10
µs
Cycle Time
tCYC
tKHKH
K Clock and C Clock Cycle Time
6.0
7.5
10.0
ns
tKH
tKHKL
Input Clock (K/K and C/C) HIGH
2.4
3.2
3.5
ns
tKL
tKLKH
Input Clock (K/K and C/C) LOW
2.4
3.2
3.5
ns
tKHKH
tKHKH
K/K Clock Rise to K/K Clock Rise and C/C to C/C
Rise (rising edge to rising edge)
2.7
3.3
3.4
4.1
4.4
5.4
ns
tKHCH
tKHCH
K/K Clock Rise to C/C Clock Rise (rising edge to
rising edge)
0.0
2.0
0.0
2.5
0.0
3.0
ns
Set-up Times
tSA
tSA
Address Set-up to Clock (K and K) Rise
0.7
0.8
1.0
ns
tSC
tSC
Control Set-up to Clock (K and K) Rise (RPS,
WPS, BWS0, BWS1)
0.7
0.8
1.0
ns
tSD
tSD
D[x:0] Set-up to Clock (K and K) Rise
0.7
0.8
1.0
ns
Hold Times
tHA
tHA
Address Hold after Clock (K and K) Rise
0.7
0.8
1.0
ns
tHC
tHC
Control Signals Hold after Clock (K and K) Rise
(RPS, WPS, BWS0, BWS1)
0.7
0.8
1.0
ns
tHD
tHD
D[x:0] Hold after Clock (K and K) Rise
0.7
0.8
1.0
ns
Output Times
tCO
tCHQV
C/C Clock Rise (or K/K in single clock mode) to
Data Valid[21]
2.5
3.0
3.0
ns
Note:
18. Tested initially and after any design or process change that may affect these parameters.
1.25V
0.25V
R = 50
5pF
INCLUDING
JIG AND
SCOPE
ALL INPUT PULSES
Device
RL = 50Ω
Z0 = 50Ω
VREF = 0.75V
VDDQ/2
[18]
0.75V
Under
Test
VDDQ/2
Device
Under
Test
OUTPUT
VDDQ/2
VREF
VREF
OUTPUT
ZQ
ZQ
(a)
RQ =
250
(b)
RQ=
250


Similar Part No. - CY7C1307AV25-133

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1307AV18 CYPRESS-CY7C1307AV18 Datasheet
480Kb / 20P
   18-Mb Burst of 4 Pipelined SRAM with QDR??Architecture
CY7C1307AV18-100BZC CYPRESS-CY7C1307AV18-100BZC Datasheet
480Kb / 20P
   18-Mb Burst of 4 Pipelined SRAM with QDR??Architecture
CY7C1307AV18-133BZC CYPRESS-CY7C1307AV18-133BZC Datasheet
480Kb / 20P
   18-Mb Burst of 4 Pipelined SRAM with QDR??Architecture
CY7C1307AV18-167BZC CYPRESS-CY7C1307AV18-167BZC Datasheet
480Kb / 20P
   18-Mb Burst of 4 Pipelined SRAM with QDR??Architecture
More results

Similar Description - CY7C1307AV25-133

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1305BV25 CYPRESS-CY7C1305BV25 Datasheet
247Kb / 21P
   18-Mbit Burst of 4 Pipelined SRAM with QDR Architecture
CY7C1305BV25 CYPRESS-CY7C1305BV25_06 Datasheet
918Kb / 21P
   18-Mbit Burst of 4 Pipelined SRAM with QDR??Architecture
CY7C1305BV18 CYPRESS-CY7C1305BV18 Datasheet
244Kb / 20P
   18-Mbit Burst of 4 Pipelined SRAM with QDR??Architecture
CY7C1303BV18 CYPRESS-CY7C1303BV18 Datasheet
246Kb / 19P
   18-Mbit Burst of 2 Pipelined SRAM with QDR??Architecture
CY7C1303CV25 CYPRESS-CY7C1303CV25 Datasheet
539Kb / 21P
   18-Mbit Burst of 2 Pipelined SRAM with QDR Architecture
CY7C1303BV25 CYPRESS-CY7C1303BV25 Datasheet
817Kb / 19P
   18-Mbit Burst of 2 Pipelined SRAM with QDR??Architecture
CY7C1304CV25 CYPRESS-CY7C1304CV25 Datasheet
300Kb / 18P
   9-Mbit Burst of 4 Pipelined SRAM with QDR??Architecture
CY7C1304DV25 CYPRESS-CY7C1304DV25_06 Datasheet
424Kb / 18P
   9-Mbit Burst of 4 Pipelined SRAM with QDR??Architecture
CY7C1305AV18 CYPRESS-CY7C1305AV18 Datasheet
480Kb / 20P
   18-Mb Burst of 4 Pipelined SRAM with QDR??Architecture
CY7C1303AV25 CYPRESS-CY7C1303AV25 Datasheet
479Kb / 19P
   18-Mb Burst of 2 Pipelined SRAM with QDR??Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com