Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1347D-250BGC Datasheet(PDF) 11 Page - Cypress Semiconductor

Part # CY7C1347D-250BGC
Description  128K x 36 Synchronous-Pipelined Cache SRAM
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1347D-250BGC Datasheet(HTML) 11 Page - Cypress Semiconductor

Back Button CY7C1347D-250BGC Datasheet HTML 7Page - Cypress Semiconductor CY7C1347D-250BGC Datasheet HTML 8Page - Cypress Semiconductor CY7C1347D-250BGC Datasheet HTML 9Page - Cypress Semiconductor CY7C1347D-250BGC Datasheet HTML 10Page - Cypress Semiconductor CY7C1347D-250BGC Datasheet HTML 11Page - Cypress Semiconductor CY7C1347D-250BGC Datasheet HTML 12Page - Cypress Semiconductor CY7C1347D-250BGC Datasheet HTML 13Page - Cypress Semiconductor CY7C1347D-250BGC Datasheet HTML 14Page - Cypress Semiconductor CY7C1347D-250BGC Datasheet HTML 15Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
CY7C1347D
Document #: 38-05022 Rev. *D
Page 11 of 21
TAP Timing and Test Conditions
Identification Register Definitions
Instruction Field
128K x 36
Description
Revision Number (31:28)
XXXX
Reserved for revision number.
Device Depth (27:23)
00111
Defines depth of words.
Device Width (22:18)
00011
Defines width of bits.
Reserved (17:12)
XXXXXX
Reserved for future use.
Cypress Jedec Id Code (11:1)
00011100100
Allows unique identification of DEVICE vendor.
ID Register Presence Indicator (0)
1
Indicates the presence of an ID register.
(a)
3.3V / 2.5V
VSS
ALL INPUT PULSES
1.5V
1.5 ns
1.5 ns
Vt = 1.5V
TDO
Z
0 = 50 Ω
50
20 pF
for 3.3V VCCQ or
VCCQ/2 for 2.5V VCCQ
TEST CLOCK
(TCK)
tTHTH
tTHTL
tTLTH
TEST MODE SELECT
(TMS)
TEST DATA IN
(TDI)
TEST DATA OUT
(TDO)
tMVTH tTHMX
tDVTH
tTHDX
tTLQX
tTLQV
Scan Register Sizes
Register Name
Bit Size (x36)
Instruction
3
Bypass
1
ID
32
Boundary Scan
51


Similar Part No. - CY7C1347D-250BGC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1347B CYPRESS-CY7C1347B Datasheet
730Kb / 17P
   128K x 36 Synchronous-Pipelined Cache RAM
CY7C1347B-100AC CYPRESS-CY7C1347B-100AC Datasheet
730Kb / 17P
   128K x 36 Synchronous-Pipelined Cache RAM
CY7C1347B-100AI CYPRESS-CY7C1347B-100AI Datasheet
730Kb / 17P
   128K x 36 Synchronous-Pipelined Cache RAM
CY7C1347B-100BGC CYPRESS-CY7C1347B-100BGC Datasheet
730Kb / 17P
   128K x 36 Synchronous-Pipelined Cache RAM
CY7C1347B-100BGI CYPRESS-CY7C1347B-100BGI Datasheet
730Kb / 17P
   128K x 36 Synchronous-Pipelined Cache RAM
More results

Similar Description - CY7C1347D-250BGC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1347B CYPRESS-CY7C1347B Datasheet
730Kb / 17P
   128K x 36 Synchronous-Pipelined Cache RAM
CY7C1339B CYPRESS-CY7C1339B Datasheet
529Kb / 17P
   128K x 32 Synchronous Pipelined Cache RAM
logo
Integrated Circuit Solu...
IS61SP12836 ICSI-IS61SP12836 Datasheet
475Kb / 14P
   128K x 36 SYNCHRONOUS PIPELINED STATIC RAM
logo
Cypress Semiconductor
CY7C1347F CYPRESS-CY7C1347F Datasheet
423Kb / 19P
   4-Mbit (128K x 36) Pipelined Sync SRAM
CY7C1347G CYPRESS-CY7C1347G Datasheet
1,021Kb / 21P
   4-Mbit (128K x 36) Pipelined Sync SRAM
CY7C1345B CYPRESS-CY7C1345B Datasheet
346Kb / 17P
   128K x 36 Synchronous Flow-Through 3.3V Cache RAM
logo
AMIC Technology
A67P8318 AMICC-A67P8318 Datasheet
255Kb / 18P
   256K X 18, 128K X 36 LVTTL, Pipelined ZeBL SRAM
logo
List of Unclassifed Man...
UT61128C64 ETC1-UT61128C64 Datasheet
257Kb / 16P
   128K X 64 SYNCHRONOUS PIPELINED BURST CMOS SRAM
logo
Cypress Semiconductor
CY7C1348G CYPRESS-CY7C1348G Datasheet
348Kb / 16P
   4-Mbit (128K x 36) Pipelined DCD Sync SRAM
logo
AMIC Technology
A65H73361 AMICC-A65H73361 Datasheet
530Kb / 21P
   128K x 36 & 256K x 18 Late Write Synchronous Fast SRAM with Pipelined Data Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com