Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1347D Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # CY7C1347D
Description  128K x 36 Synchronous-Pipelined Cache SRAM
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1347D Datasheet(HTML) 9 Page - Cypress Semiconductor

Back Button CY7C1347D Datasheet HTML 5Page - Cypress Semiconductor CY7C1347D Datasheet HTML 6Page - Cypress Semiconductor CY7C1347D Datasheet HTML 7Page - Cypress Semiconductor CY7C1347D Datasheet HTML 8Page - Cypress Semiconductor CY7C1347D Datasheet HTML 9Page - Cypress Semiconductor CY7C1347D Datasheet HTML 10Page - Cypress Semiconductor CY7C1347D Datasheet HTML 11Page - Cypress Semiconductor CY7C1347D Datasheet HTML 12Page - Cypress Semiconductor CY7C1347D Datasheet HTML 13Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
CY7C1347D
Document #: 38-05022 Rev. *D
Page 9 of 21
0
0
1
2
.
.
29
30
31
Boundary Scan Register
Identification Register
0
1
2
.
.
.
.
x
0
1
2
Instruction Register
Bypass Register
Selection
Circuitry
Selection
Circuitry
TAP Controller
TDI
TDO
TDI
TDI
[9]
Figure 2. TAP Controller Block Diagram
TAP DC Electrical Characteristics (20°C < Tj < 110°C; VCC = 3.3V –0.2V and +0.3V unless otherwise noted)
Parameter
Description
Test Conditions
Min.
Max.
Unit
VIH
Input High (Logic 1)
Voltage: Inputs[10, 11]
VCCQ = 3.3 V
2.0
4.6
V
VCCQ = 2.5V
1.7
4.6
V
Input High (Logic 1)
Voltage: Data[10, 11]
VCCQ = 3.3 V
2.0
VCCQ + 0.3
V
VCCQ = 2.5V
1.7
VCCQ + 0.3
VIL
Input Low (Logic 0) Voltage: Inputs and
Data[10, 11]
VCCQ = 3.3 V
–0.5
0.8
V
VCCQ = 2.5V
–0.3
0.7
V
ILI
Input Leakage Current
0V < VIN < VCC
–5.0
5.0
µA
ILI
TMS and TDI Input Leakage Current 0V < VIN < VCC
–30
30
µA
ILO
Output Leakage Current
Output disabled,
0V < VIN < VCCQ
–5.0
5.0
µA
VOLC
LVCMOS Output Low Voltage[10, 12]
IOLC = 100 µA0.2
V
VOHC
LVCMOS Output High Voltage[10, 12]
IOHC = 100 µAVCCQ – 0.2
V
Notes:
9. X = 69.
10. All Voltage referenced to VSS (GND).
11. Overshoot: VIH(AC)<VCC+1.5V for t<tKHKH/2, Undershoot: VIL(AC)<–0.5V for t<tKHKH/2, Power-up: VIH<3.6V and VCC<3.135V and VCCQ<1.4V for t<200 ms.
During normal operation, VCCQ must not exceed 3.6V. Control input signals (such as R/W, ADV/LD, etc.) may not have pulse widths less than tKHKL (min.).
12. This parameter is sampled.


Similar Part No. - CY7C1347D

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1347B CYPRESS-CY7C1347B Datasheet
730Kb / 17P
   128K x 36 Synchronous-Pipelined Cache RAM
CY7C1347B-100AC CYPRESS-CY7C1347B-100AC Datasheet
730Kb / 17P
   128K x 36 Synchronous-Pipelined Cache RAM
CY7C1347B-100AI CYPRESS-CY7C1347B-100AI Datasheet
730Kb / 17P
   128K x 36 Synchronous-Pipelined Cache RAM
CY7C1347B-100BGC CYPRESS-CY7C1347B-100BGC Datasheet
730Kb / 17P
   128K x 36 Synchronous-Pipelined Cache RAM
CY7C1347B-100BGI CYPRESS-CY7C1347B-100BGI Datasheet
730Kb / 17P
   128K x 36 Synchronous-Pipelined Cache RAM
More results

Similar Description - CY7C1347D

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1347B CYPRESS-CY7C1347B Datasheet
730Kb / 17P
   128K x 36 Synchronous-Pipelined Cache RAM
CY7C1339B CYPRESS-CY7C1339B Datasheet
529Kb / 17P
   128K x 32 Synchronous Pipelined Cache RAM
logo
Integrated Circuit Solu...
IS61SP12836 ICSI-IS61SP12836 Datasheet
475Kb / 14P
   128K x 36 SYNCHRONOUS PIPELINED STATIC RAM
logo
Cypress Semiconductor
CY7C1347F CYPRESS-CY7C1347F Datasheet
423Kb / 19P
   4-Mbit (128K x 36) Pipelined Sync SRAM
CY7C1347G CYPRESS-CY7C1347G Datasheet
1,021Kb / 21P
   4-Mbit (128K x 36) Pipelined Sync SRAM
CY7C1345B CYPRESS-CY7C1345B Datasheet
346Kb / 17P
   128K x 36 Synchronous Flow-Through 3.3V Cache RAM
logo
AMIC Technology
A67P8318 AMICC-A67P8318 Datasheet
255Kb / 18P
   256K X 18, 128K X 36 LVTTL, Pipelined ZeBL SRAM
logo
List of Unclassifed Man...
UT61128C64 ETC1-UT61128C64 Datasheet
257Kb / 16P
   128K X 64 SYNCHRONOUS PIPELINED BURST CMOS SRAM
logo
Cypress Semiconductor
CY7C1348G CYPRESS-CY7C1348G Datasheet
348Kb / 16P
   4-Mbit (128K x 36) Pipelined DCD Sync SRAM
logo
AMIC Technology
A65H73361 AMICC-A65H73361 Datasheet
530Kb / 21P
   128K x 36 & 256K x 18 Late Write Synchronous Fast SRAM with Pipelined Data Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com