Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

FMS6417 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part No. FMS6417
Description  Selectable RGB (YUV) HD/SD Video Filter Driver with Y, C, Composite, and Modulator Outputs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FMS6417 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FMS6417 Datasheet HTML 1Page - Fairchild Semiconductor FMS6417 Datasheet HTML 2Page - Fairchild Semiconductor FMS6417 Datasheet HTML 3Page - Fairchild Semiconductor FMS6417 Datasheet HTML 4Page - Fairchild Semiconductor FMS6417 Datasheet HTML 5Page - Fairchild Semiconductor FMS6417 Datasheet HTML 6Page - Fairchild Semiconductor FMS6417 Datasheet HTML 7Page - Fairchild Semiconductor FMS6417 Datasheet HTML 8Page - Fairchild Semiconductor FMS6417 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
REV. 2a December 2003
DATA SHEET
FMS6417
Electrical Specifications
(TC = 25°C, Vi = 1Vpp; VCCA = 3.3V, VCCO = 5.0V, all inputs DC coupled, all outputs AC coupled; unless otherwise noted)
Standard Definition Electrical Specifications
(TC = 25°C, Vi = 1Vpp; VCCA = 3.3V, VCCO = 5.0V, FSEL = 0,
all inputs DC coupled, all outputs AC coupled; unless otherwise noted)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
ICCA
Supply Current1
VCCA no load
50
80
120
mA
ICCO
Supply Current1
VCCO no load
10
35
60
mA
ICCMOD
Modulator Supply Current1
VCCMOD no load
5
10
15
mA
ICCOMOD
Modulator Supply Current1
VCCOMOD no load
10
20
30
mA
Vi
Input Voltage Max
Reference to ground
1.3
Vpp
Vil
Digital Input Low1
FSEL, INMUX, CVMUX
0
0.8
V
Vih
Digital Input High1
FSEL, INMUX, CVMUX
2.4
VCCO
V
VOCV
Output Voltage
During sync, CV channel
1
V
VORGB
Output Voltage
During sync, RGB channel
2
V
VOMOD
Output Voltage
During sync, MOD channel
1
V
PSSR
PSSR (all channels)
DC
46
dB
Symbol
Parameter
Conditions
Min
Typ
Max
Units
AVRGBSD
RGB SD Gain1
R,G,B channels SD Mode
5.3
6.0
6.6
dB
AVMOD
Modulator Gain
MOD channels
5.1
5.8
6.6
dB
f1dBSD
-1dB Bandwidth for SD1
R,G,B,Y,C,CV channels
4
5
MHz
fCSD
-3dB Bandwidth for SD
R,G,B,Y,C,CV channels
8
MHz
fSBSD
Attenuation: SD (stopband reject)1
R,G,B,Y,C channels at f = 27MHz
37
40
dB
fSBCV
Attenuation: SD (stopband reject)1
CV channel at f = 27MHz
37
40
dB
fNA
Notch Attenuation
at 4.425MHz
14
24
dB
MCF
Modulator Channel Flatness
at 3.75MHz
-0.75
0
+0.75
dB
dG
Differential Gain
R,G,B,Y,C,CV channels
1.0
%
Differential Phase
R,G,B,Y,C,CV channels
1.0
°
MOD
Modulator Differential Phase
MOD channel
1.5
°
THD
Output Distortion (all channels)
VOUT = 1.8Vpp, YOUT/COUT at 3.58MHz
0.4
%
XTALKYC
Crosstalk
channel-to-channel YC
-58
dB
XTALKRGB
Crosstalk
channel-to-channel RGB
-65
dB
INMUXISO
INMUX Isolation
at 1MHz
-90
dB
SNR
Signal-to-Noise Ratio
R,G,B,Y,C,CV channels, unified
weighting, 100kHz highpass enabled
72
dB
tpdSD
Prop Delay for SD
Delay from input to output
at 4.5MHz (RGB, YC, CV outputs)
65
ns
∆tpdMOD
Modulator Group Delay
MODE = 0, from 400kHz to 3.58MHz
-230
-170
-130
ns
tCLDCV
Chroma-Luma Delay CVOUT
f = 3.58MHz (referenced to 400kHz)
650
ns
tCLGCV
Chroma-Luma Gain CVOUT
f = 3.58MHz (referenced to 400kHz)
92
100
104
%
Notes:
1. 100% tested at 25°C.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn