Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

FMS6417 Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part No. FMS6417
Description  Selectable RGB (YUV) HD/SD Video Filter Driver with Y, C, Composite, and Modulator Outputs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FMS6417 Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FMS6417 Datasheet HTML 1Page - Fairchild Semiconductor FMS6417 Datasheet HTML 2Page - Fairchild Semiconductor FMS6417 Datasheet HTML 3Page - Fairchild Semiconductor FMS6417 Datasheet HTML 4Page - Fairchild Semiconductor FMS6417 Datasheet HTML 5Page - Fairchild Semiconductor FMS6417 Datasheet HTML 6Page - Fairchild Semiconductor FMS6417 Datasheet HTML 7Page - Fairchild Semiconductor FMS6417 Datasheet HTML 8Page - Fairchild Semiconductor FMS6417 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
REV. 2a December 2003
3
FMS6417
DATA SHEET
High Definition Electrical Specifications
(TC = 25°C, Vi = 1Vpp; VCCA = 3.3V, VCCO = 5.0V, FSEL = 1,
all inputs DC coupled, all outputs AC coupled; unless otherwise noted)
Absolute Maximum Ratings (beyond which the device may be damaged)
Recommended Operating Conditions
Notes:
1. 100% tested at 25°C.
2. Sustained circuit protection limited to 10 seconds.
3. VCC, VCCMOD, and VCCOMOD all connected to same supply.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
AVRGBHD
RGB HD Gain1
R,G,B channels HD Mode
5.3
6.0
6.6
dB
f1dBHD
-1dB Bandwidth for HD1
R,G,B channels
16
20
MHz
fCHD
-3dB Bandwidth for HD
R,G,B channels
32
MHz
fSBHD
Attenuation: HD (stopband reject)1
R,G,B channels at f = 74.25MHz
25
30
dB
XTALKRGB
Crosstalk
channel-to-channel RGB
-68
dB
INMUXISO
INMUX Isolation
at 1MHz
-90
dB
SNR
Signal-to-Noise Ratio
R,G,B channels
72
dB
tpdHD
Prop Delay for HD
Delay from input to output at 16MHz
20
ns
∆tpdHD
Group Delay
from 400kHz to 30MHz
5ns
Parameter
Min
Max
Units
DC Supply Voltage
-0.3
7.0
V
Analog and Digital I/O
VSS -0.3
VCC +0.3
V
Output Current RGB Channels2
120
mA
Output Current CV Channels2
120
mA
Output Current C,Y Channels2
120
mA
Junction Temperature
150
°C
Storage Temperature Range
-65
150
°C
Lead Temperature (Soldering, 10s)
260
°C
Thermal Resistance (ΘJA)
47.9
°C/W
Parameter
Min
Typ
Max
Units
Operating Temperature Range
0
70
°C
VCCO Range
3
4.75
5.0
5.25
V
VCCA Range
3.135
3.3
3.465
V
VCCMOD Range
3
4.75
5.0
5.25
V
VCCOMOD Range
3
4.75
5.0
5.25
V


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn