Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT72V70810 Datasheet(PDF) 6 Page - Integrated Device Technology

Part # IDT72V70810
Description  3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 1,024 x 1,024
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT72V70810 Datasheet(HTML) 6 Page - Integrated Device Technology

Back Button IDT72V70810 Datasheet HTML 2Page - Integrated Device Technology IDT72V70810 Datasheet HTML 3Page - Integrated Device Technology IDT72V70810 Datasheet HTML 4Page - Integrated Device Technology IDT72V70810 Datasheet HTML 5Page - Integrated Device Technology IDT72V70810 Datasheet HTML 6Page - Integrated Device Technology IDT72V70810 Datasheet HTML 7Page - Integrated Device Technology IDT72V70810 Datasheet HTML 8Page - Integrated Device Technology IDT72V70810 Datasheet HTML 9Page - Integrated Device Technology IDT72V70810 Datasheet HTML 10Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
6
COMMERCIALTEMPERATURERANGE
IDT72V70810 3.3V TIME SLOT INTERCHANGE
DIGITAL SWITCH 1,024 x 1,024
used to designate the connection memory or the data Memory. The stream
addressbitsselectinternalmemorysubsectionscorrespondingtoinputoroutput
serialstreams.
The data in the IMS register consists of block programming bits (BPD0-
BPD4),blockprogrammingenablebit(BPE),outputstandbybit(OSB)andstart
frameevaluationbit(SFE).Theblockprogrammingandtheblockprogramming
enablebitsallowsuserstoprogramtheentireconnectionmemory(seeMemory
BlockProgrammingsection).IftheODEpinislow,theOSBbitenables(ifhigh)
ordisables(iflow)allST-BUS®outputdrivers.IftheODEpinishigh,thecontents
of the OSB bit is ignored and all TX output drivers are enabled.
CONNECTION MEMORY CONTROL
TheCCOpinisa16.384Mb/soutput,whichcarries2,048bits.Thecontents
of the CCO bit of each connection memory location are output on the CCO pin
once every frame. The contents of the CCO bits of the connection memory are
transmitted sequentially on to the CCO pin (2 bit cells for each bit in connection
memory) and are synchronous with the data rates on the other serial streams.
The CCO bit is output one channel before the corresponding channel on the
serialstreams.
If the ODE pin or the OSB bit is high, the OE bit of each connection memory
location controls the output drivers-enables (if high) or disables (if low). See
Table 4 for detail.
Theprocessorchannel(PC)bitoftheconnectionmemoryselectsbetween
Processor Mode and Connection Mode. If high, the contents of the connection
memoryareoutputontheTXstreams. Iflow,thestreamaddressbit(SAB)and
the channel address bit (CAB) of the connection memory defines the source
information(streamandchannel)ofthetime-slotthatwillbeswitchedtotheoutput
from data memory.
The
V/C(Variable/ConstantDelay)bitineachconnectionmemorylocation
allows the per-channel selection between variable and constant throughput
delay modes.
If the LPBK bit is high, the associated TX output channel data is internally
looped back to the RX input channel (i.e., RX n channel m data comes from the
TX n channel m). If the LPBK bit is low, the loopback feature is disabled. For
proper per-channel loopback operation, the contents of the frame delay offset
registers must be set to zero.
INITIALIZATION OF THE IDT72V70810
After power up, the state of the connection memory is unknown. As such,
theoutputsshouldbeputinhighimpedancebyholdingtheODElow. Whilethe
ODE is low, the microprocessor can initialize the device, program the active
paths, and disable unused outputs by programming the OE bit in connection
memory. Once the device is configured, the ODE pin (or OSB bit depending
on initialization) can be switched.


Similar Part No. - IDT72V70810

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72V70800 IDT-IDT72V70800 Datasheet
148Kb / 21P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 512 x 512
logo
Renesas Technology Corp
IDT72V70800 RENESAS-IDT72V70800 Datasheet
299Kb / 22P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 512 x 512
MARCH 2003
logo
Integrated Device Techn...
IDT72V70800PF IDT-IDT72V70800PF Datasheet
148Kb / 21P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 512 x 512
logo
Renesas Technology Corp
IDT72V70800PFG RENESAS-IDT72V70800PFG Datasheet
299Kb / 22P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 512 x 512
MARCH 2003
logo
Integrated Device Techn...
IDT72V70800TF IDT-IDT72V70800TF Datasheet
148Kb / 21P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 512 x 512
More results

Similar Description - IDT72V70810

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
72V70810 RENESAS-72V70810 Datasheet
782Kb / 24P
   3.3 VOLT Time SLOT INTERCHANGE DIGITAL SWITCH 1,024 x 1,024
JUNE 9, 2014
IDT72V70210 RENESAS-IDT72V70210 Datasheet
442Kb / 20P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 1,024 x 1,024
JANUARY 2005
logo
Integrated Device Techn...
IDT72V70210 IDT-IDT72V70210 Datasheet
119Kb / 19P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 1,024 x 1,024
logo
Renesas Technology Corp
IDT72V70200 RENESAS-IDT72V70200 Datasheet
503Kb / 25P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH
AUGUST 2001
logo
Integrated Device Techn...
IDT72V90823 IDT-IDT72V90823 Datasheet
180Kb / 27P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH
IDT72V70840 IDT-IDT72V70840 Datasheet
132Kb / 21P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH
logo
Renesas Technology Corp
IDT72V70190 RENESAS-IDT72V70190 Datasheet
463Kb / 21P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH
DECEMBER 2004
IDT72V70180 RENESAS-IDT72V70180 Datasheet
425Kb / 21P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH
MARCH 2003
IDT72V73260 RENESAS-IDT72V73260 Datasheet
311Kb / 27P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 16,384 X 16,384
JUNE 2004
logo
Integrated Device Techn...
IDT72V70190 IDT-IDT72V70190 Datasheet
145Kb / 20P
   3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 256 x 256
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com