Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP3905SDX-00 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP3905SDX-00
Description  Power Management Unit For Low Power Handheld Applications
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3905SDX-00 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LP3905SDX-00 Datasheet HTML 1Page - National Semiconductor (TI) LP3905SDX-00 Datasheet HTML 2Page - National Semiconductor (TI) LP3905SDX-00 Datasheet HTML 3Page - National Semiconductor (TI) LP3905SDX-00 Datasheet HTML 4Page - National Semiconductor (TI) LP3905SDX-00 Datasheet HTML 5Page - National Semiconductor (TI) LP3905SDX-00 Datasheet HTML 6Page - National Semiconductor (TI) LP3905SDX-00 Datasheet HTML 7Page - National Semiconductor (TI) LP3905SDX-00 Datasheet HTML 8Page - National Semiconductor (TI) LP3905SDX-00 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
General Electrical Characteristics (Notes 2, 8, 9) (Continued)
Buck Regulator Electrical Characteristics
Buck1&2 have a current rating of I
max= 600mA. Unless otherwise specified, limits are set with VIN =VEN1/2 = 3.8V, VOUT-
(Buck1)
= Vnom1 , V
OUT(Buck2)= Vnom2 and CIN=COUT=10µF. Limits in standard typeface are for TJ = 25˚C. Limits in boldface
type apply over the full junction temperature range (−40˚C
≤ T
J
≤ +125˚C). Unless otherwise noted, specifications apply to the
LP3905 Typical Application Circuit (Figure. 1) (Notes 2, 8)
Symbol
Parameter
Condition
Min
Typ
Max
Units
V
FB
Feedback Voltage
(Note 16)
-4
+4
%
V
OUT
Line Regulation
3.0V
≤ V
IN
≤ 5.5V
I
O = 1mA
0.045
%/V
Load Regulation
100 mA
≤ I
O
≤ 600mA
0.002
%/mA
R
DSON (P)
Pin-Pin Resistance for PFET
V
IN=VGS= 3.6V
380
500
m
R
DSON (N)
Pin-Pin Resistance for NFET
V
IN=VGS= 3.6V (Note 15)
250
400
m
I
LIM
Switch Peak Current Limit
Open Loop
650
1000
1220
mA
F
OSC
Internal Oscillator Frequency
PWM Mode
2
MHz
η
Efficiency
IOUT = 5mA, PFM mode (Note 15)
88
%
IOUT = 300mA, PWM mode (Note 15)
90
LDO Regulator Electrical Characteristics
The linear regulators have a current rating of I
max= 150mA with COUT = 1.0µF. A 100mA rating applies with COUT = 0.47µF.
Unless otherwise specified, limits are set with V
IN = 3.8V, VEN1/2 = 3.8V, CIN = 1µF, COUT = 0.47µF, IOUT = 1.0mA. Limits in
standard typeface are for T
J = 25˚C. Limits in boldface type apply over the full junction temperature range (−40˚C
≤ T
J
+125˚C). Unless otherwise noted, specifications apply to the LP3905 Typical Application Circuit (Figure. 1)(Notes 2, 8)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
∆V
OUT
Output Voltage Tolerance
Over Full Line and Load Regulation
−3
3
%
Line Regulation Error
V
IN = 3.8V to 5.5V,
I
OUT = 1mA
0.05
%/V
Load Regulation Error
I
OUT = 1 mA to 100mA
0.003
%/mA
I
LOAD
Load Current
(Notes 11, 15)
0
mA
V
DO
Dropout Voltage
I
OUT = 100mA
80
150
mV
I
SC
Short Circuit Current Limit
(Note 13)
300
500
mA
I
OUT
Maximum Output Current
C
OUT = 1.0µF
150
mA
PSRR
Power Supply Rejection Ratio
(Note 15)
f = 100Hz, I
OUT = 100mA
90
dB
f = 1kHz, I
OUT = 100mA
90
f = 10kHz, I
OUT = 100mA
60
f = 50kHz, I
OUT = 100mA
35
f = 100kHz, I
OUT = 100mA
25
e
n
Output Noise Voltage
(Note 15)
BW = 10Hz to
100kHz, V
IN = 4.2V
Buck1 Turned ON
with I
LOAD= 0mA,
Buck2 Turned OFF
I
OUT = 1mA
13.5
µV
RMS
I
OUT = 100mA
15.5
www.national.com
5


Similar Part No. - LP3905SDX-00

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP3905SD-A3/NOPB TI1-LP3905SD-A3/NOPB Datasheet
957Kb / 24P
[Old version datasheet]   Power Management Unit For Low Power Handheld Applications
More results

Similar Description - LP3905SDX-00

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP3905 TI1-LP3905 Datasheet
957Kb / 24P
[Old version datasheet]   Power Management Unit For Low Power Handheld Applications
logo
Richtek Technology Corp...
RT9941 RICHTEK-RT9941 Datasheet
711Kb / 33P
   Power Management ICs for Handheld Device
RT9945 RICHTEK-RT9945 Datasheet
686Kb / 33P
   Power Management ICs for Handheld Device
logo
Texas Instruments
LP8765-E TI1-LP8765-E Datasheet
161Kb / 5P
[Old version datasheet]   High Performance Power Management Unit for Handset Applications
LP3925 TI1-LP3925 Datasheet
1Mb / 51P
[Old version datasheet]   High Performance Power Management Unit for Handset Applications
logo
ETA SOLUTIONS CO. LIMIT...
ETA9635 ETA-ETA9635 Datasheet
122Kb / 1P
   Power Management Unit for Power Banks
logo
NXP Semiconductors
TEA5767HN PHILIPS-TEA5767HN Datasheet
199Kb / 39P
   Low-power FM stereo radio for handheld applications
Rev. 04-20 February 2006
TEA5768HL PHILIPS-TEA5768HL Datasheet
196Kb / 36P
   Low-power FM stereo radio for handheld applications
2004 Sep 13
TEA5767HL PHILIPS-TEA5767HL Datasheet
187Kb / 36P
   Low-power FM stereo radio for handheld applications
2004 Sep 13
PCA9420 NXP-PCA9420_V03 Datasheet
1Mb / 85P
   Power management IC for low-power microcontroller applications
Rev. 4.2 - 26 July 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com