Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI74FCT648T Datasheet(PDF) 7 Page - Pericom Semiconductor Corporation

Part # PI74FCT648T
Description  Fast CMOS Octal Registered Transceivers
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI74FCT648T Datasheet(HTML) 7 Page - Pericom Semiconductor Corporation

  PI74FCT648T Datasheet HTML 1Page - Pericom Semiconductor Corporation PI74FCT648T Datasheet HTML 2Page - Pericom Semiconductor Corporation PI74FCT648T Datasheet HTML 3Page - Pericom Semiconductor Corporation PI74FCT648T Datasheet HTML 4Page - Pericom Semiconductor Corporation PI74FCT648T Datasheet HTML 5Page - Pericom Semiconductor Corporation PI74FCT648T Datasheet HTML 6Page - Pericom Semiconductor Corporation PI74FCT648T Datasheet HTML 7Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
7
PS2022A 03/11/96
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PI74FCT646/648/651/652T
(25
Ω Series) P174FCT2646T/2652T
OCTAL REGISTERED TRANSCEIVERS
PI74FCT652/2652T Switching Characteristics over Operating Range
652T/2652T
652AT/2652AT
652CT
652DT
Com.
Com.
Com.
Com.
Parameters
Description
Conditions(1)
Min
Max
Min
Max
Min
Max
Min
Max
Unit
tPLH
Propagation Delay
CL = 50 pF
2.0
9.0
2.0
6.3
1.5
5.4
1.5
4.8
ns
tPHL
Bus to Bus
RL = 500
tPZH
Output Enable Time
2.0
12.5
2.0
9.8
1.5
7.8
1.5
7.3
ns
tPZL
GBA, GAB to Bus
tPHZ
Output Disable Time(3)
2.0
9.0
2.0
6.3
1.5
6.3
1.5
6.0
ns
tPLZ
GBA, GAB to Bus
tPLH
Propagation Delay
2.0
9.0
2.0
6.3
1.5
5.7
1.5
5.2
ns
tPHL
Clock to Bus
tPLH
Propagation Delay
2.0
9.5
2.0
7.7
1.5
6.2
1.5
5.8
ns
tPHL
SBA or SAB to Bus
tSU
Setup Time HIGH or
4.0
2.0
2.0
2.0
ns
LOW, BUS to Clock
tH
Hold Time HIGH or
2.0
1.5
1.5
1.5
ns
LOW, Bus to Clock
tW
Clock Pulse Width(3)
6.0
5.0
5.0
5.0
ns
HIGH or LOW
PI74FCT651T Switching Characteristics over Operating Range
651T
651AT
651CT
651DT
Com.
Com.
Com.
Com.
Parameters
Description
Conditions(1)
Min
Max
Min
Max
Min
Max
Min
Max
Unit
tPLH
Propagation Delay
CL = 50 pF
2.0
9.0
2.0
6.3
1.5
5.4
1.5
4.8
ns
tPHL
Bus to Bus
RL = 500
tPZH
Output Enable Time
2.0
12.5
2.0
9.8
1.5
7.8
1.5
7.3
ns
tPZL
GBA, GAB to Bus
tPHZ
Output Disable Time(3)
2.0
9.0
2.0
6.3
1.5
6.3
1.5
6.0
ns
tPLZ
GBA, GAB to Bus
tPLH
Propagation Delay
2.0
9.0
2.0
6.3
1.5
5.7
1.5
5.2
ns
tPHL
Clock to Bus
tPLH
Propagation Delay
2.0
9.5
2.0
7.7
1.5
6.2
1.5
5.8
ns
tPHL
SBA or SAB to Bus
tSU
Setup Time HIGH or
4.0
2.0
2.0
2.0
ns
LOW, BUS to Clock
tH
Hold Time HIGH or
2.0
1.5
1.5
1.5
ns
LOW, Bus to Clock
tW
Clock Pulse Width(3)
6.0
5.0
5.0
5.0
ns
HIGH or LOW
Notes:
1. See test circuit and wave forms.
2. Minimum limits are guaranteed but not tested on Propagation Delays.
3. This parameter is guaranteed but not production tested.
Pericom Semiconductor Corporation
2380 Bering Drive • San Jose, CA 95131 • 1-800-435-2336 • Fax (408) 435-1100 • http://www.pericom.com


Similar Part No. - PI74FCT648T

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI74FCT640T PERICOM-PI74FCT640T Datasheet
248Kb / 4P
   Fast CMOS Octal Bidirectional Transceivers
PI74FCT645T PERICOM-PI74FCT645T Datasheet
248Kb / 4P
   Fast CMOS Octal Bidirectional Transceivers
More results

Similar Description - PI74FCT648T

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT29FCT52A IDT-IDT29FCT52A Datasheet
62Kb / 7P
   FAST CMOS OCTAL REGISTERED TRANSCEIVERS
IDT29FCT52AT IDT-IDT29FCT52AT Datasheet
125Kb / 8P
   FAST CMOS OCTAL REGISTERED TRANSCEIVERS
logo
Pericom Semiconductor C...
PI74LPT16501 PERICOM-PI74LPT16501 Datasheet
56Kb / 5P
   Fast CMOS 18-Bit Registered Transceivers
PI74FCT162646 PERICOM-PI74FCT162646 Datasheet
216Kb / 8P
   Fast CMOS 16-Bit Registered Transceivers
logo
Integrated Device Techn...
IDT74FCT245 IDT-IDT74FCT245 Datasheet
70Kb / 7P
   FAST CMOS OCTAL BIDIRECTIONAL TRANSCEIVERS
logo
Pericom Semiconductor C...
PI74FCT245T PERICOM-PI74FCT245T Datasheet
248Kb / 4P
   Fast CMOS Octal Bidirectional Transceivers
logo
Integrated Device Techn...
IDT54FCT245 IDT-IDT54FCT245_02 Datasheet
85Kb / 7P
   FAST CMOS OCTAL BIDIRECTIONAL TRANSCEIVERS
IDT74FCT245T IDT-IDT74FCT245T Datasheet
160Kb / 8P
   FAST CMOS OCTAL BIDIRECTIONAL TRANSCEIVERS
logo
Pericom Semiconductor C...
PI74FCT245TQEX PERICOM-PI74FCT245TQEX Datasheet
563Kb / 7P
   Fast CMOS Octal Bidirectional Transceivers
PI74LPT16646 PERICOM-PI74LPT16646 Datasheet
75Kb / 6P
   Fast CMOS 3.3V 16-Bit Registered Transceivers
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com