Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SN74HC165-Q1 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part No. SN74HC165-Q1
Description  8-BIT PARALLEL-LOAD SHIFT REGISTER
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI [Texas Instruments]
Homepage  http://www.ti.com
Logo TI - Texas Instruments

SN74HC165-Q1 Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN74HC165-Q1 Datasheet HTML 2Page - Texas Instruments SN74HC165-Q1 Datasheet HTML 3Page - Texas Instruments SN74HC165-Q1 Datasheet HTML 4Page - Texas Instruments SN74HC165-Q1 Datasheet HTML 5Page - Texas Instruments SN74HC165-Q1 Datasheet HTML 6Page - Texas Instruments SN74HC165-Q1 Datasheet HTML 7Page - Texas Instruments SN74HC165-Q1 Datasheet HTML 8Page - Texas Instruments SN74HC165-Q1 Datasheet HTML 9Page - Texas Instruments SN74HC165-Q1 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
SN74HC165Q1
8BIT PARALLELLOAD SHIFT REGISTER
SCLS518 − AUGUST 2003
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
timing requirements over recommended operating free-air temperature range (unless otherwise
noted)
VCC
TA = 25°C
MIN
MAX
UNIT
VCC
MIN
MAX
MIN
MAX
UNIT
2 V
6
4.2
fclock
Clock frequency
4.5 V
31
21
MHz
fclock
Clock frequency
6 V
36
25
MHz
2 V
80
120
SH/LD low
4.5 V
16
24
tw
Pulse duration
SH/LD low
6 V
14
20
ns
tw
Pulse duration
2 V
80
120
ns
CLK high or low
4.5 V
16
24
CLK high or low
6 V
14
20
2 V
80
120
SH/LD high before CLK
4.5 V
16
24
SH/LD high before CLK
6 V
14
20
2 V
40
60
SER before CLK
4.5 V
8
12
SER before CLK
6 V
7
10
2 V
100
150
tsu
Setup time
CLK INH low before CLK
4.5 V
20
30
ns
tsu
Setup time
CLK INH low before CLK
6 V
17
25
ns
2 V
40
60
CLK INH high before CLK
4.5 V
8
12
CLK INH high before CLK
6 V
7
10
2 V
100
150
Data before SH/LD
4.5 V
20
30
Data before SH/LD
6 V
17
26
2 V
5
5
SER data after CLK
4.5 V
5
5
th
Hold time
SER data after CLK
6 V
5
5
ns
th
Hold time
2 V
5
5
ns
PAR data after SH/LD
4.5 V
5
5
PAR data after SH/LD
6 V
5
5


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MM54C165Parallel-Load 8-Bit Shift Register 1 2 3 4 5 MoreNational Semiconductor (TI)
HD74HC165Parallel-load 8-bit Shift Register 1 2 3 4 5 MoreHitachi Semiconductor
HD74LS165AParallel-Load 8-bit Shift Register 1 2 3 4 5 MoreHitachi Semiconductor
HD74HC166Parallel-load 8-bit Shift Register 1 2 3 4 5 MoreHitachi Semiconductor
MM74C165Parallel-Load 8-Bit Shift Register 1 2 3 4 5 MoreFairchild Semiconductor
HD74LV165AParallel-Load 8-bit Shift Register 1 2 3 4 5 MoreHitachi Semiconductor
HD74LV166AParallel-Load 8-bit Shift Register 1 2 3 4 5 MoreHitachi Semiconductor
SN74ALS166PARALLEL-LOAD 8-BIT SHIFT REGISTER 1 2 3 4 5 MoreTexas Instruments
HD74AC165Parallel-Load 8-bit Shift Register 1 2 3 4 5 MoreHitachi Semiconductor
74F1988-bit bidirectional universal shift register 1 2 3 4 5 MoreNXP Semiconductors

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn