Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SN74HC165-Q1 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part No. SN74HC165-Q1
Description  8-BIT PARALLEL-LOAD SHIFT REGISTER
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI [Texas Instruments]
Homepage  http://www.ti.com
Logo TI - Texas Instruments

SN74HC165-Q1 Datasheet(HTML) 4 Page - Texas Instruments

  SN74HC165-Q1 Datasheet HTML 1Page - Texas Instruments SN74HC165-Q1 Datasheet HTML 2Page - Texas Instruments SN74HC165-Q1 Datasheet HTML 3Page - Texas Instruments SN74HC165-Q1 Datasheet HTML 4Page - Texas Instruments SN74HC165-Q1 Datasheet HTML 5Page - Texas Instruments SN74HC165-Q1 Datasheet HTML 6Page - Texas Instruments SN74HC165-Q1 Datasheet HTML 7Page - Texas Instruments SN74HC165-Q1 Datasheet HTML 8Page - Texas Instruments SN74HC165-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
SN74HC165Q1
8BIT PARALLELLOAD SHIFT REGISTER
SCLS518 − AUGUST 2003
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Supply voltage range, VCC
−0.5 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input clamp current, IIK (VI < 0 or VI > VCC) (see Note 1)
±20 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output clamp current, IOK (VO < 0 or VO > VCC) (see Note 1)
±20 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous output current, IO (VO = 0 to VCC)
±25 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous current through VCC or GND
±50 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Package thermal impedance,
θJA (see Note 2): D package
73
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
PW package
108
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
−65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTES:
1. The input and output voltage ratings may be exceeded if the input and output current ratings are observed.
2. The package thermal impedance is calculated in accordance with JESD 51-7.
recommended operating conditions (see Note 3)
MIN
NOM
MAX
UNIT
VCC
Supply voltage
2
5
6
V
VCC = 2 V
1.5
VIH
High-level input voltage
VCC = 4.5 V
3.15
V
VIH
High-level input voltage
VCC = 6 V
4.2
V
VCC = 2 V
0.5
VIL
Low-level input voltage
VCC = 4.5 V
1.35
V
VIL
Low-level input voltage
VCC = 6 V
1.8
V
VI
Input voltage
0
VCC
V
VO
Output voltage
0
VCC
V
VCC = 2 V
1000
∆t/∆v‡ Input transition rise/fall time
VCC = 4.5 V
500
ns
∆t/∆v‡ Input transition rise/fall time
VCC = 6 V
400
ns
TA
Operating free-air temperature
−40
125
°C
NOTE 3: All unused inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs, literature number SCBA004.
‡ If this device is used in the threshold region (from VILmax = 0.5 V to VIHmin = 1.5 V), there is a potential to go into the wrong state from induced
grounding, causing double clocking. Operating with the inputs at tt = 1000 ns and VCC = 2 V does not damage the device; however, functionally,
the CLK inputs are not ensured while in the shift, count, or toggle operating modes.


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MM54C165Parallel-Load 8-Bit Shift Register 1 2 3 4 5 MoreNational Semiconductor (TI)
HD74HC165Parallel-load 8-bit Shift Register 1 2 3 4 5 MoreHitachi Semiconductor
HD74LS165AParallel-Load 8-bit Shift Register 1 2 3 4 5 MoreHitachi Semiconductor
HD74HC166Parallel-load 8-bit Shift Register 1 2 3 4 5 MoreHitachi Semiconductor
MM74C165Parallel-Load 8-Bit Shift Register 1 2 3 4 5 MoreFairchild Semiconductor
HD74LV165AParallel-Load 8-bit Shift Register 1 2 3 4 5 MoreHitachi Semiconductor
HD74LV166AParallel-Load 8-bit Shift Register 1 2 3 4 5 MoreHitachi Semiconductor
SN74ALS166PARALLEL-LOAD 8-BIT SHIFT REGISTER 1 2 3 4 5 MoreTexas Instruments
HD74AC165Parallel-Load 8-bit Shift Register 1 2 3 4 5 MoreHitachi Semiconductor
74F1988-bit bidirectional universal shift register 1 2 3 4 5 MoreNXP Semiconductors

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn