Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74LV126PW Datasheet(PDF) 6 Page - NXP Semiconductors

Part # 74LV126PW
Description  Quad buffer/line driver 3-State
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LV126PW Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button 74LV126PW Datasheet HTML 2Page - NXP Semiconductors 74LV126PW Datasheet HTML 3Page - NXP Semiconductors 74LV126PW Datasheet HTML 4Page - NXP Semiconductors 74LV126PW Datasheet HTML 5Page - NXP Semiconductors 74LV126PW Datasheet HTML 6Page - NXP Semiconductors 74LV126PW Datasheet HTML 7Page - NXP Semiconductors 74LV126PW Datasheet HTML 8Page - NXP Semiconductors 74LV126PW Datasheet HTML 9Page - NXP Semiconductors 74LV126PW Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Philips Semiconductors
Product specification
74LV126
Quad buffer/line driver (3-State)
1998 Apr 28
6
AC WAVEFORMS
VM = 1.5 V at VCC ≥ 2.7 V and ≤ 3.6 V;
VM = 0.5 × VCC at VCC < 2.7 V and ≥ 4.5 V;
VOL and VOH are the typical output voltage drop that occur with the
output load.
VX = VOL + 0.3 V at VCC ≥ 2.7 V and ≤ 3.6 V;
VX = VOL + 0.1 × VCC at VCC < 2.7 V and ≥ 4.5 V.
VY = VOH – 0.3 V at VCC ≥ 2.7 V and ≤ 3.6 V;
VY = VOH – 0.1 × VCC at VCC < 2.7 V and ≥ 4.5 V.
SV00487
nA INPUT
nY OUTPUT
GND
V
I
V
OL
V
OH
t
PHL
t
PLH
V
M
V
M
Figure 1.
Input (nA, nB) to output (nY) propagation delays
SV00488
outputs
disabled
outputs
enabled
outputs
enabled
t
PHZ
t
PZL
t PLZ
V
X
V
Y
V
M
V
M
V
M
nOE INPUT
VI
GND
V
CC
V
OL
VOH
GND
OUTPUT
HIGH-to-OFF
OFF-to-HIGH
OUTPUT
LOW-to-OFF
OFF-to-LOW
t
PZH
Figure 2.
3-state enable and disable times.
TEST CIRCUIT
SWITCH POSITION
PULSE
GENERATOR
RT
VI
D.U.T.
VO
CL
RL = 1k
VCC
Test Circuit for Outputs
DEFINITIONS
VCC
VI
< 2.7V
VCC
TEST
tPLH/tPHL
RT = Termination resistance should be equal to ZOUT of pulse generators.
2.7V
2.7–3.6V
w 4.5V
VCC
50 pF
SV00896
S1
tPLZ/tPZL
tPHZ/tPZH
Open
2 * VCC
GND
RL = 1k
Open
2 * VCC
GND
RL = Load resistor
CL = Load capacitance includes jig and probe capacitiance.
Figure 3.
Load circuitry for switching times.


Similar Part No. - 74LV126PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74LV126A TI-74LV126A Datasheet
395Kb / 17P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATES WITH 3 STATE OUTPUTS
More results

Similar Description - 74LV126PW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AHC125 PHILIPS-74AHC125 Datasheet
78Kb / 16P
   Quad buffer/line driver; 3-state
1999 Sep 27
74HC126 PHILIPS-74HC126 Datasheet
40Kb / 6P
   Quad buffer/line driver; 3-state
December 1990
logo
Nexperia B.V. All right...
74AHC125-Q100 NEXPERIA-74AHC125-Q100 Datasheet
822Kb / 17P
   Quad buffer/line driver; 3-state
logo
NXP Semiconductors
74VHC_VHCT125 PHILIPS-74VHC_VHCT125_15 Datasheet
464Kb / 15P
   Quad buffer/line driver; 3-state
Rev. 02-13 October 2009
74VHC_VHCT126 PHILIPS-74VHC_VHCT126_15 Datasheet
98Kb / 15P
   Quad buffer/line driver; 3-state
Rev. 01-13 August 2009
logo
Nexperia B.V. All right...
74ALVC125-Q100 NEXPERIA-74ALVC125-Q100 Datasheet
804Kb / 15P
   Quad buffer/line driver 3-state
74ALVC125 NEXPERIA-74ALVC125 Datasheet
242Kb / 13P
   Quad buffer/line driver; 3-state
Rev. 4 - 30 April 2021
logo
NXP Semiconductors
74LV125 PHILIPS-74LV125 Datasheet
111Kb / 12P
   Quad buffer/line driver 3-State
1998 Apr 28
74HC_HCT125 PHILIPS-74HC_HCT125_15 Datasheet
184Kb / 17P
   Quad buffer/line driver; 3-state
Rev. 5-19 January 2015
74HC125D NXP-74HC125D Datasheet
41Kb / 6P
   Quad buffer/line driver; 3-state
December 1990
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com